Zakładka z wyszukiwarką danych komponentów |
|
74VCXH1632245TTR Arkusz danych(PDF) 8 Page - STMicroelectronics |
|
74VCXH1632245TTR Arkusz danych(HTML) 8 Page - STMicroelectronics |
8 / 17 page 74VCXH1632245 8/17 Table 9: Capacitance Characteristics 1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average current can be obtained by the following equation. ICC(opr) =CPD xVCC xfIN +ICC/16 (per circuit) Figure 3: Test Circuit CL = 30pF or equivalent (includes jig and probe capacitance) RL =R1 =500Ω or equivalent RT =ZOUT of pulse generator (typically 50Ω) Table 10: Waveform Symbol Value Symbol Parameter Test Condition Value Unit VCCA (V) VCCB (V) TA =25 °C -40to85°C Min. Typ. Max. Min. Max. CINB Input Capacitance open open 5 pF CI/O Input/Output Capacitance 3.3 2.5 6 pF CPD Power Dissipation Capacitance 3.3 2.5 f=10MHz 29 pF 3.3 1.8 29 TEST SWITCH tPLH,tPHL Open tPZL,tPLZ (VCC = 3.0 to 3.6V) 6V tPZL,tPLZ (VCC = 2.3 to 2.7V or VCC =1.65to1.95V) 2VCC tPZH,tPHZ GND Symbol VCC 3.0 to 3.6V 2.3 to 2.7V 1.65 to 1.95V VIH VCC VCC VCC VM 1.5V VCC/2 VCC/2 VX VOL +0.3V VOL +0.15V VOL +0.15V VY VOL -0.3V VOL -0.15V VOL -0.15V |
Podobny numer części - 74VCXH1632245TTR |
|
Podobny opis - 74VCXH1632245TTR |