Zakładka z wyszukiwarką danych komponentów |
|
8TWS04STRL Arkusz danych(PDF) 3 Page - International Rectifier |
|
8TWS04STRL Arkusz danych(HTML) 3 Page - International Rectifier |
3 / 6 page 3 8TWS..S SAFEIR Series Preliminary Data Sheet I2132 rev. C 10/99 Thermal-Mechanical Specifications T J Max.Junction Temperature Range - 40 to 125 °C T stg Max. Storage Temperature Range - 40 to 125 Soldering Temperature 240 °C for 10 seconds (1.6mm from case) R thJC Max. Thermal Resistance Junction 2.0 °C/W DC operation to Case R thJA Max. Thermal Resistance Junction 65 °C/W to Ambient (PCB Mount)** wt ApproximateWeight 1(0.03) g(oz.) T Case Style TO-252AA(D-PAK) Parameters 8TWS..S Units Conditions Triggering P GM Max. peak Gate Power 8.0 W PG(AV) Max. average Gate Power 2.0 + I GM Max. paek positive Gate Current 1.5 A - VGM Max. paek negative Gate Voltage 10 V IGT Max. required DC Gate Current 20 mA Anode supply = 6V, resistive load, TJ = - 10°C to trigger 15 Anode supply = 6V, resistive load, TJ = 25°C 10 Anode supply = 6V, resistive load, T J = 125°C VGT Max. required DC Gate Voltage 1.2 V Anode supply = 6V, resistive load, TJ = - 10°C to trigger 1 Anode supply = 6V, resistive load, T J = 25°C 0.75 Anode supply = 6V, resistive load, T J = 125°C VGD Max. DC Gate Voltage not to trigger 0.20 TJ = 125°C, VDRM = rated value IGD Max. DC Gate Current not to trigger 0.10 mA TJ = 125°C, VDRM = rated value Parameters 8TWS..S Units Conditions Switching Parameters 8TWS..S Units Conditions t gt Typical turn-on time 0.8 µs T J = 25°C t rr Typical reverse recovery time 3 T J = 125°C t q Typical turn-off time 100 **Whenmountedon1"square(650mm2)PCBofFR-4orG-10material4oz(140µm)copper40°C/W Forrecommendedfootprintandsolderingtechniquesrefertoapplicationnote#AN-994 |
Podobny opis - 8TWS04STRL |