Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MXR7311GL Arkusz danych(PDF) 5 Page - List of Unclassifed Manufacturers

Numer części MXR7311GL
Szczegółowy opis  Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Analog Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

MXR7311GL Arkusz danych(HTML) 5 Page - List of Unclassifed Manufacturers

  MXR7311GL Datasheet HTML 1Page - List of Unclassifed Manufacturers MXR7311GL Datasheet HTML 2Page - List of Unclassifed Manufacturers MXR7311GL Datasheet HTML 3Page - List of Unclassifed Manufacturers MXR7311GL Datasheet HTML 4Page - List of Unclassifed Manufacturers MXR7311GL Datasheet HTML 5Page - List of Unclassifed Manufacturers MXR7311GL Datasheet HTML 6Page - List of Unclassifed Manufacturers MXR7311GL Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MEMSIC MXR7311GL Rev.D
Page 5 of 5
2004.03.15
USING THE MXR7311GL WITH OPERATING
VOLTAGES OTHER THAN 3V
The MXR7311GL is tested and specified at VDD=3V;
however, it can be powered with VDD as low as 2.7V or as
high as 5.25V. Some performance parameters will change
as the supply voltage is varied. The MXR7311GL output
sensitivity will be linearly proportional to supply voltage.
At 5V the output sensitivity is typically 278mV/g. The zero
g bias output is also ratiometric, so the zero g is normally
equal to VDD/2 at all supply voltages.
EXTERNAL FILTERS
AC Coupling: For applications where only dynamic
accelerations (vibration) are to be measured, it is
recommended to ac couple the accelerometer output as
shown in Figure 3. The advantage of ac coupling is that
zero g offset variations from part to part and zero g offset
change over temperature can be eliminated. Figure 3 is a
HFP (high pass filter) with a –3dB breakpoint given by the
equation:
RC
f
π
2
1
=
. In many applications it may be
desirable to have the HFP –3dB point at a very low
frequency in order to detect very low frequency
accelerations. Sometimes the implementation of this HFP
may result in unreasonably large capacitors, and the
designer may turn to digital implementations of HFPs
where very low frequency –3dB breakpoints can be
achieved.
A
OUTX
R
C
A
OUTY
R
C
A
OUTX
Filtered
Output
A
OUTY
Filtered
Output
Figure 3: High Pass Filter
Low Pass Filter: An external low pass filter would be
useful in low frequency applications such as tilt or
inclination. The low pass filter limits the noise floor and
improves the resolution of the accelerometer. The low pass
filter shown in Figure 4 has a –3dB breakpoint given by the
equation:
RC
f
π
2
1
=
. For the 200 Hz ratiometric output
device filter, C=0.1
µF and R=8kΩ, ±5%, 1/8W.
A
OU T X
R
C
A
OU T Y
R
C
A
OU T X
F iltered
Ou tpu t
A
OU T Y
F iltered
Outpu t
Figure 4: Low Pass Filter
POWER SUPPLY NOISE REJECTION
One capacitor is recommended for best rejection of power
supply noise (reference Figure 5 below). The capacitor
should be located as close as possible to the device supply
pin (VDD). The capacitor lead length should be as short as
possible, and surface mount capacitor is preferred. For
typical applications, the capacitor can be ceramic 0.1 µF.
Figure 5: Power Supply Noise Rejection
PCB LAYOUT AND FABRICATION SUGGESTIONS
1. Liberal use of ceramic bypass capacitors is
recommended.
2. Robust low inductance ground wiring should be used.
3. Care should be taken to ensure there is “thermal
symmetry” on the PCB immediately surrounding the
MEMSIC device and that there is no significant heat
source nearby.
4. A metal ground plane should be added directly beneath
the MEMSIC device. The size of the plane should be
similar to the MEMSIC device’s footprint and be as
thick as possible.
5. Vias can be added symmetrically around the ground
plane. Vias increase thermal isolation of the device
from the rest of the PCB.


Podobny numer części - MXR7311GL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MEMSIC Semiconductor (T...
MXR7305VF MEMSIC-MXR7305VF Datasheet
121Kb / 6P
   Improved Low Cost 짹5 g Dual-Axis Accelerometer with Ratiometric Analog Outputs
Rev.A
More results

Podobny opis - MXR7311GL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MXR7202G ETC1-MXR7202G Datasheet
220Kb / 8P
   Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Analog Outputs
MXR7210G ETC1-MXR7210G Datasheet
104Kb / 8P
   Low Cost, Low Noise 짹10 g Dual Axis Accelerometer with Ratiometric Analog Outputs
MXR2312G ETC1-MXR2312G Datasheet
821Kb / 6P
   Improved, Ultra Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Outputs
MXD7202GL ETC1-MXD7202GL Datasheet
549Kb / 10P
   Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Digital Outputs
logo
MEMSIC Semiconductor (T...
MXR7305VF MEMSIC-MXR7305VF Datasheet
121Kb / 6P
   Improved Low Cost 짹5 g Dual-Axis Accelerometer with Ratiometric Analog Outputs
Rev.A
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
   Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
MXR7999VW MEMSIC-MXR7999VW Datasheet
367Kb / 6P
   Low Cost Dual-Axis Accelerometer with Ratiometric Outputs
Rev C
logo
Analog Devices
ADXL311 AD-ADXL311 Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
logo
List of Unclassifed Man...
MXR9500G ETC1-MXR9500G Datasheet
243Kb / 5P
   Low Cost 짹1.5 g Tri Axis Accelerometer with Ratiometric Outputs
MXA6500G ETC1-MXA6500G Datasheet
84Kb / 6P
   Low Cost, Low Noise 짹1 g Dual Axis Accelerometer with Absolute Analog Outputs
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com