Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC3564CT Arkusz danych(PDF) 3 Page - Sanyo Semicon Device

Numer części LC3564CT
Szczegółowy opis  64K (8192-word x 8-bit) SRAM with OE, CE1, and CE2 Control Pins
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC3564CT Arkusz danych(HTML) 3 Page - Sanyo Semicon Device

  LC3564CT Datasheet HTML 1Page - Sanyo Semicon Device LC3564CT Datasheet HTML 2Page - Sanyo Semicon Device LC3564CT Datasheet HTML 3Page - Sanyo Semicon Device LC3564CT Datasheet HTML 4Page - Sanyo Semicon Device LC3564CT Datasheet HTML 5Page - Sanyo Semicon Device LC3564CT Datasheet HTML 6Page - Sanyo Semicon Device LC3564CT Datasheet HTML 7Page - Sanyo Semicon Device LC3564CT Datasheet HTML 8Page - Sanyo Semicon Device LC3564CT Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
No. 6635-3/11
LC3564CM, CT-55U/70U
Block Diagram
Memory cell array
Output
buffer
Input
data
buffer
Data control
circuit
Control
circuit
A0 to A12
I/O1 to I/O8
VCC
GND
CE1
CE2
WE
OE
A13512
Pin Functions
A0 to A12
Address inputs
WE
Read/write control input
OE
Output enable input
CE1, CE2
Chip enable inputs
I/O1 to I/O8
Data I/O
VCC, GND
Power supply and ground
Function Table
X : H or L
Mode
CE1
CE2
OE
WE
I/O
Supply current
Read cycle
L
H
L
H
Data output
ICCA
Write cycle
L
H
X
L
Data input
ICCA
Output disable
L
H
H
H
High impedance
ICCA
Not selected
H
X
X
X
High impedance
ICCS
X
L
X
X
High impedance
ICCS


Podobny numer części - LC3564CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC3564B SANYO-LC3564B Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564BM SANYO-LC3564BM Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564BS SANYO-LC3564BS Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564BT SANYO-LC3564BT Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564BT-10 SANYO-LC3564BT-10 Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
More results

Podobny opis - LC3564CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC3564B SANYO-LC3564B Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC35256D-10 SANYO-LC35256D-10 Datasheet
108Kb / 8P
   Dual Control Pins: OE and CE 256K (32768-word X 8-bit) SRAM
LC3564S SANYO-LC3564S Datasheet
239Kb / 10P
   64K (8192 words x 8 bits) SRAM?
LC3564RM SANYO-LC3564RM Datasheet
442Kb / 10P
   64K (8192 words x 8 bits) SRAM
LC35W256EM SANYO-LC35W256EM Datasheet
46Kb / 6P
   256K (32K words x 8 bits) SRAM Control pins: OE and CE
LC35V256EM SANYO-LC35V256EM Datasheet
46Kb / 6P
   256K (32K words x 8 bits) SRAM Control pins: OE and CE
LC35256FT SANYO-LC35256FT Datasheet
60Kb / 7P
   256K (32768 words X 8 bits) SRAM Control Pins: OE and CE
LC35256A SANYO-LC35256A Datasheet
181Kb / 8P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins
LC35256AM SANYO-LC35256AM Datasheet
174Kb / 7P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins?
LC35256FM SANYO-LC35256FM Datasheet
49Kb / 7P
   256K (32768 words 8 bits) SRAM Control Pins: OE and CE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com