Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STP16CP596B1R Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części STP16CP596B1R
Szczegółowy opis  LOW VOLTAGE 16-BIT CONSTANT CURRENT LED SINK DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

STP16CP596B1R Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  STP16CP596B1R Datasheet HTML 1Page - List of Unclassifed Manufacturers STP16CP596B1R Datasheet HTML 2Page - List of Unclassifed Manufacturers STP16CP596B1R Datasheet HTML 3Page - List of Unclassifed Manufacturers STP16CP596B1R Datasheet HTML 4Page - List of Unclassifed Manufacturers STP16CP596B1R Datasheet HTML 5Page - List of Unclassifed Manufacturers STP16CP596B1R Datasheet HTML 6Page - List of Unclassifed Manufacturers STP16CP596B1R Datasheet HTML 7Page - List of Unclassifed Manufacturers STP16CP596B1R Datasheet HTML 8Page - List of Unclassifed Manufacturers STP16CP596B1R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
STP16CP596
2/18
Table 2: Typical Current Accuracy
Figure 1: Pin Connection (Note 1)
Note 1: The exposed Pad is electrically not connected.
Table 3: Pin Description
Output Voltage
Output Current
Between Bits
Between ICs
≥ 0.1V
3 mA/VCC = 5V
± 3%
± 6%
≥ 0.15V
5 mA/VCC = 5V
± 2%
± 6%
≥ 0.25V
10 mA/VCC = 5V
± 2%
± 6%
≥ 0.5V
20 mA/VCC = 5V
± 1%
± 6%
≥ 1.2V
40 mA/VCC = 5V
± 1%
± 6%
≥ 1.4V
50 mA/VCC = 5V
± 1%
± 6%
PIN N°
Symbol
Name and Function
1
GND
Ground Terminal
2
SDI
Serial data input terminal
3
CLK
Clock input terminal
4
/LE
Latch input terminal
5-20
OUT 0-15
Output terminal
21
/OE
Input terminal of output enable (active low)
22
SDO
Serial data out terminal
23
R-EXT
Input terminal of an external resistor for constant current programing
24
VDD
Supply voltage terminal


Podobny numer części - STP16CP596B1R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STP16CP596B1R STMICROELECTRONICS-STP16CP596B1R Datasheet
379Kb / 26P
   Low voltage 16-Bit, constant current LED sink driver
More results

Podobny opis - STP16CP596B1R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
   Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
STAP16DPPS05 STMICROELECTRONICS-STAP16DPPS05 Datasheet
997Kb / 33P
   Low voltage 16-bit constant current LED sink driver
STAP16DPS05 STMICROELECTRONICS-STAP16DPS05 Datasheet
1Mb / 34P
   Low voltage 16-bit constant current LED sink driver
November 2015 Rev 6
STP16CP596 STMICROELECTRONICS-STP16CP596_06 Datasheet
379Kb / 26P
   Low voltage 16-Bit, constant current LED sink driver
STP16CL596 STMICROELECTRONICS-STP16CL596 Datasheet
558Kb / 18P
   LOW VOLTAGE 16-BIT CONSTANT CURRENT LED SINK DRIVER
STP16CP05 STMICROELECTRONICS-STP16CP05 Datasheet
571Kb / 26P
   Low voltage 16-Bit constant current LED sink driver
STP16CP05XTTR STMICROELECTRONICS-STP16CP05XTTR Datasheet
658Kb / 27P
   Low voltage 16-bit constant current LED sink driver
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com