Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

9303 Arkusz danych(PDF) 2 Page - Peregrine Semiconductor Corp.

Numer części 9303
Szczegółowy opis  3.5 GHz Low Power CMOS Divide-by-8 Prescaler For RAD-Hard Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PEREGRINE [Peregrine Semiconductor Corp.]
Strona internetowa  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

9303 Arkusz danych(HTML) 2 Page - Peregrine Semiconductor Corp.

  9303 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 9303 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 9303 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 9303 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 9303 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 9303 Datasheet HTML 6Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Product Specification
PE9303
Page 2 of 9
©2003-2012 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0052-02 │ UltraCMOS® RFIC Solutions
Table 2. Pin Descriptions
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS®
devices are immune to latch-up.
Figure 3. Pin Configuration
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS® device, observe
the same precautions that you would use with
other ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the rating specified in Table 3.
PE9303
1
2
3
4
8
7
6
5
IN
GND
DEC
GND
OUT
VDD
GND
GND
Pin No.
Pin
Name
Description
1
VDD
Power supply pin. Bypassing is required.
2
IN
Input signal pin. Should be coupled with a
capacitor (eg 15 pF).
3
DEC
Power supply decoupling pin. Place
capacitors as close as possible and connect
directly to the ground plane (eg 10 nF &
10 pF).
4
GND
Ground pin. Ground pattern on the board
should be as wide as possible to reduce
ground impedance.
5
GND
Ground pin
6
GND
Ground pin
7
OUT
Divided frequency output pin. This pin should
be coupled with a capacitor
(eg 100 pF).
8
GND
Ground Pin
Table 3. Absolute Maximum Ratings
Absolute Maximum Ratings are those values
listed in the above table. Exceeding these values
may cause permanent device damage. Functional
operation should be restricted to the limits in the
DC Electrical Specifications table. Exposure to
absolute maximum ratings for extended periods
may affect device reliability.
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Supply voltage
4.0
V
TST
Storage temperature range
-65
150
°C
TOP
Operating temperature
range
-40
85
°C
VESD
ESD voltage (Human Body
Model)
250
V
PINMAX
Maximum input power
10
dBm


Podobny numer części - 9303

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bi technologies
9303 BITECH-9303 Datasheet
60Kb / 4P
   1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
logo
Keystone Electronics Co...
9303 KEYSTONE-9303 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
Heyco.
9303 HEYCO-9303 Datasheet
152Kb / 2P
   Snap Rivets
logo
Molex Electronics Ltd.
93032-0010 MOLEX-93032-0010 Datasheet
233Kb / 2P
   Compliant Pin Header For Press-Fit Application
93032-0014 MOLEX-93032-0014 Datasheet
233Kb / 2P
   Compliant Pin Header For Press-Fit Application
More results

Podobny opis - 9303

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Peregrine Semiconductor...
PE9301 PEREGRINE-PE9301 Datasheet
556Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-2 Prescaler For RAD-Hard Applications
logo
Peregrine Semiconductor
PE9303 PSEMI-PE9303 Datasheet
211Kb / 9P
   1.5 - 3.5 GHz Low Power UltraCMOS Divide-by-8 Prescaler Rad-hard for Space Application
logo
Peregrine Semiconductor...
PE83503 PEREGRINE-PE83503 Datasheet
246Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-8 Prescaler
PE9308 PEREGRINE-PE9308 Datasheet
174Kb / 7P
   13.5 GHz Low Power UltraCMOS??Divide-by-4 Prescaler for RAD-Hard Space Applications
logo
Peregrine Semiconductor
PE9313 PSEMI-PE9313 Datasheet
168Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE83502 PEREGRINE-PE83502 Datasheet
247Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-4 Prescaler
PE83501 PEREGRINE-PE83501 Datasheet
269Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-2 Prescaler
PE9313 PEREGRINE-PE9313 Datasheet
179Kb / 7P
   1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler Rad hard for Space Applications
PE9304 PEREGRINE-PE9304_06 Datasheet
213Kb / 6P
   1 GHz - 7 GHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor
PE9304 PSEMI-PE9304 Datasheet
216Kb / 6P
   1 GHz - 7 GHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com