Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

9304-00 Arkusz danych(PDF) 1 Page - Peregrine Semiconductor Corp.

Numer części 9304-00
Szczegółowy opis  1- 7 GHz Low Power CMOS Divide-by-2 Prescaler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PEREGRINE [Peregrine Semiconductor Corp.]
Strona internetowa  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

9304-00 Arkusz danych(HTML) 1 Page - Peregrine Semiconductor Corp.

  9304-00 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 9304-00 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 9304-00 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 9304-00 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 9304-00 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 9304-00 Datasheet HTML 6Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document No. 70-0152-02
│ www.psemi.com
Page 1 of 7
©2003-2006 Peregrine Semiconductor Corp. All rights reserved.
VDD = 3.0 V, -40° C ≤ TA ≤ 85° C, unless otherwise specified
The PE9304 is a high-performance UltraCMOS™ prescaler
with a fixed divide ratio of 2. Its operating frequency range is
1000 MHz to 7000 MHz. The PE9304 operates on a nominal
3 V supply and draws only 13.5 mA. It is packaged in a small
8-lead ceramic SOIC and is ideal for frequency scaling and
clock generation solutions.
The PE9301 is manufactured on Peregrine’s UltraCMOS™
process, a patented variation of silicon-on-insulator (SOI)
technology on a sapphire substrate, offering the performance
of GaAs with the economy and integration of conventional
CMOS.
Product Specification
1 GHz - 7 GHz Low Power UltraCMOS™
Divide-by-2 Prescaler
Rad-hard for Space Applications
Product Description
Figure 1. Functional Diagram
Features
Fixed divide ratio of 2
Low-power operation: 13.5 mA typical
@ 3 V
Small package: 8-lead Ceramic SOIC
Guaranteed 100 Krads(Si) Total Dose
Performance
Superior Single Event Upset Immunity
Table 1. Electrical Specifications (ZS = ZL = 50 Ω)
PE9304
Figure 2. Package Type
8-lead CSOIC
Parameter
Conditions
Minimum
Typical
Maximum
Units
Supply Voltage
2.85
3.0
3.15
V
Supply Current
13.5
18.0
mA
Input Frequency (FIN)
1
7
GHz
Input Sensitivity (PIN)
1000 MHz
≤ F
IN < 2000 MHz
+5
+12
dBm
2000 MHz
≤ F
IN < 6000 MHz
0
+12
dBm
6000 MHz
≤ F
IN ≤ 7000 MHz
+5
+12
dBm
Output Power (POUT)
1000 MHz
≤ F
IN < 2000 MHz
0
dBm
2000 MHz
≤ F
IN < 6000 MHz
-7
6000 MHz
≤ F
IN ≤ 7000 MHz
-12
PREAMP
DRIVER
OUTPUT BUFFER
D
Q
CLK
CLKB
QB
OFF-CHIP
BYPASS
IN
INB
OUT
DEC
FIN
FOUT


Podobny numer części - 9304-00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Peregrine Semiconductor...
9304-00 PEREGRINE-9304-00 Datasheet
213Kb / 6P
   1 GHz - 7 GHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
More results

Podobny opis - 9304-00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Peregrine Semiconductor...
PE83501 PEREGRINE-PE83501 Datasheet
269Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-2 Prescaler
PE83502 PEREGRINE-PE83502 Datasheet
247Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-4 Prescaler
PE83503 PEREGRINE-PE83503 Datasheet
246Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-8 Prescaler
logo
California Eastern Labs
UPB1508GV CEL-UPB1508GV Datasheet
213Kb / 7P
   3.0 GHz DIVIDE BY 2 PRESCALER
logo
Peregrine Semiconductor...
PE83511 PEREGRINE-PE83511 Datasheet
278Kb / 6P
   DC - 1500MHz Low Power CMOS Divide-by-2 Prescaler
PE9304 PEREGRINE-PE9304_06 Datasheet
213Kb / 6P
   1 GHz - 7 GHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor
PE9304 PSEMI-PE9304 Datasheet
216Kb / 6P
   1 GHz - 7 GHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor...
PE9304 PEREGRINE-PE9304_15 Datasheet
216Kb / 6P
   Divide-by-2 Prescaler
logo
NEC
UPB581B NEC-UPB581B Datasheet
76Kb / 4P
   DIVIDE- BY- 2 PRESCALER
logo
Lucky Light Electronic
PE3511 LUCKY-LIGHT-PE3511_15 Datasheet
260Kb / 9P
   Divide-by-2 Prescaler
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com