Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

9311-00 Arkusz danych(PDF) 2 Page - Peregrine Semiconductor Corp.

Numer części 9311-00
Szczegółowy opis  1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler Rad hard for Space Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PEREGRINE [Peregrine Semiconductor Corp.]
Strona internetowa  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

9311-00 Arkusz danych(HTML) 2 Page - Peregrine Semiconductor Corp.

  9311-00 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 9311-00 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 9311-00 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 9311-00 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 9311-00 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 9311-00 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 9311-00 Datasheet HTML 7Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Product Specification
PE9311
Page 2 of 7
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0114-02
│ UltraCMOS™ RFIC Solutions
Table 2. Pin Descriptions
Table 3. Absolute Maximum Ratings
Device Functional Considerations
The PE9311 divides an input signal, up to a
frequency of 1500 MHz, by a factor of two thereby
producing an output frequency at half the input
frequency. To work properly at higher frequency,
the input and output signals (pins 2 & 7) must be
AC coupled via an external capacitor, as shown in
the test circuit in Figure 7. The input may be DC
coupled for low frequency operation with care
taken to remain within the specified DC input
range for the device.
The ground pattern on the board should be made
as wide as possible to minimize ground
impedance. See Figure 7 for a layout example.
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS™
devices are immune to latch-up.
Figure 3. Pin Configuration
Electrostatic Discharge (ESD) Precautions
When handling this UTSi device, observe the
same precautions that you would use with other
ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the rating specified in Table 3.
PE9311
1
2
3
4
8
7
6
5
IN
GND
N/C
GND
OUT
VDD
NC
GND
Pin No.
Pin
Name
Description
1
VDD
Power supply pin. Bypassing is required
(eg 1000 pF & 100 pF).
2
IN
Input signal pin. Should be coupled with a
capacitor (eg 1000 pF).
3
NC
No connection. This pin should be left
open.
4
GND
Ground pin. Ground pattern on the board
should be as wide as possible to reduce
ground impedance.
5
GND
Ground pin.
6
NC
No connection. This pin should be left
open.
7
OUT
Divided frequency output pin. This pin
should be coupled with a capacitor
(eg 1000 pF).
8
GND
Ground Pin.
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Supply voltage
4.0
V
Pin
Input Power
15
dBm
VIN
Voltage on input
-0.3
VDD
V
TST
Storage temperature range
-65
150
°C
TOP
Operating temperature
-40
85
°C
VESD
ESD voltage (Human Body
1000
V
Absolute Maximum Ratings are those values
listed in the above table. Exceeding these values
may cause permanent device damage.
Functional operation should be restricted to the
limits in the DC Electrical Specifications table.
Exposure to absolute maximum ratings for
extended periods may affect device reliability.


Podobny numer części - 9311-00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Amphenol SV Microwave
9311-00035 SVMICROWAVE-9311-00035 Datasheet
530Kb / 1P
   SMP SB MALE 2-PORT SURFACE MOUNT
REV.A 06/21
9311-00036 SVMICROWAVE-9311-00036 Datasheet
536Kb / 1P
   SMP SB MALE 4-PORT SURFACE MOUNT
REV.A 06/21
9311-00037 SVMICROWAVE-9311-00037 Datasheet
529Kb / 1P
   SMPM SB MALE 2-PORT SURFACE MOUNT
REV.A 06/21
More results

Podobny opis - 9311-00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Peregrine Semiconductor
PE9311 PSEMI-PE9311 Datasheet
168Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad hard for Space Applications
PE9313 PSEMI-PE9313 Datasheet
168Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler Rad hard for Space Applications
PE9312 PSEMI-PE9312 Datasheet
198Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-4 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE9312 PEREGRINE-PE9312 Datasheet
179Kb / 7P
   1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler Rad hard for Space Applications
PE9313 PEREGRINE-PE9313 Datasheet
179Kb / 7P
   1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler Rad hard for Space Applications
PE9301 PEREGRINE-PE9301_06 Datasheet
228Kb / 7P
   3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor
PE9301 PSEMI-PE9301 Datasheet
230Kb / 7P
   3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor...
PE9308 PEREGRINE-PE9308 Datasheet
174Kb / 7P
   13.5 GHz Low Power UltraCMOS??Divide-by-4 Prescaler for RAD-Hard Space Applications
PE9304 PEREGRINE-PE9304_06 Datasheet
213Kb / 6P
   1 GHz - 7 GHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor
PE9304 PSEMI-PE9304 Datasheet
216Kb / 6P
   1 GHz - 7 GHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com