Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM1117T-3.3 Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części LM1117T-3.3
Szczegółowy opis  1A LOWDROP OUT VOLTAGE REGULATOR (ADJUSTABLE & FIXED)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

LM1117T-3.3 Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  LM1117T-3.3 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM1117T-3.3 Datasheet HTML 2Page - List of Unclassifed Manufacturers LM1117T-3.3 Datasheet HTML 3Page - List of Unclassifed Manufacturers LM1117T-3.3 Datasheet HTML 4Page - List of Unclassifed Manufacturers LM1117T-3.3 Datasheet HTML 5Page - List of Unclassifed Manufacturers LM1117T-3.3 Datasheet HTML 6Page - List of Unclassifed Manufacturers LM1117T-3.3 Datasheet HTML 7Page - List of Unclassifed Manufacturers LM1117T-3.3 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1A LOWDROP OUT VOLTAGE REGULATOR (FIXED & ADJUSTABLE)
LM1117
THERMAL DATA
TYPICAL APPLICATION
ELECTRICAL CHARACTERISTICS FOR LM1117 S/T-AD(ADJUSTABLE)
(Refer to the test circuits, TJ=0 to 125℃ CO=10㎌ unless otherwise specified)
Reference Voltage
VIN - VO = 2V, IO = 100㎃, TJ = 25℃
Reference Voltage
IO = 10 to 1A, VIN - VO = 1.4 to 10V
Line Regulation
VIN - VO = 1.5 to 13.75V, IO = 10㎃
Load Regulation
VIN - VO = 3V, IO = 10mA to 1A
Temperature Stability
Long Term Stability
1000 hrs, TJ = 125℃
Operating Input Voltage
Adjustment Pin Current
VIN ≤ 15V, ILoad =10㎃
Adjustment Pin Current
Change
Minimum Load Current
VIN = 15V
Output Current
VIN - VO = 5V, TJ=25℃
Output Noise (%VO)
B = 10㎐ to 10㎑, TJ = 25℃
IO = 40㎃ , f = 120㎐, TJ = 25℃
VIN - VO = 3V, VNIPPLE = 1VPP
IO = 100㎃ , VIN=VOUT+ 0.8V
IO = 500㎃ , VIN=VOUT+ 0.8V
IO = 1A , VIN=VOUT+ 0.8V
Thermal Regulation
TA = 25℃ 30㎳ Pulse
HTC
2
V
1.3
%/W
120
Supply Voltage Rejection
SVR
75
60
ΔIADJ
VIN - VO = 1.4 to 10V, IO = 10mA to 1A
1
IO(MIN)
IADJ
50
V
%
IO
800
950
1200
V
VD
Dropout Voltage
1.00
1.15
1.0
1
1.1
EN
0.003
5
1.7
5
0.003
%
VIN
7V
ΔVO
0.3
%
ΔVO
0.5
%
ΔVO
0.1
0.4
V
ΔVO
0.035
0.2
%
VREF
1.230
1.270
PARAMETER
SYMBOL
VREF
TEST CONDITION
1.238
1.25
1.262
V
MIN.
TYP.
MAX.
UNIT
PARAMETER
SYMBOL
Thermal Resistance Junction-Case
RTHJ-CASE
15
3
UNIT
SOT-223
TO-263
VIN
LM1117
100㎌
10㎌


Podobny numer części - LM1117T-3.3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM1117T-3.3 NSC-LM1117T-3.3 Datasheet
405Kb / 21P
   800mA Low-Dropout Linear Regulator
LM1117T-3.3 NSC-LM1117T-3.3 Datasheet
921Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Texas Instruments
LM1117T-3.3 TI1-LM1117T-3.3 Datasheet
458Kb / 25P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117T-3.3 TI1-LM1117T-3.3 Datasheet
2Mb / 36P
[Old version datasheet]   800-mA Low-Dropout Linear Regulator
LM1117T-3.3/NOPB TI1-LM1117T-3.3/NOPB Datasheet
2Mb / 30P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
More results

Podobny opis - LM1117T-3.3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
First Components Intern...
LP2950 FCI-LP2950 Datasheet
592Kb / 8P
   LOWDrop Out Voltage Regulators
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
   1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1117A FAIRCHILD-FAN1117A Datasheet
49Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Sipex Corporation
AS2810 SIPEX-AS2810 Datasheet
150Kb / 7P
   1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2810 SIPEX-SPX2810 Datasheet
191Kb / 9P
   1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
STMicroelectronics
L4920 STMICROELECTRONICS-L4920 Datasheet
64Kb / 7P
   VERY LOWDROP ADJUSTABLE REGULATORS
logo
AUK corp
S1117-XXD AUK-S1117-XXD Datasheet
328Kb / 6P
   Adjustable and Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com