Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC74ACT299 Arkusz danych(PDF) 8 Page - ON Semiconductor

Numer części MC74ACT299
Szczegółowy opis  8-Input Universal Shift/ Storage Register with Common Parallel I/O Pins
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT299 Arkusz danych(HTML) 8 Page - ON Semiconductor

Back Button MC74ACT299 Datasheet HTML 4Page - ON Semiconductor MC74ACT299 Datasheet HTML 5Page - ON Semiconductor MC74ACT299 Datasheet HTML 6Page - ON Semiconductor MC74ACT299 Datasheet HTML 7Page - ON Semiconductor MC74ACT299 Datasheet HTML 8Page - ON Semiconductor MC74ACT299 Datasheet HTML 9Page - ON Semiconductor MC74ACT299 Datasheet HTML 10Page - ON Semiconductor MC74ACT299 Datasheet HTML 11Page - ON Semiconductor MC74ACT299 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MC74AC299, MC74ACT299
http://onsemi.com
8
AC OPERATING REQUIREMENTS
74ACT
74ACT
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = −40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Typ
Guaranteed Minimum
t
Setup Time, HIGH or LOW
50
50
55
ns
3−9
ts
Setu Time, HIGH or LOW
S0 or S1 to CP
5.0
5.0
5.5
ns
3−9
th
Hold Time, HIGH or LOW
50
10
10
ns
3−9
th
Hold Time, HIGH or LOW
S0 or S1 to CP
5.0
1.0
1.0
ns
3−9
t
Setup Time, HIGH or LOW
50
40
45
ns
3−9
ts
Setu Time, HIGH or LOW
I/On to CP
5.0
4.0
4.5
ns
3−9
th
Hold Time, HIGH or LOW
50
10
10
ns
3−9
th
Hold Time, HIGH or LOW
I/On to CP
5.0
1.0
1.0
ns
3−9
t
Setup Time, HIGH or LOW
50
45
50
ns
3−6
ts
Setu Time, HIGH or LOW
DS0 or DS7 to CP
5.0
4.5
5.0
ns
3−6
th
Hold Time, HIGH or LOW
50
10
10
ns
3−6
th
Hold Time, HIGH or LOW
DS0 or DS7 to CP
5.0
1.0
1.0
ns
3−6
t
CP Pulse Width
50
40
45
ns
3−9
tw
CP Pulse Width
HIGH or LOW
5.0
4.0
4.5
ns
3−9
t
MR Pulse Width LOW
50
35
35
ns
3−9
tw
MR Pulse Width, LOW
5.0
3.5
3.5
ns
3−9
t
Recovery Time
50
15
15
ns
3−9
trec
Recovery Time
MR to CP
5.0
1.5
1.5
ns
3−9
*Voltage Range 5.0 V is 5.0 V
±0.5 V.
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
170
pF
VCC = 5.0 V


Podobny numer części - MC74ACT299

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74ACT299 ONSEMI-MC74ACT299 Datasheet
257Kb / 11P
   8?묲nput Universal Shift/Storage Register with Common Parallel I/O Pins
June, 2006 ??Rev. 8
MC74ACT299DW ONSEMI-MC74ACT299DW Datasheet
257Kb / 11P
   8?묲nput Universal Shift/Storage Register with Common Parallel I/O Pins
June, 2006 ??Rev. 8
MC74ACT299DWR2 ONSEMI-MC74ACT299DWR2 Datasheet
257Kb / 11P
   8?묲nput Universal Shift/Storage Register with Common Parallel I/O Pins
June, 2006 ??Rev. 8
MC74ACT299N ONSEMI-MC74ACT299N Datasheet
257Kb / 11P
   8?묲nput Universal Shift/Storage Register with Common Parallel I/O Pins
June, 2006 ??Rev. 8
More results

Podobny opis - MC74ACT299

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC74F299 MOTOROLA-MC74F299 Datasheet
172Kb / 5P
   8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Texas Instruments
CD54-74AC299 TI-CD54-74AC299 Datasheet
281Kb / 13P
[Old version datasheet]   8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Fairchild Semiconductor
74AC299MTCX FAIRCHILD-74AC299MTCX Datasheet
495Kb / 14P
   8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
logo
National Semiconductor ...
DM54LS299 NSC-DM54LS299 Datasheet
167Kb / 8P
   8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
54AC299 NSC-54AC299 Datasheet
221Kb / 10P
   8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
logo
ON Semiconductor
MC74AC299 ONSEMI-MC74AC299 Datasheet
257Kb / 11P
   8?묲nput Universal Shift/Storage Register with Common Parallel I/O Pins
June, 2006 ??Rev. 8
logo
National Semiconductor ...
54F299DM NSC-54F299DM Datasheet
194Kb / 10P
   Octal Universal Shift/Storage Register with Common Parallel I/O Pins
logo
Fairchild Semiconductor
74F299 FAIRCHILD-74F299 Datasheet
70Kb / 6P
   Octal Universal Shift/Storage Register with Common Parallel I/O Pins
logo
Intersil Corporation
CD54ACT299 INTERSIL-CD54ACT299 Datasheet
17Kb / 2P
   8-Input Universal Shift/Storage Registers with Common Parallel I/O Pins
June 1997
logo
Texas Instruments
CD74AC323E TI-CD74AC323E Datasheet
991Kb / 17P
[Old version datasheet]   8-Input Universal Shift Storage Register with Common Parallel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com