Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA0192A Arkusz danych(PDF) 4 Page - List of Unclassifed Manufacturers

Numer części TA0192A
Szczegółowy opis  SAW FILTER 426.1 MHz SMD 5.0 SQ
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

TA0192A Arkusz danych(HTML) 4 Page - List of Unclassifed Manufacturers

  TA0192A Datasheet HTML 1Page - List of Unclassifed Manufacturers TA0192A Datasheet HTML 2Page - List of Unclassifed Manufacturers TA0192A Datasheet HTML 3Page - List of Unclassifed Manufacturers TA0192A Datasheet HTML 4Page - List of Unclassifed Manufacturers TA0192A Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
E.
FREQUENCY CHARACTERISTICS:


Podobny numer części - TA0192A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TA0192A TAI-SAW-TA0192A Datasheet
247Kb / 6P
   SAW Filter 426.1 MHz SMD 5X5 mm
logo
Golledge Electronics Lt...
TA0192A GOLLEDGE-TA0192A Datasheet
91Kb / 4P
   SAW Filter 426.1MHz
More results

Podobny opis - TA0192A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TA0192A TAI-SAW-TA0192A Datasheet
247Kb / 6P
   SAW Filter 426.1 MHz SMD 5X5 mm
TA0763A TAI-SAW-TA0763A Datasheet
222Kb / 7P
   SAW FILTER 1842.5 MHz SMD 3.0 SQ
TA947FG TAI-SAW-TA947FG Datasheet
383Kb / 7P
   SAW Filter 947.5 MHz SMD 3.0 SQ for GSM
TA0175A TAI-SAW-TA0175A Datasheet
430Kb / 6P
   SAW Filter 1960MHz SMD 3.0 mm SQ
TB1126A TAI-SAW-TB1126A Datasheet
146Kb / 7P
   980 MHz 80MHz BW SMD 5.0 x 5.0 mm SAW IF Filter
TB1125A TAI-SAW-TB1125A Datasheet
147Kb / 7P
   739 MHz 78MHz BW SMD 5.0 x 5.0 mm SAW IF Filter
TA1715A TAI-SAW-TA1715A Datasheet
183Kb / 7P
   169.4 MHz 0.2MHz BW SMD 5.0 x 5.0 mm SAW RF Filter
logo
Oscilent Corporation
827-IF140.0M-48A OSCILENT-827-IF140.0M-48A Datasheet
141Kb / 5P
   140HMz IF SAW Filter 5.0 MHz Bandwidth
logo
Abracon Corporation
AFS-152-902.5MHZ-T ABRACON-AFS-152-902.5MHZ-T Datasheet
300Kb / 1P
   SMD 902.5 MHz SAW FILTER
11.15.06
AFS315E ABRACON-AFS315E Datasheet
97Kb / 1P
   SMD 315.0 MHz SAW FILTER
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com