Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA78R33CTSTU Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części KA78R33CTSTU
Szczegółowy opis  1A Output Low Dropout Voltage Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78R33CTSTU Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  KA78R33CTSTU Datasheet HTML 1Page - Fairchild Semiconductor KA78R33CTSTU Datasheet HTML 2Page - Fairchild Semiconductor KA78R33CTSTU Datasheet HTML 3Page - Fairchild Semiconductor KA78R33CTSTU Datasheet HTML 4Page - Fairchild Semiconductor KA78R33CTSTU Datasheet HTML 5Page - Fairchild Semiconductor KA78R33CTSTU Datasheet HTML 6Page - Fairchild Semiconductor KA78R33CTSTU Datasheet HTML 7Page - Fairchild Semiconductor KA78R33CTSTU Datasheet HTML 8Page - Fairchild Semiconductor KA78R33CTSTU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
KA78RXXC-SERIES
3
Electrical Characteristics
(Vin = Note3, Io = 0.5A, Ta = 25 C, unless otherwise specified)
Note:
1.These parameters, although guaranteed, are not 100% tested in production.
2. Junction -to -case thermal resistance test environments.
-. Pneumatic heat sink fixture.
-. Clamping pressure 60psi through 12mm diameter cylinder.
-. Thermal grease applied between PKG and heat sink fixture.
3. KA78R33C :Vin = 5V
KA78R05C : Vin = 7V
KA78R08C : Vin = 10V
KA78R09C : Vin = 11V
KA78R12C : Vin = 15V
KA78R15C : Vin = 20V
4. KA78R33C :Vin = 4V to 10V
KA78R05C : Vin = 6V to 12V
KA78R08C : Vin = 9V to 25V
KA78R09C : Vin = 10V to 25V
KA78R12C : Vin = 13V to 29V
KA78R15C : Vin = 16V to 30V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output voltage
KA78R33C
Vo
-
3.22
3.3
3.38
V
KA78R05C
-
4.88
5
5.12
KA78R08C
-
7.8
8
8.2
KA78R09C
-
8.78
9
9.22
KA78R12C
-
11.7
12
12.3
KA78R15C
-
14.6
15
15.4
Load regulation
Rload
5mA < Io < 1A
-
0.1
2.0%
Line regulation
Rline
Note4
-
0.5
2.5%
Ripple rejection ratio
RR
Note1
45
55
-
dB
Dropout voltage
Vdrop
Io = 1A
-
-
0.5V
Disable voltage high
VdisH
Output active
2.0
-
-V
Disable voltage low
VdisL
Output disabled
-
-
0.8V
Disable bias current high
IdisH
Vdis = 2.7V
-
-
20
A
Disable bias current low
IdisL
Vdis = 0.4V
-
-
-0.4
mA
Quiescent current
Iq
Io = 0A
-
-
10
mA


Podobny numer części - KA78R33CTSTU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA78R33CTSTU FAIRCHILD-KA78R33CTSTU Datasheet
189Kb / 20P
   1A Output Low Dropout Voltage Regulators
More results

Podobny opis - KA78R33CTSTU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA78R05C FAIRCHILD-KA78R05C Datasheet
189Kb / 20P
   1A Output Low Dropout Voltage Regulators
logo
Gamma Microelectronics ...
GM78R05A GAMMA-GM78R05A Datasheet
780Kb / 28P
   1A LOW DROPOUT VOLTAGE REGULATORS
logo
Sipex Corporation
SPX2940 SIPEX-SPX2940 Datasheet
165Kb / 9P
   1A Low Dropout Voltage Regulators
SPX2941 SIPEX-SPX2941 Datasheet
154Kb / 7P
   1A Low Dropout Voltage Regulators
AS2940 SIPEX-AS2940 Datasheet
124Kb / 8P
   1A Low Dropout Voltage Regulators
logo
Gamma Microelectronics ...
GM66102 GAMMA-GM66102 Datasheet
310Kb / 11P
   1A ULTRA LOW-DROPOUT VOLTAGE REGULATORS
logo
Advanced Monolithic Sys...
AMS2501 ADMOS-AMS2501_05 Datasheet
66Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
AMS2501 ADMOS-AMS2501 Datasheet
63Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
DS2501 ADMOS-DS2501 Datasheet
73Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
   1A Fixed Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com