Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IZ1228M Arkusz danych(PDF) 8 Page - Integral Corp.

Numer części IZ1228M
Szczegółowy opis  8-DIGIT CALCULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTEGRAL [Integral Corp.]
Strona internetowa  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ1228M Arkusz danych(HTML) 8 Page - Integral Corp.

  IZ1228M Datasheet HTML 1Page - Integral Corp. IZ1228M Datasheet HTML 2Page - Integral Corp. IZ1228M Datasheet HTML 3Page - Integral Corp. IZ1228M Datasheet HTML 4Page - Integral Corp. IZ1228M Datasheet HTML 5Page - Integral Corp. IZ1228M Datasheet HTML 6Page - Integral Corp. IZ1228M Datasheet HTML 7Page - Integral Corp. IZ1228M Datasheet HTML 8Page - Integral Corp. IZ1228M Datasheet HTML 9Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
IZ1228/IZ1228M
8
PAD DIAGRAM
2
3
1
49
48
47
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
27
26
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
PAD LOCATION
Pad
No.
Pad
Name
Description
X
Y
Pa
d
No.
Pad
Name
Description
X
Y
1
NC
No Connection
1065
-821
26
b7
Display output
-890
1085
2
K4
Key input
1045
-1065
27
a7
Display output
-740
1085
3
K6
Key input
880
-1085
28
c6
Display output
-590
1085
4
K5
Key input
730
-1085
29
b6
Display output
-440
1085
5
P1
Strobe output
580
-1085
30
a6
Display output
-240
1085
6
P2
Strobe output
430
-1085
31
c5
Display output
-140
1085
7
A5
Strobe output
280
-1085
32
b5
Display output
10
1085
8
A4
Strobe output
130
-1085
33
a5
Display output
160
1085
9
A3
Strobe output
-20
-1085
34
c4
Display output
310
1085
10
A2
Strobe output
-170
-1085
35
b4
Display output
460
1085
11
K2
Key input
-320
-1085
36
a4
Display output
610
1085
12
K3
Key input
-470
-1085
37
c3
Display output
760
1085
13
CG in
Resistor terminal
-620
-1085
38
b3
Display output
910
1085
14
CG out
Resistor terminal
-1035
-1065
39
a3
Display output
1065
849
15
VB
Capacitor
terminal
-1065
-913
40
c2
Display output
1065
694
16
VA
Capacitor
terminal
-1065
-763
41
b2
Display output
1065
544
17
VC
Capacitor
terminal
-1065
-487
42
a2
Display output
1065
394
18
GND
Ground
-1065
-223
43
c1
Display output
1065
244
19
H3
Display output
-1065
17
44
b1
Display output
1065
89
20
H2
Display output
-1065
177
45
a1
Display output
1065
-61
21
a9
Display output
-1065
327
46
H1
Display output
1065
-211
22
c8
Display output
-1065
507
47
TST
Test
1065
-340
23
b8
Display output
-1065
697
48
VDD
Power supply
1065
-521
24
a8
Display output
-1065
902
49
NC
No Connection
1065
-671
25
c7
Display output
-1045
1065


Podobny numer części - IZ1228M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integral Corp.
IZ1223M INTEGRAL-IZ1223M Datasheet
134Kb / 8P
   BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH TONE AND PUNCTUATION FUNCTION
IZ1225M INTEGRAL-IZ1225M Datasheet
118Kb / 8P
   BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH TONE AND PUNCTUATION FUNCTION
IZ1225MR INTEGRAL-IZ1225MR Datasheet
118Kb / 8P
   BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH TONE AND PUNCTUATION FUNCTION
IZ1229 INTEGRAL-IZ1229 Datasheet
106Kb / 6P
   10-DIGITS CALCULATOR
IZ12291M INTEGRAL-IZ12291M Datasheet
98Kb / 5P
   10-DIGITS CALCULATOR
More results

Podobny opis - IZ1228M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silan Microelectronics ...
SC3423 SILAN-SC3423 Datasheet
238Kb / 13P
   8-DIGIT CALCULATOR
logo
Integral Corp.
IZ1236 INTEGRAL-IZ1236 Datasheet
151Kb / 6P
   8-DIGIT CALCULATOR WITH MARKER
logo
SHENZHEN FUMAN ELECTRON...
TC34014SS FUMAN-TC34014SS Datasheet
338Kb / 11P
   12-digit calculator
SC876F FUMAN-SC876F Datasheet
394Kb / 11P
   Eight-digit calculator
SC2135B FUMAN-SC2135B Datasheet
339Kb / 7P
   10/12 digit calculator
TC34014AS FUMAN-TC34014AS Datasheet
367Kb / 12P
   10/12 digit calculator
logo
ELAN Microelectronics C...
EMPCD082 EMC-EMPCD082 Datasheet
416Kb / 16P
   8 DIGIT CALCULATOR (BATTERY/SOLAR/ DUAL POWER TYPE)
EM34014 EMC-EM34014 Datasheet
583Kb / 20P
   10/12 DIGIT CALCULATOR
logo
SHENZHEN FUMAN ELECTRON...
TC34014BS FUMAN-TC34014BS Datasheet
186Kb / 12P
   10/12 digit calculator
logo
ELAN Microelectronics C...
EM34025 EMC-EM34025 Datasheet
453Kb / 18P
   10/12 DIGIT CURRENCY CALCULATOR?
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com