Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IZ1242C Arkusz danych(PDF) 2 Page - Integral Corp.

Numer części IZ1242C
Szczegółowy opis  SCIENTIFIC 10 DIGITS LCD CALCULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTEGRAL [Integral Corp.]
Strona internetowa  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ1242C Arkusz danych(HTML) 2 Page - Integral Corp.

  IZ1242C Datasheet HTML 1Page - Integral Corp. IZ1242C Datasheet HTML 2Page - Integral Corp. IZ1242C Datasheet HTML 3Page - Integral Corp. IZ1242C Datasheet HTML 4Page - Integral Corp. IZ1242C Datasheet HTML 5Page - Integral Corp. IZ1242C Datasheet HTML 6Page - Integral Corp. IZ1242C Datasheet HTML 7Page - Integral Corp. IZ1242C Datasheet HTML 8Page - Integral Corp. IZ1242C Datasheet HTML 9Page - Integral Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
IZ1242C
2
ELECTRICAL CHARACTERISTICS (Ta = 25
oC, V
DD = 3.0V, VSS = 0V unless otherwise specified)
Characteristic
Symbol
Test
Condition
Min
Typ
Max
Unit
Operating Voltage
VDD
2.5
3
3.4
V
VIH
VDD - 0.5
VDD
Input Voltage (K18 ~ K11)
VIL
VSS
VSS+0.5
V
High Output Voltage
(K18, K14, K12)
VOH
VDD - 0.2
VDD
VDD
V
VOH
VDD -0.2
VDD
VDD
Output Voltage (LCD,
COM)
VOL
VSS
VSS
VSS +0.2
V
Low Output Voltage (K11)
VOL
VSS
VSS
0.2
V
2/3VDD -0.2
2/3VDD
2/3VDD +0.2
Middle Output Voltage
(LCD, COM)
VOM
1/3VDD -0.2
1/3VDD
1/3VDD +0.2
V
Key Pull Down
Resistance (K11)
Rpd
Vout = 0V
30
50
70
K
Key Pull Up Resistance
(K18, K14, K12)
Rpu
Vout VDD
30
50
70
K
Fdis
Stand-by
VDD = 3V
30
45
OSC Frequency
Fopr
Operating
VDD = 3V
200
280
KHz
Frame Frequency
Ff
Stand-by
VDD = 3V
110
180
Hz
IOFF
Display is off
VDD = 3V
1
3
IDIS
Stand-by
VDD = 3V
20
35
Supply Current
IOPR
Operation
VDD = 3V
70
120
µA
BASIC SPECIFICATION
Number of display digits
• 10-digit display and 14 kinds of special displays
• Engineering display
• Max mantissa 8 digits plus exponent 2 digits plus each negative code digit
• Normal display
Max 10 mantissa digits plus 1 negative code 6 digit.
It is possible to specify the number of 0 to 9 digits below the decimal place by assignment of the
decimal digit.
Classification of operating mode
The following 6 types of operation mode are set by the 2ndF key and below keys:
2ndF
STAT
: Statistic calculation mode set
2ndF
CLPX
: Complex number calculation
mode set
2ndF
- BIN
: Binary mode set
2ndF
- OCT
: Octal mode set
2ndF
- HEX
: Hexadecimal mode set
2ndF
- DEC
: Decimal mode set


Podobny numer części - IZ1242C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integral Corp.
IZ1242M INTEGRAL-IZ1242M Datasheet
353Kb / 18P
   Scientific 10 Digits LCD Calculator
More results

Podobny opis - IZ1242C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integral Corp.
IZ1242M INTEGRAL-IZ1242M Datasheet
353Kb / 18P
   Scientific 10 Digits LCD Calculator
IZ1229 INTEGRAL-IZ1229 Datasheet
106Kb / 6P
   10-DIGITS CALCULATOR
IZ12291M INTEGRAL-IZ12291M Datasheet
98Kb / 5P
   10-DIGITS CALCULATOR
IZ1229M INTEGRAL-IZ1229M Datasheet
108Kb / 6P
   10-DIGITS CALCULATOR
logo
Silan Microelectronics ...
SC3442 SILAN-SC3442 Datasheet
297Kb / 20P
   SCIENTIFIC 10DIGITS CALCULATOR CIRCUIT
logo
Integral Corp.
IZ1239M INTEGRAL-IZ1239M Datasheet
79Kb / 6P
   8 - DIGITS CURENCY CALCULATOR
IZ1238M INTEGRAL-IZ1238M Datasheet
93Kb / 6P
   8-DIGITS CURENCY CALCULATOR
IZ1223M INTEGRAL-IZ1223M Datasheet
134Kb / 8P
   BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH TONE AND PUNCTUATION FUNCTION
IZ1225M INTEGRAL-IZ1225M Datasheet
118Kb / 8P
   BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH TONE AND PUNCTUATION FUNCTION
logo
SHENZHEN FUMAN ELECTRON...
SC2135B FUMAN-SC2135B Datasheet
339Kb / 7P
   10/12 digit calculator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com