Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


AN8017SA Datasheet(Arkusz danych) 5 Page - Panasonic Semiconductor

Numer części AN8017SA
Szczegółowy opis  1.8-volt 2-channel step-up DC-DC converter control IC
Pobierz  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo 

 
 5 page
background image
Voltage Regulators
AN8017SA
5
s Electrical Characteristics at VCC = 2.4 V, CREF = 0.1 µF, Ta = 25 °C (continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
PWM2 block
Output full-off input threshold voltage 2
VT0-2
Duty
= 0%
0.65
0.72
V
Output full-on input threshold voltage 2
VT100-2
Duty
= 100%
0.28
0.30
V
Input current 2
IDT2
VDT2 = 0.2 V
−1.1 − 0.5
µA
Unlatch circuit 1 block
Input threshold voltage 1
VTHUL1
0.15
0.20
0.25
V
Unlatch circuit 2 block
Input threshold voltage 2
VTHUL2
0.8
0.9
1.0
V
Short-circuit protection circuit block
Input standby voltage
VSTBY
60
120
mV
Input threshold voltage 1
VTHPC1
0.8
0.9
1.0
V
Input threshold voltage 2
VTHPC2
0.17
0.22
0.27
V
Input latch voltage
VIN
60
120
mV
Charge current
ICHG
VSCP = 0 V
−1.43 −1.1 − 0.77
µA
On/off control block
Input threshold voltage
VON(TH)
0.8
1.0
1.3
V
Whole device
Output off consumption current
ICC(OFF) RB = 820 Ω, duty = 0%
7.0
9.8
mA
Latch mode consumption current
ICC(LA)
RB = 820 Ω
5.6
7.8
mA
Standby current
ICC(SB)

1
µA
• Design reference data
Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reference voltage block
VREF temperature characteristics
VREFdT
Ta = −30°C to +85°C
−1
+1%
Over-current protection drive current
IOC
−11
mA
U.V.L.O. block
Reset voltage
VR
0.8
V
Error amplifier 1/2 blocks
VTH temperature characteristics
VTHdT
Ta = −30°C to +85°C
− 0.3
+ 0.3 mV/°C
Open-loop gain
AV
57
dB
Single gain bandwidth
fBW
10
MHz
Output 1/2 blocks
RB terminal voltage
VB
0.36
V
Frequency supply voltage characteristics
fdV
−1
+1%
Frequency temperature characteristics
fdT
−3
+3%




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
AN8018SA1.8-volt 2-channel step-up step-down or inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8016NSHSingle-channel 1.8-volt step-up DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8049FHN1.8-volt 3-channel step-up step-down and polarity inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8049SH1.8-volt 3-channel step-up step-down and polarity inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8011S2-channel step-down step-up or inverting use DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8013SHSingle-channel step-up or step-down DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8014SStep-down step-up or inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8015SHSingle-channel step-down step-up or inverting use DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
LM2621Low Input Voltage Step-Up DC-DC Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
TK11880FTL-GStep-Up DC-DC Converter 1 2 TOKO, Inc

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl