Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


AN8017SA Datasheet(Arkusz danych) 1 Page - Panasonic Semiconductor

Numer części AN8017SA
Szczegółowy opis  1.8-volt 2-channel step-up DC-DC converter control IC
Pobierz  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo 

 
 1 page
background image
Voltage Regulators
1
AN8017SA
1.8-volt 2-channel step-up DC-DC converter control IC
s Overview
The AN8017SA is a two-channel PWM DC-DC con-
verter control IC that features low-voltage operation.
This IC can obtain the step-up voltage with a small
number of external components.
The minimum operating voltage is as low as 1.8 V so
that it can operate with two dry batteries. In addition,
since it uses the 16-pin surface mounting type package
with 0.65 mm pitch, it is suitable for a miniaturized highly
efficient potable power supply.
s Features
• Wide operating supply voltage range (1.8 V to 14 V)
• Incorporating a high precision reference voltage circuit
(allowance:
± 2%)
• Control in a wide output frequency range is possible
(20 kHz to 1 MHz)
• Built-in wideband error amplifier
(single gain bandwidth: 10 MHz typical)
• A built-in timer latch short-circuit protection circuit
(charge current: 1.1
µA typical)
• Incorporating an under-voltage lock-out circuit (U.V.L.O.)
(circuit operation-starting voltage: 1.67 V typical)
• Dead-time is variable
• Flatness of switching current can be obtained by staggering the turn-on timing of each channel
• Built-in unlatch function
When DT1 pin is low level or DT2 pin is high level, independent turn-off is possible.
• Incorporating an on/off control function
(active-high control input, standby mode current: 1
µA maximum)
• Parallel operation is possible
• Totem pole output
• Output source-current:
−50 mA maximum (Constant current output with a less supply voltage fluctuation is possible
by connecting an external resistor to pin 6 and pin 11)
• Output sink-current:
+80 mA maximun
s Applications
• LCD displays, digital still cameras, and PDAs
SSOP016-P-0225A
18
0.5
±0.2
(1.0)
0
° to 10°
16
5.0
±0.2
9
0.65
(0.225)
0.22
+0.10
− 0.05
Seating plane
Unit: mm




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
AN8018SA1.8-volt 2-channel step-up step-down or inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8016NSHSingle-channel 1.8-volt step-up DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8049FHN1.8-volt 3-channel step-up step-down and polarity inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8049SH1.8-volt 3-channel step-up step-down and polarity inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8011S2-channel step-down step-up or inverting use DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8013SHSingle-channel step-up or step-down DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8014SStep-down step-up or inverting DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
AN8015SHSingle-channel step-down step-up or inverting use DC-DC converter control IC 1 2 3 4 5 MorePanasonic Semiconductor
LM2621Low Input Voltage Step-Up DC-DC Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
TK11880FTL-GStep-Up DC-DC Converter 1 2 TOKO, Inc

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl