Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LBZX84C15LT3 Arkusz danych(PDF) 2 Page - Leshan Radio Company

Numer części LBZX84C15LT3
Szczegółowy opis  SEMICONDUCTOR, Zener Voltage Regulator Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LRC [Leshan Radio Company]
Strona internetowa  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBZX84C15LT3 Arkusz danych(HTML) 2 Page - Leshan Radio Company

  LBZX84C15LT3 Datasheet HTML 1Page - Leshan Radio Company LBZX84C15LT3 Datasheet HTML 2Page - Leshan Radio Company LBZX84C15LT3 Datasheet HTML 3Page - Leshan Radio Company LBZX84C15LT3 Datasheet HTML 4Page - Leshan Radio Company LBZX84C15LT3 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
J2–2/5
LBZX84C2V4LT1
Z11
2.4
2.2 2.6
100
50
1
1.7
2.1
600
2.6
3.2
50
-3.5 0
450
LBZX84C2V7LT1
Z12
2.7
2.5 2.9
100
20
1
1.9
2.4
600
3
3.6
50
-3.5 0
450
LBZX84C3V0LT1
Z13
3
2.8
3.2
95
10
1
2.1
2.7
600
3.3
3.9
50
-3.5 0
450
LBZX84C3V3LT1
Z14
3.3
3.1
3.5
95
5
1
2.3
2.9
600
3.6
4.2
40
-3.5 0
450
LBZX84C3V6LT1
Z15
3.6
3.4
3.8
90
5
1
2.7
3.3
600
3.9
4.5
40
-3.5 0
450
LBZX84C3V9LT1
Z16
3.9
3.7
4.1
90
3
1
2.9
3.5
600
4.1
4.7
30
-3.5 -2.5 450
LBZX84C4V3LT1
W9
4.3
4
4.6
90
3
1
3.3
4
600
4.4
5.1
30
- 3.5 0
450
LBZX84C4V7LT1
Z1
4.7
4.4
5
80
3
2
3.7
4.7
500
4.5
5.4
15
-3.5 0.2 260
LBZX84C5V1LT1
Z2
5.1
4.8
5.4
60
2
2
4.2
5.3
480
5
5.9
15
-2.7 1.2 225
LBZX84C5V6LT1
Z3
5.6
5.2
6
40
1
2
4.8
6
400
5.2
6.3
10
-2.0 2.5 200
LBZX84C6V2LT1
Z4
6.2
5.8
6.6
10
3
4
5.6
6.6
150
5.8
6.8
6
0.4 3.7 185
LBZX84C6V8LT1
Z5
6.8
6.4
7.2
15
2
4
6.3
7.2
80
6.4
7.4
6
1.2 4.5 155
LBZX84C7V5LT1
Z6
7.5
7
7.9
15
1
5
6.9
7.9
80
7
8
6
2.5 5.3 140
LBZX84C8V2LT1
Z7
8.2
7.7
8.7
15
0.7
5
7.6
8.7
80
7.7
8.8
6
3.2 6.2 135
LBZX84C9V1LT1
Z8
9.1
8.5
9.6
15
0.5
6
8.4
9.6
100
8.5
9.7
8
3.8 7.0 130
LBZX84C10LT1
Z9
10
9.4 10.6
20
0.2
7
9.3 10.6
150
9.4 10.7
10
4.5 8.0 130
LBZX84C11LT1
Y1
11
10.4 11.6
20
0.1
8
10.2
11.6
150
10.4 11.8
10
5.4 9.0 130
LBZX84C12LT1
Y2
12
11.4 12.7
25
0.1
8
11.2 12.7
150
11.4 12.9
10
6.0 10.0 130
LBZX84C13LT1
Y3
13
12.4 14.1
30
0.1
8
12.3 14
170
12.5 14.2
15
7.0 11.0 120
LBZX84C15LT1
Y4
15
13.8 15.6
30
0.05 10.5 13.7 15.5
200
13.9 15.7
20
9.2 13.0 110
LBZX84C16LT1
Y5
16
15.3 17.1
40
0.05 11.2 15.2 17
200
15.4 17.2
20
10.4 14.0 105
LBZX84C18LT1
Y6
18
16.8 19.1
45
0.05 12.6 16.7 19
225
16.9 19.2
20
12.4 16.0 100
LBZX84C20LT1
Y7
20
18.8 21.2
55
0.05 14
18.7 21.1
225
18.9 21.4
20
14.4 18.0
85
LBZX84C22LT1
Y8
22
20.8 23.3
55
0.05 15.4 20.7 23.2
250
20.9 23.4
25
16.4 20.0
85
LBZX84C24LT1
Y9
24
22.8 25.6
70
0.05 16.8 22.7 25.5
250
22.9 25.7
25
18.4 22.0
80
LBZX84C27LT1
Y10
27
25.1 28.9
80
0.05 18.9 25
28.9
300
25.2 29.3
45
21.4 25.3
70
LBZX84C30LT1
Y11
30
28
32
80
0.05 21
27.8 32
300
28.1 32.4
50
24.4 29.4
70
LBZX84C33LT1
Y12
33
31
35
80
0.05 23.1 30.8 35
325
31.1 35.4
55
27.4 33.4
70
LBZX84C36LT1
Y13
36
34
38
90
0.05 25.2 33.8 38
350
34.1 38.4
60
30.4 37.4
70
LBZX84C39LT1
Y14
39
37
41
130
0.05 27.3 36.7 41
350
37.1 41.5
70
33.4 41.2
45
LBZX84C43LT1
Y15
43
40
46
150
0.05 30.1 39.7 46
375
40.1 46.5
80
37.6 46.6
40
LBZX84C47LT1
Y16
47
44
50
170
0.05 32.9 43.7 50
375
44.1 50.5
90
42.0 51.8
40
LBZX84C51LT1
Y17
51
48
54
180
0.05 35.7 47.6 54
400
48.1 54.6
100
46.6 57.2
40
LBZX84C56LT1
Y18
56
52
60
200
0.05 39.2 51.5 60
425
52.1 60.8
110
52.2 63.8
40
LBZX84C62LT1
Y19
62
58
66
215
0.05 43.4 57.4 66
450
58.2 67
120
58.8 71.6
35
LBZX84C68LT1
Y20
68
64
72
240
0.05 47.6 63.4 72
475
64.2 73.2
130
65.6 79.8
35
LBZX84C75LT1
Y21
75
70
79
255
0.05 52.5 69.4 79
500
70.3 80.2
140
73.4 88.6
35
NOTES: 1. Zener voltage is measured with a pulse test current (I
Z ) applied at an ambient temperature of 25°C.
NOTES: 2. The zener impedance, Z ZT2 , for the 27 through 75 volt types is tested at 0.5 mA rather than the test
current of 0.1 mA used for V Z2 .
Zener Voltage
Vz1(Volts)
@IZT1=5mA
(Note 1)
Max
Zener
Imped-
ance
Z
ZT1
(Ohms)
@I
ZT1=5mA
Max
Reverse
Leakage
Current
Zener Voltage
V
Z2 (Volts)
@I
ZT2 =1mA
(Note1)
Max
Zener
Impedance
Z
ZT2
(Ohms)
@I
ZT2=1mA
Zener
Voltage
Vz3(Volts)
@IZT3=20mA
(Note 1)
Max
Zener
Imped-
ance
Z
ZT3
(Ohms)
@I
ZT3=20mA
d
VZ /dt
(mv/k)
@iZT1=5mA
CpF
Max
@VR=0
f=1MHz
Nom
Min Max
I
R
V
R
µµµµµA
@
Volts
Min
Max
Max
Max
Min
Min
Marking
Type
Number
ELECTRICAL CHARACTERISTICS
(Pinout: 1-Anode, 2-NC, 3-Cathode) (V F =0.9V Max @ I F =10 mA for all types)
GENERAL DATA — 225mW SOT-23


Podobny numer części - LBZX84C15LT3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
LBZX84C15LT1G LRC-LBZX84C15LT1G Datasheet
260Kb / 5P
   Zener Voltage Regulator Diodes
LBZX84C15LT1G LRC-LBZX84C15LT1G Datasheet
395Kb / 5P
   Zener Voltage Regulator Diodes
logo
Shanghai Leiditech Elec...
LBZX84C15LT1G LEIDITECH-LBZX84C15LT1G Datasheet
756Kb / 5P
   Zener Voltage Regulator Diodes
More results

Podobny opis - LBZX84C15LT3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Continental Device Indi...
MMSZ3V3 CDIL-MMSZ3V3 Datasheet
292Kb / 4P
   ZENER VOLTAGE REGULATOR DIODES
logo
Yea Shin Technology Co....
BZX84C2V4 YEASHIN-BZX84C2V4 Datasheet
776Kb / 5P
   Zener Voltage Regulator Diodes
logo
Leshan Radio Company
SZB4.3A LRC-SZB4.3A Datasheet
128Kb / 4P
   Zener Voltage Regulator Diodes
logo
Shanghai Leiditech Elec...
LBZX84C2V4LT1G LEIDITECH-LBZX84C2V4LT1G Datasheet
756Kb / 5P
   Zener Voltage Regulator Diodes
logo
Leshan Radio Company
LBZX84CLT1G LRC-LBZX84CLT1G_15 Datasheet
395Kb / 5P
   Zener Voltage Regulator Diodes
LBZB84C2V4LT1G LRC-LBZB84C2V4LT1G Datasheet
224Kb / 5P
   Zener Voltage Regulator Diodes
logo
Pan Jit International I...
AZD27C21 PANJIT-AZD27C21 Datasheet
358Kb / 5P
   VOLTAGE REGULATOR ZENER DIODES
logo
Shenzhen Taychipst Elec...
AZD27C21 TAYCHIPST-AZD27C21 Datasheet
4Mb / 2P
   VOLTAGE REGULATOR ZENER DIODES
logo
Leshan Radio Company
LBZX84XXXXLT1G LRC-LBZX84XXXXLT1G Datasheet
361Kb / 7P
   Zener Voltage Regulator Diodes
LBZX84C2V4LT1G LRC-LBZX84C2V4LT1G Datasheet
260Kb / 5P
   Zener Voltage Regulator Diodes
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com