Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3Z10VT1 Arkusz danych(PDF) 4 Page - Leshan Radio Company

Numer części LM3Z10VT1
Szczegółowy opis  Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LRC [Leshan Radio Company]
Strona internetowa  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LM3Z10VT1 Arkusz danych(HTML) 4 Page - Leshan Radio Company

  LM3Z10VT1 Datasheet HTML 1Page - Leshan Radio Company LM3Z10VT1 Datasheet HTML 2Page - Leshan Radio Company LM3Z10VT1 Datasheet HTML 3Page - Leshan Radio Company LM3Z10VT1 Datasheet HTML 4Page - Leshan Radio Company LM3Z10VT1 Datasheet HTML 5Page - Leshan Radio Company LM3Z10VT1 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
LM3Z2V4T1/D–4/6
LM3Z2V4T1 SERIES
Typical Characteristics
80
VZ, NOMINAL ZENER VOLTAGE
Figure 1. Effect of Zener Voltage on
Zener Impedance
10
3.0
1000
100
10
1.0
TJ = 25°C
IZ(AC) = 0.1 IZ(DC)
f = 1 kHz
IZ = 1 mA
5 mA
VF, FORWARD VOLTAGE (V)
Figure 2. Typical Forward Voltage
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
1000
100
10
1.0
150
°C
75
°C 25°C
0
°C
70
VZ, NOMINAL ZENER VOLTAGE (V)
Figure 3. Typical Capacitance
1000
100
10
1.0
10
4.0
BIAS AT
50% OF VZ NOM
TA = 25°C
0 V BIAS
1 V BIAS
VZ, NOMINAL ZENER VOLTAGE (V)
Figure 4. Typical Leakage Current
1000
100
10
1.0
0.1
0.01
0.001
0.0001
0.00001
70
60
50
40
30
20
10
0
+150
°C
+25
°C
–55
°C


Podobny numer części - LM3Z10VT1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
LM3Z10VT1G LRC-LM3Z10VT1G Datasheet
106Kb / 6P
   Zener Voltage Regulators
LM3Z10VT1G LRC-LM3Z10VT1G Datasheet
119Kb / 6P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
logo
Shanghai Leiditech Elec...
LM3Z10VT1G LEIDITECH-LM3Z10VT1G Datasheet
631Kb / 6P
   200 mW SOD??23 Surface Mount
logo
Leshan Radio Company
LM3Z10VT1G LRC-LM3Z10VT1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results

Podobny opis - LM3Z10VT1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com