Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC78XXAE Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części MC78XXAE
Szczegółowy opis  3-Terminal 1A Positive Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MC78XXAE Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  MC78XXAE Datasheet HTML 1Page - Fairchild Semiconductor MC78XXAE Datasheet HTML 2Page - Fairchild Semiconductor MC78XXAE Datasheet HTML 3Page - Fairchild Semiconductor MC78XXAE Datasheet HTML 4Page - Fairchild Semiconductor MC78XXAE Datasheet HTML 5Page - Fairchild Semiconductor MC78XXAE Datasheet HTML 6Page - Fairchild Semiconductor MC78XXAE Datasheet HTML 7Page - Fairchild Semiconductor MC78XXAE Datasheet HTML 8Page - Fairchild Semiconductor MC78XXAE Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
MC78XXE/LM78XXE/MC78XXAE
5
Electrical Characteristics (MC7809E) (Continued)
(Refer to test circuit ,0
°C < TJ < 125°C, IO = 500mA, VI =15V, CI= 0.33µF, CO= 0.1µF, unless otherwise specified)
Note:
1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
2. These parameters, although guaranteed, are not 100% tested in production.
Parameter
Symbol
Conditions
MC7809E
Unit
Min.
Typ.
Max.
Output Voltage
VO
TJ = +25
°C
8.65
9
9.35
5.0mA
≤ IO ≤ 1.0A, PO ≤ 15W
VI = 11.5V to 24V
8.6
9
9.4
V
Line Regulation (Note1)
Regline
TJ = +25
°C
VI = 11.5V to 25V
-
6
180
mV
VI = 12V to 17V
-
2
90
Load Regulation (Note1)
Regload
TJ = +25
°C
IO = 5mA to 1.5A
-
12
180
mV
IO = 250mA to 750mA
-
4
90
Quiescent Current
IQ
TJ = +25
°C-
5.0
8.0
mA
Quiescent Current Change
∆IQ
IO = 5mA to 1.0A
-
-
0.5
mA
VI = 11.5V to 26V
-
-
1.3
Output Voltage Drift (Note2)
∆VO/∆TIO = 5mA
-
-1
-
mV/
°C
Output Noise Voltage
VN
f = 10Hz to 100kHz, TA = +25
°C-
58
-
µV/Vo
Ripple Rejection (Note2)
RR
f = 120Hz
VI = 13V to 23V
56
71
-
dB
Dropout Voltage
VDrop
IO = 1A, TJ = +25
°C-
2
-
V
Output Resistance (Note2)
rO
f = 1kHz
-
17
-
m
Short Circuit Current
ISC
VI = 35V, TA = +25
°C
-
250
-
mA
Peak Current (Note2)
IPK
TJ = +25
°C-
2.2
-
A


Podobny numer części - MC78XXAE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
MC78XXAE FAIRCHILD-MC78XXAE Datasheet
246Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
More results

Podobny opis - MC78XXAE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com