Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDD8796 Arkusz danych(PDF) 6 Page - Fairchild Semiconductor

Numer części FDD8796
Szczegółowy opis  N-Channel PowerTrench짰 MOSFET 25V, 35A, 5.7mOhm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8796 Arkusz danych(HTML) 6 Page - Fairchild Semiconductor

  FDD8796 Datasheet HTML 1Page - Fairchild Semiconductor FDD8796 Datasheet HTML 2Page - Fairchild Semiconductor FDD8796 Datasheet HTML 3Page - Fairchild Semiconductor FDD8796 Datasheet HTML 4Page - Fairchild Semiconductor FDD8796 Datasheet HTML 5Page - Fairchild Semiconductor FDD8796 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
FDD8796/FDU8796 Rev. B
www.fairchildsemi.com
6
Rev. I18
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not
intended to be an exhaustive list of all such trademarks.
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY
PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY
LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN;
NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR
CORPORATION.
As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the body, or
(b) support or sustain life, or (c) whose failure to perform
when properly used in accordance with instructions for use
provided in the labeling, can be reasonably expected to
result in significant injury to the user.
2. A critical component is any component of a life support
device or system whose failure to perform can be
reasonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS
Definition of Terms
ACEx™
ActiveArray™
Bottomless™
Build it Now™
CoolFET™
CROSSVOLT™
DOME™
EcoSPARK™
E2CMOS™
EnSigna™
FACT™
FACT Quiet Series™
FAST®
FASTr™
FPS™
FRFET™
GlobalOptoisolator™
GTO™
HiSeC™
I2C™
i-Lo™
ImpliedDisconnect™
IntelliMAX™
ISOPLANAR™
LittleFET™
MICROCOUPLER™
MicroFET™
MicroPak™
MICROWIRE™
MSX™
MSXPro™
OCX™
OCXPro™
OPTOLOGIC®
OPTOPLANAR™
PACMAN™
POP™
Power247™
PowerEdge™
PowerSaver™
PowerTrench®
QFET®
QS™
QT Optoelectronics™
Quiet Series™
RapidConfigure™
RapidConnect™
µSerDes™
ScalarPump™
SILENT SWITCHER®
SMART START™
SPM™
Stealth™
SuperFET™
SuperSOT™-3
SuperSOT™-6
SuperSOT™-8
SyncFET™
TCM™
TinyLogic®
TINYOPTO™
TruTranslation™
UHC™
UltraFET®
UniFET™
VCX™
Wire™
Across the board. Around the world.™
The Power Franchise®
Programmable Active Droop™
Datasheet Identification
Product Status
Definition
Advance Information
Formative or In
Design
This datasheet contains the design specifications for
product development. Specifications may change in
any manner without notice.
Preliminary
First Production
This datasheet contains preliminary data, and
supplementary data will be published at a later date.
Fairchild Semiconductor reserves the right to make
changes at any time without notice in order to improve
design.
No Identification Needed
Full Production
This datasheet contains final specifications. Fairchild
Semiconductor reserves the right to make changes at
any time without notice in order to improve design.
Obsolete
Not In Production
This datasheet contains specifications on a product
that has been discontinued by Fairchild semiconductor.
The datasheet is printed for reference information only.


Podobny numer części - FDD8796

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
FDD8796 ISC-FDD8796 Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Guangdong Youtai Semico...
FDD8796 UMW-FDD8796 Datasheet
638Kb / 6P
   25V N -Channel MOSFET
More results

Podobny opis - FDD8796

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDU8796 FAIRCHILD-FDU8796 Datasheet
312Kb / 6P
   N-Channel PowerTrench MOSFET 25V, 35A, 5.7mOhm
FDD8780 FAIRCHILD-FDD8780 Datasheet
318Kb / 6P
   N-Channel PowerTrench짰 MOSFET 25V, 35A, 8.5mOhm
FDD8770 FAIRCHILD-FDD8770 Datasheet
314Kb / 6P
   N-Channel PowerTrench MOSFET 25V, 35A, 4.0mOHM
FDD8778 FAIRCHILD-FDD8778 Datasheet
357Kb / 6P
   N-Channel PowerTrench MOSFET 25V, 35A, 14mohm
logo
Hi-Sincerity Mocroelect...
H35N03J HSMC-H35N03J Datasheet
88Kb / 5P
   N-Channel Enhancement-Mode MOSFET (25V, 35A)
logo
Fairchild Semiconductor
FDD5810 FAIRCHILD-FDD5810 Datasheet
266Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60V, 35A, 27mOhm
FDMS3620S FAIRCHILD-FDMS3620S Datasheet
374Kb / 12P
   PowerTrench짰 PowerStage 25V Asymmetric Dual N-Channel MOSFET
FDMS8680 FAIRCHILD-FDMS8680 Datasheet
215Kb / 6P
   N-Channel PowerTrench짰 MOSFET 30V, 35A, 7.0m廓
FDMS3622S FAIRCHILD-FDMS3622S Datasheet
403Kb / 12P
   PowerTrench짰 Power Stage 25V Asymmetric Dual N-Channel MOSFET
FDMS3624S FAIRCHILD-FDMS3624S Datasheet
395Kb / 12P
   PowerTrench짰 Power Stage 25V Asymmetric Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com