Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC74LVX4051FT Arkusz danych(PDF) 5 Page - Toshiba Semiconductor

Numer części TC74LVX4051FT
Szczegółowy opis  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LVX4051FT Arkusz danych(HTML) 5 Page - Toshiba Semiconductor

  TC74LVX4051FT Datasheet HTML 1Page - Toshiba Semiconductor TC74LVX4051FT Datasheet HTML 2Page - Toshiba Semiconductor TC74LVX4051FT Datasheet HTML 3Page - Toshiba Semiconductor TC74LVX4051FT Datasheet HTML 4Page - Toshiba Semiconductor TC74LVX4051FT Datasheet HTML 5Page - Toshiba Semiconductor TC74LVX4051FT Datasheet HTML 6Page - Toshiba Semiconductor TC74LVX4051FT Datasheet HTML 7Page - Toshiba Semiconductor TC74LVX4051FT Datasheet HTML 8Page - Toshiba Semiconductor TC74LVX4051FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TC74LVX4051,4052,4053FT
2001-11-12
5
Electrical Characteristics
DC Electrical Characteristics
Ta
= 25°C
Ta
= -40~85°C
Characteristics
Symbol
Test Condition
VEE (V) VCC (V)
Min
Typ.
Max
Min
Max
Unit
2.0
1.5
¾
¾
1.5
¾
3.0
2.0
¾
¾
2.0
¾
4.5
3.15
¾
¾
3.15
¾
High-level
VIH
¾
6.0
4.2
¾
¾
4.2
¾
2.0
¾
¾
0.5
¾
0.5
3.0
¾
¾
0.8
¾
0.8
4.5
¾
¾
1.35
¾
1.35
Input voltage
Low-level
VIL
¾
6.0
¾
¾
1.8
¾
1.8
V
GND
2.0
¾
200
¾
¾
¾
GND
3.0
¾
45
86
¾
108
GND
4.5
¾
24
37
¾
46
VIN = VIL or VIH
VI/O = VCC to VEE
II/O = 2 mA
-3.0
3.0
¾
17
26
¾
33
GND
2.0
¾
28
73
¾
84
GND
3.0
¾
22
38
¾
44
GND
4.5
¾
17
27
¾
31
ON resistance
RON
VIN = VIL or VIH
VI/O = VCC or VEE
II/O = 2 mA
-3.0
3.0
¾
15
24
¾
28
W
GND
2.0
¾
10
25
¾
35
GND
3.0
¾
5
15
¾
20
GND
4.5
¾
5
13
¾
18
Difference of ON
resistance between
switches
DRON
VIN = VIL or VIH
VI/O = VCC to VEE
II/O = 2 mA
-3.0
3.0
¾
5
10
¾
15
W
GND
3.0
¾
¾
±0.25
¾
±2.5
Input/Output leakage
current
(switch OFF)
IOFF
VOS = VCC or GND
VIS = GND to VCC
VIN = VIL or VIH
-3.0
3.0
¾
¾
±0.5
¾
±5.0
mA
GND
3.0
¾
¾
±0.25
¾
±2.5
Input/Output leakage
current
(switch ON, output open)
IIN
VOS = VCC or GND
VIN = VIL or VIH
-3.0
3.0
¾
¾
±0.5
¾
±5.0
mA
Control input current
IIN
VIN = VCC or GND
GND
6.0
¾
¾
±0.1
¾
±0.1
mA
GND
3.0
¾
¾
4.0
¾
40.0
Quiescent supply current
ICC
VIN = VCC or GND
-3.0
3.0
¾
¾
8.0
¾
80.0
mA


Podobny numer części - TC74LVX4051FT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74LVX4051FT TOSHIBA-TC74LVX4051FT Datasheet
261Kb / 12P
   Multiplexer/Demultiplexer
TC74LVX4051FT TOSHIBA-TC74LVX4051FT_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
More results

Podobny opis - TC74LVX4051FT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com