Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLPGE1005B Arkusz danych(PDF) 1 Page - Marktech Corporate

Numer części TLPGE1005B
Szczegółowy opis  Surface Mount LED
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MARKTECH [Marktech Corporate]
Strona internetowa  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLPGE1005B Arkusz danych(HTML) 1 Page - Marktech Corporate

  TLPGE1005B Datasheet HTML 1Page - Marktech Corporate TLPGE1005B Datasheet HTML 2Page - Marktech Corporate TLPGE1005B Datasheet HTML 3Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount LED
TLPGE1005B
Features
3.2 (L) x 2.4 (W) x 2.4 (H) mm
2 mm lens top type
InGaAlP LED
Reflow soldering is possible
Standard embossed taping 4 mm pitch : T03 (1000 pcs/reel)
Applications
High−output backlighting source
Battery−powered equipment
Message boards
Portable devices
Computer peripherals
Maximum Ratings (Ta=25
o
C)
Characteristic
Symbol
Max.
Unit
Forward Current
IF
25
mA
Reverse Voltage
VR
4.00
V
Power Dissipation
PD
60.00
mW
Operating Temperature
Topr
−40 ~ 85
o
C
Storage Temperature
Tstg
−40 ~ 100
o
C
Soldering Temperature
Tsol
260
o
C
Soldering Time
for 3 sec. max
Opto−Electrical Characteristics (Ta=25
o
C)
Characteristic
Symbol Test Condition
Min
Typ
Max Unit
Forward Voltage
VF
IF=20mA
2.10 2.40
V
Reverse Current
IR
VR=4V
50
µA
Luminous Intensity
IV
IF=20mA
47.60 130.00
− mcd
Viewing Angle
2
θ1/2
45
o
− deg.
Peak Wavelength
λp
IF=20mA
562
− nm
Dominant Wavelength
λd
IF=20mA
558
− nm
Spectral Line Half Width
∆λ
IF=20mA
11
− nm
Web: www.marktechopto.com | Email: info@marktechopto.com
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
California Sales Office:
950 South Coast Drive, Suite 265
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Podobny numer części - TLPGE1005B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLPGE1002A TOSHIBA-TLPGE1002A Datasheet
644Kb / 17P
   TOSHIBA LED LAMP
logo
Marktech Corporate
TLPGE1002A MARKTECH-TLPGE1002A Datasheet
493Kb / 8P
   Toshiba TLxE1002A SMT LEDs
logo
Toshiba Semiconductor
TLPGE1002A TOSHIBA-TLPGE1002A Datasheet
314Kb / 18P
   Panel Circuit Indicator
TLPGE1002A TOSHIBA-TLPGE1002A Datasheet
258Kb / 18P
   Panel Circuit Indicators
logo
Marktech Corporate
TLPGE1008A MARKTECH-TLPGE1008A Datasheet
499Kb / 8P
   Toshiba TLxE1008A SMT LEDs
More results

Podobny opis - TLPGE1005B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Visual Communications C...
SMD22 VCC-SMD22 Datasheet
23Kb / 1P
   SURFACE MOUNT LED MOUNT
logo
Marktech Corporate
TLGE1005B MARKTECH-TLGE1005B Datasheet
81Kb / 3P
   Surface Mount LED
logo
Dialight Corporation
597-3XX1-1XX DIALIGHT-597-3XX1-1XX Datasheet
21Kb / 1P
   Surface Mount LED
597-3XX1-2XX DIALIGHT-597-3XX1-2XX Datasheet
28Kb / 2P
   Surface Mount LED
logo
Visual Communications C...
CMDA2 VCC-CMDA2 Datasheet
571Kb / 1P
   Surface Mount LED
logo
Seoul Semiconductor
KWT803-S SEOUL-KWT803-S Datasheet
649Kb / 14P
   surface-mount LED
MWT801-S SEOUL-MWT801-S Datasheet
318Kb / 13P
   surface-mount LED
USBT801 SEOUL-USBT801 Datasheet
490Kb / 12P
   surface-mount LED
AWT801-S SEOUL-AWT801-S Datasheet
651Kb / 16P
   surface-mount LED
CFT732-S SEOUL-CFT732-S Datasheet
924Kb / 22P
   surface-mount LED
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com