Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL150EM-1 Arkusz danych(PDF) 2 Page - Analog Devices

Numer części ADXL150EM-1
Szczegółowy opis  ADXL105/ADXL150/ADXL250/ADXL190 Evaluation Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL150EM-1 Arkusz danych(HTML) 2 Page - Analog Devices

  ADXL150EM-1 Datasheet HTML 1Page - Analog Devices ADXL150EM-1 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ACCELEROMETER EVALUATION MODULES
Model
ADXL105
ADXL105
ADXL150
ADXL150
ADXL190
EM-1
EM-3
EM-1
EM-3
EM-1
Parameters
Single Axis
Tri-Axial
Single Axis
Tri-Axial
Single Axis
Units
Remarks
Span
±4
±4
±10
±10
±100
g
±5%
Sensitivity
1
500
500
200
200
20
mV/g
±5%, @ +5.00 V
Bandwidth
DC–100
DC–100
DC–100
DC–100
DC–400
Hz
±5%
Noise
4
4
10
10
40
mg rms
typ
Orientation
Horizontal
Tri-Axial
Horizontal
Tri-Axial
Vertical
Zero g Output
2
+2.5
± 0.1
+2.5
± 0.1
+2.5
± 0.1
+2.5
± 0.1
+2.5
± 0.1
Volts
@ +25
°C, @ +5.00 V
Zero g Drift
3
±0.2
±0.2
±0.2
±0.2
±0.2
g
0
°C to +70°C typ
Span Output
±2.0 ± 0.2
±2.0 ± 0.2
±2.0 ± 0.1
±2.0 ± 0.1
±2.0 ± 0.2
Volts
@ +25
°C, @ +5.00 V
Nonlinearity
4
±0.2
±0.2
±0.2
±0.2
±0.2
% FS
typ
Alignment
±2
±2
±2
±2
±2
Degrees typ
Transverse Sensitivity
5
±3.5
±3.5
±3.5
±3.5
±3.5
% FS
typ
Temperature Range
0 to +70
0 to +70
0 to +70
0 to +70
0 to +70
°C
Shock
500
500
500
500
1000
g
Powered
2000
2000
2000
2000
2000
g
Unpowered
Output Loading
>2 k
Ω, < 1 nF >2 kΩ, < 1 nF >2 kΩ, < 1 nF >2 kΩ, < 1 nF >2 kΩ, < 1 nF
max
Supply Voltage
Specified Performance
+5
± 0.25
+5
± 0.25
+5
± 0.25
+5
± 0.25
+5
± 0.25
Volts
max
Functional Range
+5
± 1
+5
± 1
+5
± 1
+5
± 1
+5
± 1
Volts
typ
Supply Current
3.5
10
3.5
10
3.5
mA
typ
NOTES
1Ratiometric to Supply: V
OUT = (VS/2) – (sensitivity × (VS/5 V) × accel).
2Ratiometric to supply, proportional to V
S/2.
3Zero g Drift is specified as the typical change in 0 g level from its initial value at +25
°C to its worst case value at T
MIN or TMAX.
4Nonlinearity is the deviation from a best fit straight line at full scale.
5Transverse sensitivity is error measured in the primary axis output created by forces induced in the orthogonal axis. Transverse sensitivity error is primarily due to
the effects of misalignment (i.e., much of it can be tuned out by adjusting the package orientation).
6All frequency break points are –3 dB, single pole, –6 dB per octave roll-off.
Specifications subject to change without notice.
REV.C
–2–
ADXL105EM-1/ADXL105EM-3/ADXL150EM-1/ADXL150EM-3/
ADXL190EM-1SPECIFICATIONS


Podobny numer części - ADXL150EM-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL150 AD-ADXL150 Datasheet
341Kb / 15P
   -5 g to -50 g, Low Noise, Low Power, Single/Dual Axis iMEMS Accelerometers
REV. 0
ADXL150AQC AD-ADXL150AQC Datasheet
341Kb / 15P
   -5 g to -50 g, Low Noise, Low Power, Single/Dual Axis iMEMS Accelerometers
REV. 0
ADXL150JQC AD-ADXL150JQC Datasheet
341Kb / 15P
   -5 g to -50 g, Low Noise, Low Power, Single/Dual Axis iMEMS Accelerometers
REV. 0
More results

Podobny opis - ADXL150EM-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
u-blox AG
EVK-NINA-B1 U-BLOX-EVK-NINA-B1 Datasheet
1Mb / 21P
   Evaluation kit for NINA-B1 modules
EVK-ANNA-B4 U-BLOX-EVK-ANNA-B4 Datasheet
3Mb / 43P
   Evaluation kit for ANNA-B4 modules
Rev. R03 / 7-Dec-2021
EVK-NORA-B1 U-BLOX-EVK-NORA-B1 Datasheet
2Mb / 32P
   Evaluation kit for NORA-B1 series modules
logo
Texas Instruments
TPS62160EVM-627 TI1-TPS62160EVM-627 Datasheet
1Mb / 15P
[Old version datasheet]   TPS62160EVM-627 and TPS62170EVM-627 Evaluation Modules
TPS62A01EVM-190 TI-TPS62A01EVM-190 Datasheet
598Kb / 7P
[Old version datasheet]   TPS62A01EVM-190 and TPS62A01AEVM-190 Evaluation Modules Users Guide
NOVEMBER 2021
logo
National Semiconductor ...
LMZ23610 NSC-LMZ23610 Datasheet
2Mb / 16P
   Sharing Evaluation Board power modules are easy-to-use DC-DC
logo
Infineon Technologies A...
MA070E12EVAL INFINEON-MA070E12EVAL Datasheet
974Kb / 17P
   AN2012-08 Evaluation Adapter Board for 62mm Half Bridge IGBT Modules
V1.0 December 2012
XED100E12F2 INFINEON-XED100E12F2 Datasheet
1Mb / 33P
   Evaluation Driver Boards for EconoDUAL™3 and EconoPACK™ modules
V1.3 Feb. 2011
logo
National Semiconductor ...
LMZ1420XEXT NSC-LMZ1420XEXT Datasheet
748Kb / 10P
   Evaluation Board power modules are easy-to-use DC-DC solution
logo
IQD Frequency Products ...
IQCM-EV IQD-IQCM-EV Datasheet
682Kb / 1P
   Designed to allow simplified testing and evaluation of the clock modules
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com