Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KAQV213H Arkusz danych(PDF) 2 Page - COSMO Electronics Corporation

Numer części KAQV213H
Szczegółowy opis  SOLID STATE RELAY - MOSFET OUTPUT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COSMO [COSMO Electronics Corporation]
Strona internetowa  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQV213H Arkusz danych(HTML) 2 Page - COSMO Electronics Corporation

  KAQV213H Datasheet HTML 1Page - COSMO  Electronics Corporation KAQV213H Datasheet HTML 2Page - COSMO  Electronics Corporation KAQV213H Datasheet HTML 3Page - COSMO  Electronics Corporation KAQV213H Datasheet HTML 4Page - COSMO  Electronics Corporation KAQV213H Datasheet HTML 5Page - COSMO  Electronics Corporation KAQV213H Datasheet HTML 6Page - COSMO  Electronics Corporation KAQV213H Datasheet HTML 7Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PRODUCT SPECIFICATION
DATE:03/01/2005
Preliminary
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQV213H
SHEET 2 OF 7
REV.
0
Electro-optical Characteristics
Ta=25℃)
Parameter
Symbol
Conditions
Min. Typ. Max. Unit.
Emitter(Input)
Forward Voltage
VF
IF=10mA
1.2
1.5
V
Operation Input Current
IFON
VL=±20V,IL=100mA,t=10ms
5.0
mA
Recovery Input Current
IFOFF
VL=±20V,IL≦5µA
0.2
mA
Detector(Output)
Output Breakdown Voltage
VB
IB=50µA
250
V
Output Off-State Leakage
ITOFF
VT=100V,IF=0mA
0.2
1
μ
A
I/O Capacitance
CISO
IF=0,f=1MHz
6
pF
A
8
B
4
ON Resistance Connection
C
RON
IL=100mA,IF=10mA
2
Ω
Turn-On Time
TON
0.3
1.0
ms
Turn-Off Time
TOFF
IF=10mA,VL=±20V
t=10ms,IL=±100mA
0.7
1.5
ms
Schematic and Wiring Diagrams
Schematic
Output
Configuration
Load
Connection
Wiring Diagrams
AC/DC
A
V
2
3
IN
IF
1
5
4
6
L
I
Load
V (AC,DC)
L
IL
4
6
Load
(AC,DC)
L
V
DC
B
+
I
Load
6
4
5
IL
6
4
5
L
V
Load
(DC)
-
+
L
V (DC)
-
L
+
6
4
5
Load
IL
5
Load
L
I
L
V (DC)
-
+
L
V (DC)
-
1
V
V
F
I
3
2
IN
IN
IF
1
3
2
3
2
1
4
5
6
1a
DC
C
+
I
6
+
Load
6
1
VIN
IF
3
2
4
5
V
IL
(DC)
-
L
4
5
Load
L
(DC)
L
V
-


Podobny numer części - KAQV213H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
COSMO Electronics Corp...
KAQV213H COSMO-KAQV213H Datasheet
502Kb / 12P
   6PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET OOUTPUT
KAQV213HA COSMO-KAQV213HA Datasheet
502Kb / 12P
   6PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET OOUTPUT
More results

Podobny opis - KAQV213H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
COSMO Electronics Corp...
KAQV216H COSMO-KAQV216H Datasheet
209Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQV414H COSMO-KAQV414H Datasheet
208Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQY214H COSMO-KAQY214H Datasheet
196Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQY217H COSMO-KAQY217H Datasheet
194Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQY414H COSMO-KAQY414H Datasheet
196Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQY210BH COSMO-KAQY210BH Datasheet
195Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQY210H COSMO-KAQY210H Datasheet
195Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
logo
Solid State Optronic
SMQ4110 SSOUSA-SMQ4110 Datasheet
407Kb / 8P
   MOSFET Output Solid State Relay
logo
COSMO Electronics Corp...
KAQW614H COSMO-KAQW614H Datasheet
222Kb / 10P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQV212H COSMO-KAQV212H Datasheet
208Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com