Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST6G3238ETTR Arkusz danych(PDF) 9 Page - STMicroelectronics

Numer części ST6G3238ETTR
Szczegółowy opis  Dual Supply Level Translator for SD/ MINISD/ T-FLASH With 짹8KV Contact Discharge ESD Protection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3238ETTR Arkusz danych(HTML) 9 Page - STMicroelectronics

Back Button ST6G3238ETTR Datasheet HTML 5Page - STMicroelectronics ST6G3238ETTR Datasheet HTML 6Page - STMicroelectronics ST6G3238ETTR Datasheet HTML 7Page - STMicroelectronics ST6G3238ETTR Datasheet HTML 8Page - STMicroelectronics ST6G3238ETTR Datasheet HTML 9Page - STMicroelectronics ST6G3238ETTR Datasheet HTML 10Page - STMicroelectronics ST6G3238ETTR Datasheet HTML 11Page - STMicroelectronics ST6G3238ETTR Datasheet HTML 12Page - STMicroelectronics ST6G3238ETTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
ST6G3238E
DC and AC Parameters
9/17
Symbol
Parameter
Test Conditions
Value
Unit
VCCA
(V)
VCCB
(V)
TA = 25°C
-40 to 85°C
Min.
Max.
Min.
Max.
VOL
(B port)
Low Level
Output Voltage
1.4-3.6
1.4-3.6
IOL = 100µA
0.20
V
1.4
1.4
IOL = 1 mA
0.35
1.65
1.65
IOL = 4 mA
0.45
2.3
2.3
IOL = 6 mA
0.55
33
IOL = 8 mA
0.70
IIA
Input Leakage
Current for A-
side
1.8
2.9
VIA=VCC or
GND
DIR=HIGH
VCD=VWP=V
CCA
±0.5
±5
µA
IIB
Input Leakage
Current for B-
side
1.8
2.9
VCLK.h=VCCA
VCMD= VCCB
VDAT0,DAT1,D
AT2=VCCB
VDAT3=GND
DIR=LOW
VCD=VWP=V
CCA
±0.5
±5
µA
ICCA
Quiescent
Supply Current
for A-side
1.65
3.6
VIA=VCCA or
GND
VCD=VWP=V
CCA
DIR=HIGH
0.5
5
µA
1.8
2.5
1.8
2.6
3.6
3.6
ICCB
Quiescent
Supply Current
for B-side
1.65
3.6
VCLK.h=VCCA
or GND
VIB=OPEN
DIR=LOW
VCD=VWP=V
CCA
0.5
5
µA
1.8
2.5
1.8
3.6
3.6
3.6
IWP
WP pin input
Leakage Current
1.8
3.0
VIA=VCCA or
GND
DIR=HIGH
VWP=GND
36
µA
ICD
CD pin input
Leakage Current
1.8
3.0
VIA=VCCA or
GND
DIR=HIGH
VCD=GND
36
µA
Table 7.
DC Specification


Podobny numer części - ST6G3238ETTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST6G3238E STMICROELECTRONICS-ST6G3238E Datasheet
257Kb / 19P
   Dual supply level translator for SD/ MINISD/ T-FLASH With 짹8KV contact discharge ESD protection
ST6G3238E STMICROELECTRONICS-ST6G3238E_06 Datasheet
257Kb / 19P
   Dual supply level translator for SD/ MINISD/ T-FLASH With 짹8KV contact discharge ESD protection
More results

Podobny opis - ST6G3238ETTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST6G3238BE STMICROELECTRONICS-ST6G3238BE Datasheet
299Kb / 17P
   Dual supply level translator for SD/ MINISD/ T-FLASH With 짹8KV contact discharge ESD protection
ST6G3238E STMICROELECTRONICS-ST6G3238E_06 Datasheet
257Kb / 19P
   Dual supply level translator for SD/ MINISD/ T-FLASH With 짹8KV contact discharge ESD protection
ST6G3237 STMICROELECTRONICS-ST6G3237 Datasheet
214Kb / 17P
   Dual supply level translator for SD/ MINISD / T-FLASH
ST6G3237B STMICROELECTRONICS-ST6G3237B Datasheet
208Kb / 16P
   Dual supply level translator for SD/ MINISD / T-FLASH
ST6G3244ME STMICROELECTRONICS-ST6G3244ME Datasheet
662Kb / 27P
   Level translator for SD, SDIO, mini SD, and micro SD Cards with internal I/O supply and 짹15 kV ESD protection
November 2011 Rev 2
ST6G3240 STMICROELECTRONICS-ST6G3240 Datasheet
559Kb / 29P
   Dual supply level translator for dual memory cards (mini SD/micro SD managed NAND)
logo
NXP Semiconductors
NVT4858 NXP-NVT4858_V01 Datasheet
639Kb / 34P
   SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 2.2 - 21 September 2022
NVT4858 NXP-NVT4858 Datasheet
455Kb / 26P
   SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 1.0-21 April 2021
NVT4858 NXP-NVT4858_V02 Datasheet
638Kb / 33P
   SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 2.3 - 8 May 2023
logo
Nexperia B.V. All right...
IP4856CX25 NEXPERIA-IP4856CX25 Datasheet
383Kb / 22P
   SD 3.0-compliant memory card integrated dual voltage level translator with EMI filter and ESD protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com