Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PD10NG-0509E21 Arkusz danych(PDF) 3 Page - PEAK electronics GmbH

Numer części PD10NG-0509E21
Szczegółowy opis  PD10NG-XXXXE2:1 1KV ISOLATED 2W REGULATED SINGLE OUTPUT SIP8
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PEAK [PEAK electronics GmbH]
Strona internetowa  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

PD10NG-0509E21 Arkusz danych(HTML) 3 Page - PEAK electronics GmbH

  PD10NG-0509E21 Datasheet HTML 1Page - PEAK electronics GmbH PD10NG-0509E21 Datasheet HTML 2Page - PEAK electronics GmbH PD10NG-0509E21 Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PD10NG-XXXXE2:1 1KV ISOLATED 2W REGULATED SINGLE OUTPUT SIP8
External capacitance:
Pin 3 (CTRL)
These converters will work with without external
Control pin (ON/OFF)
capacitors but they are necessary in order to
Output starts at low or open and stops when high.
guarantee the full line load range. All parts have
Voltage applied via a limiting resistor and switching
been tested using the following recommended
diode. The converter is in a low power mode during
values.
the high level phase.
Connection example
Pin 8 (CS)
This pin provides a connection point to the main
reservoir capacitor. Additional capacitance can
be added from this to pin 7. Any low ESR
capacitor will improve ripple and noise in some
measure. Starting values can be in the range of
100uF.
Pin 5 (NE)
This pin is used internally and must have have no external connection.
Application Notes
Pin 3: The outside control connection. This pin provides the converter output ON/OFF,
and the control common is referred to negative input.
Pin 5: This pin belongs to the secondary side. It just avoids someone to reverses the primary
and secondary.
Pin 8: Max. 1000 uF
Specification can be changed without notice.
Copyright PEAK electronics GmbH
REV: 1 / 03.2003
Cin
10uF/100V, low ESR.
Cout
100uF/35V, low ESR.
MCU
Vcc-5V
CONVERTER
1K
1N4148
PIN 3
Converter
Cout
Cin
+ Vout
- Vout
+ Vin
- Vin


Podobny numer części - PD10NG-0509E21

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PEAK electronics GmbH
PD10NG-0509E21H30 PEAK-PD10NG-0509E21H30 Datasheet
82Kb / 3P
   PD10NG-XXXXE2:1H30 3KV ISOLATED 2W REGULATED SINGLE OUTPUT SIP8
More results

Podobny opis - PD10NG-0509E21

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PEAK electronics GmbH
PD10NG-053R3E21H30 PEAK-PD10NG-053R3E21H30 Datasheet
82Kb / 3P
   PD10NG-XXXXE2:1H30 3KV ISOLATED 2W REGULATED SINGLE OUTPUT SIP8
PD10NG-053R3Z21 PEAK-PD10NG-053R3Z21 Datasheet
84Kb / 3P
   PD10NG-XXXXZ2:1 1KV ISOLATED 2W REGULATED DUAL OUTPUT SIP8
PD6NG-053R3E21 PEAK-PD6NG-053R3E21 Datasheet
82Kb / 3P
   PD6NG-XXXXE2:1 1KV ISOLATED 1W REGULATED SINGLE OUTPUT SIP8
PD10NG-053R3Z21H30 PEAK-PD10NG-053R3Z21H30 Datasheet
67Kb / 3P
   PD10NG-XXXXZ2:1H30 3KV ISOLATED 2W REGULATED DUAL OUTPUT SIP8
PD6NG-053R3E21H30 PEAK-PD6NG-053R3E21H30 Datasheet
82Kb / 3P
   PD6NG-XXXXE2:1H30 3KV ISOLATED 1W REGULATED SINGLE OUTPUT SIP8
PD6NG-053R3Z21 PEAK-PD6NG-053R3Z21 Datasheet
66Kb / 3P
   PD6NG-XXXXZ2:1 1KV ISOLATED 1W REGULATED DUAL OUTPUT SIP8
PS10GG-1205E21H10 PEAK-PS10GG-1205E21H10 Datasheet
203Kb / 3P
   PS10GG-XXXXE2:1H10 1KV ISOLATED 2 W REGULATED SINGLE OUTPUT SIP12
P6DG-0503E PEAK-P6DG-0503E Datasheet
101Kb / 2P
   1KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP14
PB6FG-123R3E21 PEAK-PB6FG-123R3E21 Datasheet
217Kb / 2P
   1KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP16
P10CU-0505E PEAK-P10CU-0505E Datasheet
222Kb / 2P
   1KV ISOLATED 2W UNREGULATED SINGLE OUTPUT SIP7
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com