Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ALVCH16973DLRG4 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części 74ALVCH16973DLRG4
Szczegółowy opis  8-BIT BUS TRANSCEIVER AND TRANSPARENT D-TYPE LATCH WITH FOUR INDEPENDENT BUFFERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

74ALVCH16973DLRG4 Arkusz danych(HTML) 1 Page - Texas Instruments

  74ALVCH16973DLRG4 Datasheet HTML 1Page - Texas Instruments 74ALVCH16973DLRG4 Datasheet HTML 2Page - Texas Instruments 74ALVCH16973DLRG4 Datasheet HTML 3Page - Texas Instruments 74ALVCH16973DLRG4 Datasheet HTML 4Page - Texas Instruments 74ALVCH16973DLRG4 Datasheet HTML 5Page - Texas Instruments 74ALVCH16973DLRG4 Datasheet HTML 6Page - Texas Instruments 74ALVCH16973DLRG4 Datasheet HTML 7Page - Texas Instruments 74ALVCH16973DLRG4 Datasheet HTML 8Page - Texas Instruments 74ALVCH16973DLRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.ti.com
FEATURES
DESCRIPTION/ORDERING INFORMATION
DGG, DGV, OR DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
TOE
D1
A1
GND
Y1
A2
VCC
D2
A3
GND
Y2
A4
D3
A5
GND
Y3
A6
VCC
D4
A7
GND
A8
Y4
LE
DIR
B1
Q1
GND
B2
Q2
VCC
B3
Q3
GND
B4
Q4
B5
Q5
GND
B6
Q6
VCC
B7
Q7
GND
Q8
B8
LOE
SN74ALVCH16973
8-BIT BUS TRANSCEIVER AND TRANSPARENT D-TYPE LATCH
WITH FOUR INDEPENDENT BUFFERS
SCES435B – APRIL 2003 – REVISED SEPTEMBER 2004
Member of the Texas Instruments Widebus™
Family
Bus Hold on Data Inputs Eliminates the Need
for External Pullup/Pulldown Resistors
Latch-Up Performance Exceeds 250 mA Per
JESD 17
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
This device contains four independent noninverting
buffers and an 8-bit noninverting bus transceiver and
D-type latch, designed for 1.65-V to 3.6-V VCC
operation.
The SN74ALVCH16973 is particularly suitable for
demultiplexing an address/data bus into a dedicated
address bus and dedicated data bus. The device is
used where there is asynchronous bidirectional
communication between the A and B data bus, and
the address signals are latched and buffered on the
Q bus. The control-function implementation minimizes
external timing requirements.
This device can be used as one 4-bit buffer, one 8-bit
transceiver,
or
one
8-bit
latch.
It
allows
data
transmission from the A bus to the B bus or from the
B bus to the A bus, depending on the logic level at
the direction-control (DIR) input. The transceiver
output-enable (TOE) input can be used to disable the
transceivers so that the A and B buses effectively are
isolated.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube
SN74ALVCH16973DL
SSOP - DL
ALVCH16973
Tape and reel
SN74ALVCH16973DLR
-40
°C to 85°C
TSSOP - DGG
Tape and reel
SN74ALVCH16973DGGR
ALVCH16973
TVSOP - DGV
Tape and reel
SN74ALVCH16973DGVR
VH973
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - 74ALVCH16973DLRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74ALVCH16901DGGRE4 TI-74ALVCH16901DGGRE4 Datasheet
368Kb / 14P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
74ALVCH16901DGGRG4 TI-74ALVCH16901DGGRG4 Datasheet
368Kb / 14P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
74ALVCH16903DGGRE4 TI-74ALVCH16903DGGRE4 Datasheet
220Kb / 16P
[Old version datasheet]   3.3-V 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER AND DUAL 3-STATE OUTPUTS
74ALVCH16903DGGRG4 TI-74ALVCH16903DGGRG4 Datasheet
220Kb / 16P
[Old version datasheet]   3.3-V 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER AND DUAL 3-STATE OUTPUTS
74ALVCH16903DGVRE4 TI-74ALVCH16903DGVRE4 Datasheet
220Kb / 16P
[Old version datasheet]   3.3-V 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER AND DUAL 3-STATE OUTPUTS
More results

Podobny opis - 74ALVCH16973DLRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ALVCH32973 TI-SN74ALVCH32973 Datasheet
266Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND TRANSPARENT D-TYPE LATCH WITH EIGHT INDEPENDENT BUFFERS
logo
NXP Semiconductors
74ALVCH32973 PHILIPS-74ALVCH32973_15 Datasheet
181Kb / 17P
   16-bit bus transceiver and transparant D-type latch with 8 independent buffers
Rev. 3-17 January 2013
logo
Nexperia B.V. All right...
74ALVCH32973 NEXPERIA-74ALVCH32973 Datasheet
795Kb / 17P
   16-bit bus transceiver and transparant D-type latch with 8 independent buffers
logo
Texas Instruments
SN74ALS990 TI1-SN74ALS990_16 Datasheet
837Kb / 14P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCH
SN74ALS990 TI-SN74ALS990 Datasheet
92Kb / 6P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCH
SN74LVCH32373A TI1-SN74LVCH32373A_13 Datasheet
794Kb / 13P
[Old version datasheet]   32-BIT TRANSPARENT D-TYPE LATCH
logo
Fairchild Semiconductor
74F845 FAIRCHILD-74F845 Datasheet
48Kb / 6P
   8-Bit Transparent Latch
logo
Integrated Device Techn...
IDT74ALVCH32373 IDT-IDT74ALVCH32373 Datasheet
116Kb / 7P
   3.3V CMOS 32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCH162373 IDT-IDT74ALVCH162373 Datasheet
68Kb / 6P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCH16373 IDT-IDT74ALVCH16373 Datasheet
74Kb / 6P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com