Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMB118 Arkusz danych(PDF) 11 Page - Summit Microelectronics, Inc.

Numer części SMB118
Szczegółowy opis  Seven-Channel Programmable DC-DC Power Manager with Battery Charger
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUMMIT [Summit Microelectronics, Inc.]
Strona internetowa  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB118 Arkusz danych(HTML) 11 Page - Summit Microelectronics, Inc.

  SMB118 Datasheet HTML 1Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 1 page
background image
SMB118/218
Summit Microelectronics, Inc
2107 3.0 10/15/2008
11
DC OPERATING CHARACTERISTICS (CONTINUED)
(Over commercial operating conditions, unless otherwise noted. All voltages are relative to GND.)
Channel [6:4] – Step-down BUCK
VOUT
Voltage (nominal set point)
VIN
[6:4] 4.2V, ILOAD=0A
+0.5
VIN
V
Note 2, VOUT = 2.5V,
T = -40°C to +85°C
-2
±1
+2
%
∆VOUT
Voltage accuracy
Note 2, VOUT = 1.2V,
T = 0°C to +70°C
-2
±1
+2
%
VFB
Feedback voltage reference
range
Programmable in 4mV steps
0
1
V
gm
Error amp transconductance
160
umho
IEA
Error amp output drive
±20
µA
RCS
CS amplifier transresistance
ILOAD = 500mA
1.2
RHS
HS Switch Resistance
ILOAD = 500mA
320
m
Output High
5.5
RDRVL
LS Gate drive impedance
Output Low
2.7
Vcl
Clamp threshold voltage
Programmable 1.0, 1.1, 1.2,
1.5V
1.0
1.5
V
Vcl_acc
Clamp threshold voltage
Accuracy
Clamp threshold 1.0 and 1.5V
±5
%
Maximum, VBATT = 4.2V
100
%
D.C.
Duty Cycle
Minimum, PWM mode,
VBATT = 4.2V
15
30
%
PLEASE NOTE: The SMB118 has entered End-of-Life.


Podobny numer części - SMB118

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lite-On Technology Corp...
SMB11 LITEON-SMB11 Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB11 MIC-SMB11 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMB11 LUGUANG-SMB11 Datasheet
164Kb / 4P
   600Watts Surface Mount Transient Voltage Suppressor
logo
Lite-On Technology Corp...
SMB110 LITEON-SMB110 Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB110 MIC-SMB110 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Podobny opis - SMB118

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Summit Microelectronics...
SMB122 SUMMIT-SMB122 Datasheet
143Kb / 1P
   Nine-Channel Programmable DC-DC Power Manager with Battery Charger
SMB119 SUMMIT-SMB119 Datasheet
558Kb / 34P
   Seven-Channel Programmable DC-DC Power Manager
logo
Linear Technology
LTC3455 LINER-LTC3455 Datasheet
516Kb / 24P
   Dual DC/DC Converter with USB Power Manager and Li-Ion Battery Charger
LTC3455-1 LINER-LTC3455-1_15 Datasheet
343Kb / 28P
   Dual DC/DC Converter with USB Power Manager and Li-Ion Battery Charger
LTC3455 LINER-LTC3455_15 Datasheet
343Kb / 28P
   Dual DC/DC Converter with USB Power Manager and Li-Ion Battery Charger
logo
Summit Microelectronics...
SMB111 SUMMIT-SMB111 Datasheet
128Kb / 1P
   Four Channel Programmable DC-DC System Power Manager
SMB110 SUMMIT-SMB110 Datasheet
505Kb / 34P
   Five Channel Programmable DC-DC System Power Manager
SMB113 SUMMIT-SMB113 Datasheet
128Kb / 1P
   Four Channel Programmable DC-DC System Power Manager
SMB120 SUMMIT-SMB120 Datasheet
130Kb / 1P
   Nine-Channel DC/DC Digitally Programmable System Power Manager
logo
Linear Technology
LTC4040 LINER-LTC4040 Datasheet
347Kb / 6P
   Battery Charger and Backup Power Manager
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com