Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MLX90720 Arkusz danych(PDF) 8 Page - List of Unclassifed Manufacturers

Numer części MLX90720
Szczegółowy opis  One Button Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

MLX90720 Arkusz danych(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MLX90720 Datasheet HTML 4Page - List of Unclassifed Manufacturers MLX90720 Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX90720 Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90720 Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90720 Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90720 Datasheet HTML 9Page - List of Unclassifed Manufacturers MLX90720 Datasheet HTML 10Page - List of Unclassifed Manufacturers MLX90720 Datasheet HTML 11Page - List of Unclassifed Manufacturers MLX90720 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MLX90720
One Button Timer
MLX90720 One Button Timer
Page 8
Rev 1.0
30/Nov/00
MLX90720 Electrical Specifications
DC Operating Parameters TA = 0oC to 85oC, VDD = 1.2V to 1.7V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max Units
Standby current cons.
Isb
VDD = 1.5V
200
nA
Operating current cons.
Iop
VDD = 1.5V, buzzer output not loaded
3
uA
Parameter
Symbol
Test Conditions
Min
Typ
Max Units
Oscillator frequency
Fosc
VDD = 1.5V
32768
Hz
Parameter
Symbol
Test Conditions
Min
Typ
Max Units
Driver source current
Irelo
VDD = 1.2V
0.4
mA
Parameter
Symbol
Test Conditions
Min
Typ
Max Units
timing tolerance for times <
2 minutes
tacc1
-1
1
sec
timing tolerance for times >
2 minutes
tacc2
-1
1
%
Parameter
Symbol
Test Conditions
Min
Typ
Max Units
Buzzer frequency
Fbuz
2048
Hz
Buzzer voltage
Vbuz
1.5
V


Podobny numer części - MLX90720

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MLX90711 ETC-MLX90711 Datasheet
144Kb / 12P
   Position/movement Sensing Auto-Shutoff
MLX90711SA ETC-MLX90711SA Datasheet
144Kb / 12P
   Position/movement Sensing Auto-Shutoff
MLX90711SL ETC-MLX90711SL Datasheet
144Kb / 12P
   Position/movement Sensing Auto-Shutoff
More results

Podobny opis - MLX90720

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
CY8C20111 CYPRESS-CY8C20111_12 Datasheet
1Mb / 44P
   CapSense짰 Express????One Button and Two Button Capacitive Controllers
CY8C20111 CYPRESS-CY8C20111 Datasheet
756Kb / 34P
   CapSense Express-One Button and Two Button Capacitive Controllers
CY8C20111 CYPRESS-CY8C20111_11 Datasheet
948Kb / 43P
   CapSense Express ??One Button and Two Button Capacitive Controllers
logo
PHOENIX CONTACT
ETD-SL-1T-DTF PHOENIX-ETD-SL-1T-DTF Datasheet
159Kb / 9P
   Multifunctional timer relay with one adjustable time
logo
SHENZHEN FUMAN ELECTRON...
FM80057 FUMAN-FM80057 Datasheet
271Kb / 4P
   One-button Christmas Light String Control IC
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
STMicroelectronics
STM6823 STMICROELECTRONICS-STM6823 Datasheet
315Kb / 21P
   5-Pin Supervisor with Watchdog Timer and Push-button Reset
STM632X STMICROELECTRONICS-STM632X Datasheet
668Kb / 31P
   5-pin supervisor with watchdog timer and push-button reset
June 2016 Rev 13
STM6321 STMICROELECTRONICS-STM6321_07 Datasheet
229Kb / 26P
   5-pin Supervisor with watchdog timer and push-button reset
STM6321 STMICROELECTRONICS-STM6321_09 Datasheet
302Kb / 29P
   5-pin supervisor with watchdog timer and push-button reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com