Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTV312MS64 Arkusz danych(PDF) 7 Page - List of Unclassifed Manufacturers

Numer części MTV312MS64
Szczegółowy opis  8051 Embedded Monitor Controller Flash Type with ISP
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

MTV312MS64 Arkusz danych(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MTV312MS64 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV312MS64 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV312MS64 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV312MS64 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV312MS64 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV312MS64 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV312MS64 Datasheet HTML 9Page - List of Unclassifed Manufacturers MTV312MS64 Datasheet HTML 10Page - List of Unclassifed Manufacturers MTV312MS64 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
MYSON
TECHNOLOGY
MTV312M64
(Rev 0.99)
Revision 0.99
- 7 -
2001/07/26
HCLPE = 1
→ Pin “DA7/HCLAMP”is HSYNC clamp pulse output.
= 0
→ Pin “DA7/HCLAMP”is DA7.
P42E
= 1
→ Pin “STOUT/P4.2”is P4.2.
= 0
→ Pin “STOUT/P4.2”is STOUT.
P41E
= 1
→ Pin “HBLANK/P4.1”is P4.1.
= 0
→ Pin “HBLANK/P4.1”is HBLANK.
P40E
= 1
→ Pin “VBLANK/P4.0”is P4.0.
= 0
→ Pin “VBLANK/P4.0”is VBLANK.
P56oe = 1
→ P5.6 is output pin.
= 0
→ P5.6 is input pin.
P55oe = 1
→ P5.5 is output pin.
= 0
→ P5.5 is input pin.
P54oe = 1
→ P5.4 is output pin.
= 0
→ P5.4 is input pin.
P53oe = 1
→ P5.3 is output pin.
= 0
→ P5.3 is input pin.
P52oe = 1
→ P5.2 is output pin.
= 0
→ P5.2 is input pin.
P51oe = 1
→ P5.1 is output pin.
= 0
→ P5.1 is input pin.
P50oe = 1
→ P5.0 is output pin.
= 0
→ P5.0 is input pin.
P67oe = 1
→ P6.7 is output pin.
= 0
→ P6.7 is input pin.
P66oe = 1
→ P6.6 is output pin.
= 0
→ P6.6 is input pin.
P65oe = 1
→ P6.5 is output pin.
= 0
→ P6.5 is input pin.
P64oe = 1
→ P6.4 is output pin.
= 0
→ P6.4 is input pin.
P63oe = 1
→ P6.3 is output pin.
= 0
→ P6.3 is input pin.
P62oe = 1
→ P6.2 is output pin.
= 0
→ P6.2 is input pin.
P61oe = 1
→ P6.1 is output pin.
= 0
→ P6.1 is input pin.
P60oe = 1
→ P6.0 is output pin.
= 0
→ P6.0 is input pin.
COP17 = 1
→ Pin “P1.7”is CMOS Output.
= 0
→ Pin “P1.7”is 8051 standard I/O.
COP16 = 1
→ Pin “P1.6”is CMOS Output.
= 0
→ Pin “P1.6”is 8051 standard I/O.
COP15 = 1
→ Pin “P1.5”is CMOS Output.
= 0
→ Pin “P1.5”is 8051 standard I/O.
COP14 = 1
→ Pin “P1.4”is CMOS Output.
= 0
→ Pin “P1.4”is 8051 standard I/O.
COP13 = 1
→ Pin “P1.3”is CMOS Output.
= 0
→ Pin “P1.3”is 8051 standard I/O.
COP12 = 1
→ Pin “P1.2”is CMOS Output.
= 0
→ Pin “P1.2”is 8051 standard I/O.
COP11 = 1
→ Pin “P1.1”is CMOS Output.
= 0
→ Pin “P1.1”is 8051 standard I/O.


Podobny numer części - MTV312MS64

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
More results

Podobny opis - MTV312MS64

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212M32 ETC1-MTV212M32 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV412M ETC-MTV412M Datasheet
255Kb / 26P
   8051 Embedded Monitor Controller 128K Flash Type with ISP
MTV230M64 ETC1-MTV230M64 Datasheet
404Kb / 31P
   8051 Embedded Micro Controller with Flash OSD and ISP
MTV230M ETC1-MTV230M Datasheet
250Kb / 31P
   8051 Embedded LCD Monitor Controller with Flash OSD
MTV112M ETC-MTV112M Datasheet
160Kb / 20P
   8051 Embedded CRT Monitor Controller Flash Version
MTV212M64 ETC2-MTV212M64 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
MTV212A32 ETC-MTV212A32 Datasheet
167Kb / 23P
   8051 Embedded Monitor Controller Mask ROM Type
logo
Realtek Semiconductor C...
RTD2120 REALTEK-RTD2120 Datasheet
525Kb / 37P
   8051 Embedded Micro-Controller for Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com