Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

N04M1618L1AT-85I Arkusz danych(PDF) 1 Page - NanoAmp Solutions, Inc.

Numer części N04M1618L1AT-85I
Szczegółowy opis  4Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx16 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NANOAMP [NanoAmp Solutions, Inc.]
Strona internetowa  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N04M1618L1AT-85I Arkusz danych(HTML) 1 Page - NanoAmp Solutions, Inc.

  N04M1618L1AT-85I Datasheet HTML 1Page - NanoAmp Solutions, Inc. N04M1618L1AT-85I Datasheet HTML 2Page - NanoAmp Solutions, Inc. N04M1618L1AT-85I Datasheet HTML 3Page - NanoAmp Solutions, Inc. N04M1618L1AT-85I Datasheet HTML 4Page - NanoAmp Solutions, Inc. N04M1618L1AT-85I Datasheet HTML 5Page - NanoAmp Solutions, Inc. N04M1618L1AT-85I Datasheet HTML 6Page - NanoAmp Solutions, Inc. N04M1618L1AT-85I Datasheet HTML 7Page - NanoAmp Solutions, Inc. N04M1618L1AT-85I Datasheet HTML 8Page - NanoAmp Solutions, Inc. N04M1618L1AT-85I Datasheet HTML 9Page - NanoAmp Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
NanoAmp Solutions, Inc.
670 North McCarthy Blvd. Suite 220, Milpitas, CA 95035
ph: 408-935-7777, FAX: 408-935-7770
www.nanoamp.com
Stock No. 23209-01 11/01/02
1
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
N04M1618L1A
4Mb Ultra-Low Power Asynchronous Medical CMOS SRAM
256Kx16 bit
Overview
The N04M1618L1A is an integrated memory
device intended for non life-support (Class 1 or
2) medical applications. This device is a 4
megabit memory organized as 262,144 words by
16 bits. The device is designed and fabricated
using NanoAmp’s advanced CMOS technology
with reliability inhancements for medical users. The
base design is the same as NanoAmp’s
N04M1618L2A, which has further reliability
processing for life-support (Class 3) medical
applications. The device operates with two chip
enable (CE1 and CE2) controls and output enable
(OE) to allow for easy memory expansion. Byte
controls (UB and LB) allow the upper and lower
bytes to be accessed independently and can also
be used to deselect the device. This device is
optimal for various applications where low-power is
critical such as battery backup and hand-held
devices. The device can operate over a very wide
temperature range of -40oC to +85oC and is
available in a JEDEC standard BGA package
Features
• Dual Power Supply for lowest power
1.4 to 2.3 Volts - VCC
1.4 to 3.6 Volts - VCCQ
• Very low standby current
400nA at 2.0V and 37 deg C Maximum
• Very low operating current
0.7mA at 1.8V and 1µs (Typical)
• Low Page Mode operating current
0.5mA at 1.8V and 1µs (Typical)
• Simple memory control
Dual Chip Enables (CE1 and CE2)
Byte control for independent byte operation
Output Enable (OE) for memory expansion
• Low voltage data retention
Vcc = 1.2V
• Automatic power down to standby mode
• Special Processing to reduce Soft Error Rate
(SER)
• Space saving BGA package available
Pin Configuration
Product Family
Part Number
Package Type
Operating
Temperature
Power
Supply
(Vcc)/(VccQ)
Speed
Standby
Current (ISB),
Max
Operating
Current (Icc),
Max
N04M1618L1AB
48 - BGA
-40oC to +85oC
1.4V - 2.3V
1.4V - 3.6V
85ns @ 1.7V
150ns @ 1.4V
10
µA3 mA @ 1MHz
N04M1618L1AT
44 - TSOP II
N04M1618L1AD Known Good Die
PIN
ONE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
LB#
OE#
A0
A1
A2
CE2
I/O8 UB#
A3
A4
CE1# I/O0
I/O9 I/O10
A5
A6
I/O1
I/O2
VSS I/O11 A17
A7
I/O3 VCCQ
VCC I/O12 NC
A16
I/O4
VSS
I/O14 I/O13 A14
A15
I/O5
I/O6
I/O15
NC
A12
A13 WE# I/O7
NC
A8
A9
A10
A11
NC
48 Pin BGA (top)
A
B
C
D
E
F
G
H
1
2
3
4
5
6
6 x 8 mm
A4
A3
A2
A1
A0
CE1#
I/O0
I/O1
I/O2
I/O3
VCC
VSS
I/O15
I/O14
I/O13
I/O12
WE#
A16
A15
A14
A13
A12
A5
A6
A7
OE#
UB#
LB#
I/O4
I/O5
I/O6
I/O7
VSS
VCCQ
I/O11
I/O10
I/O9
I/O8
CE2
A8
A9
A10
A11
A17
Pin Descriptions
Pin Name
Pin Function
A0-A17
Address Inputs
WE
Write Enable Input
CE1, CE2
Chip Enable Input
OE
Output Enable Input
LB
Lower Byte Enable Input
UB
Upper Byte Enable Input
I/O0-I/O15
Data Inputs/Outputs
VCC
Power
VCCQ
Input/Output Power
VSS
Ground
NC
Not Connected


Podobny numer części - N04M1618L1AT-85I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NanoAmp Solutions, Inc.
N04M163WL1A NANOAMP-N04M163WL1A Datasheet
246Kb / 9P
   4Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx16 bit
More results

Podobny opis - N04M1618L1AT-85I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NanoAmp Solutions, Inc.
N04M163WL1A NANOAMP-N04M163WL1A Datasheet
246Kb / 9P
   4Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx16 bit
N04L1618C2A NANOAMP-N04L1618C2A Datasheet
246Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256Kx16 bit
N04L163WC1A NANOAMP-N04L163WC1A Datasheet
273Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
List of Unclassifed Man...
N04L163WC1C ETC-N04L163WC1C Datasheet
271Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
NanoAmp Solutions, Inc.
N04L163WC2A NANOAMP-N04L163WC2A Datasheet
265Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
logo
ON Semiconductor
N04L63W1A ONSEMI-N04L63W1A Datasheet
196Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
July 2008 - Rev. 13
N04L63W2A ONSEMI-N04L63W2A Datasheet
197Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
July 2008 - Rev. 10
logo
NanoAmp Solutions, Inc.
N08M163WL1A NANOAMP-N08M163WL1A Datasheet
234Kb / 8P
   8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512Kx16 bit
N02M083WL1A NANOAMP-N02M083WL1A Datasheet
212Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L2A NANOAMP-N02M0818L2A Datasheet
215Kb / 8P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com