Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

N08L083WC2C Arkusz danych(PDF) 3 Page - NanoAmp Solutions, Inc.

Numer części N08L083WC2C
Szczegółowy opis  8Mb Ultra-Low Power Asynchronous CMOS SRAM 1024K 횞 8 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NANOAMP [NanoAmp Solutions, Inc.]
Strona internetowa  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N08L083WC2C Arkusz danych(HTML) 3 Page - NanoAmp Solutions, Inc.

  N08L083WC2C Datasheet HTML 1Page - NanoAmp Solutions, Inc. N08L083WC2C Datasheet HTML 2Page - NanoAmp Solutions, Inc. N08L083WC2C Datasheet HTML 3Page - NanoAmp Solutions, Inc. N08L083WC2C Datasheet HTML 4Page - NanoAmp Solutions, Inc. N08L083WC2C Datasheet HTML 5Page - NanoAmp Solutions, Inc. N08L083WC2C Datasheet HTML 6Page - NanoAmp Solutions, Inc. N08L083WC2C Datasheet HTML 7Page - NanoAmp Solutions, Inc. N08L083WC2C Datasheet HTML 8Page - NanoAmp Solutions, Inc. N08L083WC2C Datasheet HTML 9Page - NanoAmp Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Stock No. 23379-A
3
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
NanoAmp Solutions, Inc.
N08L083WC2C
Advance Information
Stresses greater than those listed above may cause permanent damage to the device. This is a stress rating only and functional oper-
ation of the device at these or any other conditions above those indicated in the operating section of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Absolute Maximum Ratings
Item
Symbol
Rating
Unit
Voltage on any pin relative to VSS
VIN,OUT
–0.3 to VCC+0.3
V
Voltage on VCC Supply Relative to VSS
VCC
–0.3 to 4.5
V
Power Dissipation
PD
500
mW
Storage Temperature
TSTG
–65 to 150
oC
Operating Temperature
TA
-40 to +85
oC
Soldering Temperature and Time
TSOLDER
260oC, 10sec
oC
Operating Characteristics (Over Specified Temperature Range)
Item
Symbol
Test Conditions
Min.
Typ1
1. Typical values are measured at Vcc=Vcc Typ., TA=25°C and not 100% tested.
Max
Unit
Supply Voltage
VCC
2.2
3.0
3.6
V
Data Retention Voltage
VDR
Chip Disabled
1.5
V
Input High Voltage
VIH
Vcc = 2.2V to 2.7V
1.8
VCC+0.3
V
Vcc = 2.7V to 3.6V
2.2
VCC+0.3
Input Low Voltage
VIL
Vcc = 2.2V to 2.7V
-0.3
0.6
V
Vcc = 2.7V to 3.6V
-0.3
0.8
Output High Voltage
VOH
IOH = -0.1mA, Vcc = 2.2V
2.0
V
IOH = -1.0mA, Vcc = 2.7V
2.4
Output Low Voltage
VOL
IOL = 0.1mA, Vcc = 2.2V
0.4
V
IOL = 2.1mA, Vcc = 2.7V
0.4
Input Leakage Current
ILI
VIN = 0 to VCC
-1
1
µA
Output Leakage Current
ILO
VOUT = 0 to VCC
Output Disabled
-1
1
µA
Read/Write Operating Supply Current
@ 1
µs Cycle Time2
2. This parameter is specified with the outputs disabled to avoid external loading effects. The user must add current required to drive
output capacitance expected in the actual system.
ICC1
VCC=3.6 V, VIN=VIH or VIL
Chip Enabled, IOUT = 0
1.5
3.0
mA
-L
1.5
3.0
Read/Write Operating Supply Current
@ fmax
ICC2
VCC=3.6 V, VIN=VIH or VIL Chip
Enabled, IOUT = 0
12.0
20.0
mA
-L
12.0
15.0
Maximum Standby Current
ISB1
VIN = VCC or 0V
Chip Disabled
tA= 85oC, VCC = 3.6 V
2.0
20
µA
-L
2.0
8
Maximum Data Retention Current
IDR
Vcc = 1.5V, CE
≥ Vcc - 0.2V,
VIN
≥ Vcc - 0.2V or VIN ≤ 0.2V
10
µA
-L
4


Podobny numer części - N08L083WC2C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NanoAmp Solutions, Inc.
N08L1618C2A NANOAMP-N08L1618C2A Datasheet
251Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
N08L1618C2AB NANOAMP-N08L1618C2AB Datasheet
251Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
N08L1618C2AB2 NANOAMP-N08L1618C2AB2 Datasheet
251Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
N08L163WC1C NANOAMP-N08L163WC1C Datasheet
222Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
N08L163WC1CT1 NANOAMP-N08L163WC1CT1 Datasheet
222Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
More results

Podobny opis - N08L083WC2C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NanoAmp Solutions, Inc.
N08L163WC2C NANOAMP-N08L163WC2C Datasheet
241Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
N08L163WC2A NANOAMP-N08L163WC2A Datasheet
250Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
N08L163WC1C NANOAMP-N08L163WC1C Datasheet
222Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
logo
ON Semiconductor
N08L63W2A ONSEMI-N08L63W2A Datasheet
192Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N16L163WC2C NANOAMP-N16L163WC2C Datasheet
265Kb / 11P
   16Mb Ultra-Low Power Asynchronous CMOS SRAM 1024K 횞 16 bit
logo
ON Semiconductor
N08L6182A ONSEMI-N08L6182A Datasheet
192Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N08L1618C2A NANOAMP-N08L1618C2A Datasheet
251Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
logo
AMI SEMICONDUCTOR
N08M1618L1A AMI-N08M1618L1A Datasheet
195Kb / 11P
   8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512K 횞 16 bit
logo
NanoAmp Solutions, Inc.
N08T1630CXB NANOAMP-N08T1630CXB Datasheet
253Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512Kx16 bit
logo
ON Semiconductor
N01L83W2A ONSEMI-N01L83W2A Datasheet
527Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 8 bit
July 2008 - Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com