Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

N08T1630C2BT2-55 Arkusz danych(PDF) 8 Page - NanoAmp Solutions, Inc.

Numer części N08T1630C2BT2-55
Szczegółowy opis  8Mb Ultra-Low Power Asynchronous CMOS SRAM 512Kx16 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NANOAMP [NanoAmp Solutions, Inc.]
Strona internetowa  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N08T1630C2BT2-55 Arkusz danych(HTML) 8 Page - NanoAmp Solutions, Inc.

  N08T1630C2BT2-55 Datasheet HTML 1Page - NanoAmp Solutions, Inc. N08T1630C2BT2-55 Datasheet HTML 2Page - NanoAmp Solutions, Inc. N08T1630C2BT2-55 Datasheet HTML 3Page - NanoAmp Solutions, Inc. N08T1630C2BT2-55 Datasheet HTML 4Page - NanoAmp Solutions, Inc. N08T1630C2BT2-55 Datasheet HTML 5Page - NanoAmp Solutions, Inc. N08T1630C2BT2-55 Datasheet HTML 6Page - NanoAmp Solutions, Inc. N08T1630C2BT2-55 Datasheet HTML 7Page - NanoAmp Solutions, Inc. N08T1630C2BT2-55 Datasheet HTML 8Page - NanoAmp Solutions, Inc. N08T1630C2BT2-55 Datasheet HTML 9Page - NanoAmp Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
(DOC# 14-02-004 REV H ECN# 01-1102)
8
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
NanoAmp Solutions, Inc.
N08T1630CxB
Ball Grid Array Package
Dimensions (mm)
DE
e = 0.75
BALL
MATRIX
TYPE
SD
SE
J
K
6±0.10
8±0.10
0.375
0.375
1.125
1.375
FULL
SIDE VIEW
TOP VIEW
BOTTOM VIEW
E
D
A1 BALL PAD
CORNER (3)
0.90±0.10
0.23±0.05
0.15
0.08
Z
Z
1. 0.30±0.05 DIA.
1. DIMENSION IS MEASURED AT THE
MAXIMUM SOLDER BALL DIAMETER.
PARALLEL TO PRIMARY Z.
2. PRIMARY DATUM Z AND SEATING
PLANE ARE DEFINED BY THE
SPHERICAL CROWNS OF THE
SOLDER BALLS.
3. A1 BALL PAD CORNER I.D. TO BE
MARKED BY INK.
2. SEATING PLANE - Z
SD
SE
e
K TYP
J TYP
e
A1 BALL PAD
CORNER


Podobny numer części - N08T1630C2BT2-55

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
N080-101 TRIPPLITE-N080-101 Datasheet
154Kb / 2P
   1-Port Single-Gang Universal Keystone Wallplate, White, TAA
N080-102 TRIPPLITE-N080-102 Datasheet
155Kb / 2P
   2-Port Single-Gang Universal Keystone Wallplate, White, TAA
N080-103 TRIPPLITE-N080-103 Datasheet
155Kb / 2P
   3-Port Single-Gang Universal Keystone Wallplate, White, TAA
N080-104 TRIPPLITE-N080-104 Datasheet
155Kb / 2P
   4-Port Single-Gang Universal Keystone Wallplate, White, TAA
N080-106 TRIPPLITE-N080-106 Datasheet
156Kb / 2P
   6-Port Single-Gang Universal Keystone Wallplate, White, TAA
More results

Podobny opis - N08T1630C2BT2-55

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NanoAmp Solutions, Inc.
N08M163WL1A NANOAMP-N08M163WL1A Datasheet
234Kb / 8P
   8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512Kx16 bit
N08L163WC2C NANOAMP-N08L163WC2C Datasheet
241Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
N08L163WC2A NANOAMP-N08L163WC2A Datasheet
250Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
N08L083WC2C NANOAMP-N08L083WC2C Datasheet
216Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 1024K 횞 8 bit
N08L163WC1C NANOAMP-N08L163WC1C Datasheet
222Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
logo
ON Semiconductor
N08L63W2A ONSEMI-N08L63W2A Datasheet
192Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
July 2008 - Rev. 8
logo
AMI SEMICONDUCTOR
N08M1618L1A AMI-N08M1618L1A Datasheet
195Kb / 11P
   8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512K 횞 16 bit
logo
ON Semiconductor
N08L6182A ONSEMI-N08L6182A Datasheet
192Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N08L1618C2A NANOAMP-N08L1618C2A Datasheet
251Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
logo
ON Semiconductor
NO1L6183A ONSEMI-NO1L6183A Datasheet
1Mb / 10P
   Ultra-Low Power Asynchronous CMOS SRAM
July 2008 - Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com