Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

N04Q1618C2BT2-15C Arkusz danych(PDF) 11 Page - NanoAmp Solutions, Inc.

Numer części N04Q1618C2BT2-15C
Szczegółowy opis  4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NANOAMP [NanoAmp Solutions, Inc.]
Strona internetowa  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N04Q1618C2BT2-15C Arkusz danych(HTML) 11 Page - NanoAmp Solutions, Inc.

Back Button N04Q1618C2BT2-15C Datasheet HTML 5Page - NanoAmp Solutions, Inc. N04Q1618C2BT2-15C Datasheet HTML 6Page - NanoAmp Solutions, Inc. N04Q1618C2BT2-15C Datasheet HTML 7Page - NanoAmp Solutions, Inc. N04Q1618C2BT2-15C Datasheet HTML 8Page - NanoAmp Solutions, Inc. N04Q1618C2BT2-15C Datasheet HTML 9Page - NanoAmp Solutions, Inc. N04Q1618C2BT2-15C Datasheet HTML 10Page - NanoAmp Solutions, Inc. N04Q1618C2BT2-15C Datasheet HTML 11Page - NanoAmp Solutions, Inc. N04Q1618C2BT2-15C Datasheet HTML 12Page - NanoAmp Solutions, Inc. N04Q1618C2BT2-15C Datasheet HTML 13Page - NanoAmp Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Stock No. 23451-B 2/06
11
The specification is ADVANCE INFORMATION and subject to change without notice.
NanoAmp Solutions, Inc.
N04Q16yyC2B
Advance Information
44-Lead TSOP II Package (T44)
Note:
1. All dimensions in inches (Millimeters)
2. Package dimensions exclude molding flash
18.41±0.13
10.16±0.13
SEE DETAIL B
1.10±0.15
11.76±0.20
0.45
0.30
0.80mm REF
DETAIL B
0.80mm REF
0o-8o
0.20
0.00


Podobny numer części - N04Q1618C2BT2-15C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AMI SEMICONDUCTOR
N04Q1618C2B AMI-N04Q1618C2B Datasheet
293Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
N04Q1618C2BX-15C AMI-N04Q1618C2BX-15C Datasheet
293Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
N04Q1618C2BX-70C AMI-N04Q1618C2BX-70C Datasheet
293Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
N04Q1618C2BX-85C AMI-N04Q1618C2BX-85C Datasheet
293Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
More results

Podobny opis - N04Q1618C2BT2-15C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AMI SEMICONDUCTOR
N04Q1618C2B AMI-N04Q1618C2B Datasheet
293Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
N04L1630C2B AMI-N04L1630C2B Datasheet
194Kb / 12P
   4Mb Ultra-Low Power Asynchronous CMOS SRAMs 256K 횞 16 bit POWER SAVER TECHNOLOGY TM
logo
NanoAmp Solutions, Inc.
N04L163WC1A NANOAMP-N04L163WC1A Datasheet
273Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
N04L1618C2A NANOAMP-N04L1618C2A Datasheet
246Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256Kx16 bit
logo
List of Unclassifed Man...
N04L163WC1C ETC-N04L163WC1C Datasheet
271Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
NanoAmp Solutions, Inc.
N04M1618L1A NANOAMP-N04M1618L1A Datasheet
257Kb / 9P
   4Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx16 bit
N04M163WL1A NANOAMP-N04M163WL1A Datasheet
246Kb / 9P
   4Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx16 bit
N04L163WC2A NANOAMP-N04L163WC2A Datasheet
265Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
logo
ON Semiconductor
N04L63W1A ONSEMI-N04L63W1A Datasheet
196Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
July 2008 - Rev. 13
N04L63W2A ONSEMI-N04L63W2A Datasheet
197Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
July 2008 - Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com