Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

N04Q1630C2BT2-15C Arkusz danych(PDF) 1 Page - NanoAmp Solutions, Inc.

Numer części N04Q1630C2BT2-15C
Szczegółowy opis  4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NANOAMP [NanoAmp Solutions, Inc.]
Strona internetowa  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N04Q1630C2BT2-15C Arkusz danych(HTML) 1 Page - NanoAmp Solutions, Inc.

  N04Q1630C2BT2-15C Datasheet HTML 1Page - NanoAmp Solutions, Inc. N04Q1630C2BT2-15C Datasheet HTML 2Page - NanoAmp Solutions, Inc. N04Q1630C2BT2-15C Datasheet HTML 3Page - NanoAmp Solutions, Inc. N04Q1630C2BT2-15C Datasheet HTML 4Page - NanoAmp Solutions, Inc. N04Q1630C2BT2-15C Datasheet HTML 5Page - NanoAmp Solutions, Inc. N04Q1630C2BT2-15C Datasheet HTML 6Page - NanoAmp Solutions, Inc. N04Q1630C2BT2-15C Datasheet HTML 7Page - NanoAmp Solutions, Inc. N04Q1630C2BT2-15C Datasheet HTML 8Page - NanoAmp Solutions, Inc. N04Q1630C2BT2-15C Datasheet HTML 9Page - NanoAmp Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
NanoAmp Solutions, Inc.
670 North McCarthy Blvd. Suite 220, Milpitas, CA 95035
ph: 408-935-7777, FAX: 408-935-7770
www.nanoamp.com
N04Q16yyC2B
Stock No. 23451-B 2/06
1
The specification is ADVANCE INFORMATION and subject to change without notice.
Advance Information
4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual
Vcc and VccQ for Ultimate Power Reduction
256K×16 bit POWER SAVER TECHNOLOGY
Overview
The N04Q16yyC2B are ultra-low power memory
devices containing a 4 Mbit Static Random Access
Memory organized as 262,144 words by 16 bits.
The device is designed and fabricated using
NanoAmp’s advanced CMOS technology to
provide ultra-low active and standby power. The
device operates with two chip enable (CE1 and
CE2) controls and output enable (OE) to allow for
easy memory expansion. Byte controls (UB and
LB) allow the upper and lower bytes to be
accessed independently. The 4Mb SRAM is
optimized for the ultimate in low power and is
suited for various applications where ultra-low-
power is critical such as medical applications,
battery backup and power sensitive hand-held
devices. The unique page mode operation saves
active operating power and the dual power supply
rails allow very low voltage operation while
maintaining 3V I/O capability. The device can
operate over a very wide temperature range of 0oC
to +70oC for the lowest power and is also available
in the industrial range of -40oC to +85oC. The
devices are available in standard BGA and TSOP
packages. The devices are also available as
Known Good Die (KGD) for embedded package
applications.
Features
• Multiple Power Supply Ranges
1.1V - 1.3V
1.65V - 1.95V
2.3V - 2.7V
2.7V - 3.6V
• Dual Vcc / VccQ Power Supplies
1.2V Vcc with 3V VccQ
1.8V Vcc with 3V VccQ
2.5V Vcc with 3V VccQ
• Very low standby current
50nA typical for 1.2V operation
• Very low operating current
400µA typical for 1.2V operation at 1µs
• Very low Page Mode operating current
80µA typical for 1.2V operation at 1µs
• Simple memory control
Dual Chip Enables (CE1 and CE2)
Byte control for independent byte operation
Output Enable (OE) for memory expansion
• Automatic power down to standby mode
• BGA, TSOP and KGD options
• RoHS Compliant
Product Options
Part Number
I/O
Typical
Standby
Current
Vcc
(V)
VccQ
(V)
Speed
(nS)
Typical
Operating Current
Operating
Temperature
N04Q1612C2Bx-15C
x16
50nA
1.2
1.2, 1.8, 3
150ns
0.4 mA @ 1MHz
0oC to +70oC
N04Q1618C2Bx-15C
x16
50nA
1.8
1.8, 2.5, 3
150ns
0.4 mA @ 1MHz
N04Q1618C2Bx-70C
x16
200nA
70ns
0.6 mA @ 1MHz
N04Q1625C2Bx-15C
x16
800nA
2.5
2.5, 3
150ns
0.6 mA @ 1MHz
N04Q1630C2Bx-70C
x16
800nA
3.0
3.0
70ns
2.2mA @ 1MHz


Podobny numer części - N04Q1630C2BT2-15C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AMI SEMICONDUCTOR
N04Q1612C2BX-15C AMI-N04Q1612C2BX-15C Datasheet
293Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
N04Q1618C2B AMI-N04Q1618C2B Datasheet
293Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
N04Q1618C2BX-15C AMI-N04Q1618C2BX-15C Datasheet
293Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
N04Q1618C2BX-70C AMI-N04Q1618C2BX-70C Datasheet
293Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
N04Q1618C2BX-85C AMI-N04Q1618C2BX-85C Datasheet
293Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
More results

Podobny opis - N04Q1630C2BT2-15C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AMI SEMICONDUCTOR
N04Q1618C2B AMI-N04Q1618C2B Datasheet
293Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
N04L1630C2B AMI-N04L1630C2B Datasheet
194Kb / 12P
   4Mb Ultra-Low Power Asynchronous CMOS SRAMs 256K 횞 16 bit POWER SAVER TECHNOLOGY TM
logo
NanoAmp Solutions, Inc.
N04L163WC1A NANOAMP-N04L163WC1A Datasheet
273Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
N04L1618C2A NANOAMP-N04L1618C2A Datasheet
246Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256Kx16 bit
logo
List of Unclassifed Man...
N04L163WC1C ETC-N04L163WC1C Datasheet
271Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
NanoAmp Solutions, Inc.
N04M1618L1A NANOAMP-N04M1618L1A Datasheet
257Kb / 9P
   4Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx16 bit
N04M163WL1A NANOAMP-N04M163WL1A Datasheet
246Kb / 9P
   4Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx16 bit
N04L163WC2A NANOAMP-N04L163WC2A Datasheet
265Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
logo
ON Semiconductor
N04L63W1A ONSEMI-N04L63W1A Datasheet
196Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
July 2008 - Rev. 13
N04L63W2A ONSEMI-N04L63W2A Datasheet
197Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
July 2008 - Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com