Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC13821 Arkusz danych(PDF) 4 Page - Freescale Semiconductor, Inc

Numer części MC13821
Szczegółowy opis  Low Noise Amplifier with Bypass Switch
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13821 Arkusz danych(HTML) 4 Page - Freescale Semiconductor, Inc

  MC13821 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
Electrical Specifications
MC13821 Advance Information, Rev. 1.0
4
Freescale Semiconductor
Associated Gain at Minimum Noise Figure
R1=1.2 k
Ω, Freq=1.960 GHz
R1=1.2 k
Ω, Freq=2.14 GHz
R1=2 k
Ω, Freq=1.960 GHz
R1=2 k
Ω, Freq=2.14 GHz
Gnf
19.8
19
19.6
19
20.8
19.8
20.6
19.8
-
-
-
-
dB
1 Maximum Available Gain and Maximum Stable Gain
are defined by the K factor as follows:
, if K > 1,
, if K < 1
Table 4. Electrical Characteristics Measured in Frequency Specific Tuned Circuits
(VCC = 2.75 V, TA = 25°C, Rbias = 2 kΩ, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
1575 MHz (Refer to Figure 9)
Frequency
f
-
1575
-
MHz
Active Gain
G
17
18
-
dB
Active Noise Figure
NF
-
1.25
1.45
dB
Active Input Third Order Intercept Point
IIP3
-1.0
0.5
-
dBm
Active Input 1dB Compression Point
P1dB
-11
-10
-
dBm
Active Current @ 2.75 V
ICC
-2.8
3.3
mA
Bypass Gain
G
-6.0
-5.0
-
dB
Bypass Noise Figure
NF
-
4.8
6
dB
Bypass Input Third Order Intercept Point
IIP3
26
27
-
dBm
Bypass Current
-
10
20
µA
1960 MHz (Refer to Figure 10)
Frequency
f
-
1960
-
MHz
Active Gain
G
16
16.4
-
dB
Active Noise Figure
NF
-
1.25
1.45
dB
Active Input Third Order Intercept Point
IIP3
0
1
-
dBm
Active Input 1dB Compression Point
P1dB
-7.0
-6
-
dBm
Active Current @ 2.75 V
ICC
-2.8
3.3
mA
Bypass Gain
G
-5.0
-4
-
dB
Bypass Noise Figure
NF
-
4.7
6
dB
Bypass Input Third Order Intercept Point
IIP3
23
25
-
dBm
Bypass Current
-
10
20
µA
Table 3. Electrical Characteristics (continued)
(VCC = 2.75 V, TA = 25°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
MAG
S
21
S
12
---------- K
K
2
1
±
⎝⎠
⎛⎞
=
MSG
S
21
S
12
----------
=


Podobny numer części - MC13821

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC13821 FREESCALE-MC13821 Datasheet
781Kb / 42P
   Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821 Datasheet
779Kb / 42P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13821 NXP-MC13821 Datasheet
925Kb / 42P
   Low Noise Amplifier with Bypass Switch
Rev. 1.5, 09/2009
logo
Freescale Semiconductor...
MC13821FCR2 FREESCALE-MC13821FCR2 Datasheet
779Kb / 42P
   Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_08 Datasheet
781Kb / 42P
   Low Noise Amplifier with Bypass Switch
More results

Podobny opis - MC13821

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC13820 FREESCALE-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13821 NXP-MC13821 Datasheet
925Kb / 42P
   Low Noise Amplifier with Bypass Switch
Rev. 1.5, 09/2009
logo
Broadcom Corporation.
MGA-785T6 BOARDCOM-MGA-785T6 Datasheet
228Kb / 17P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13820 NXP-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
Rev. 1.1, 09/2005
logo
Freescale Semiconductor...
MC13850 FREESCALE-MC13850 Datasheet
3Mb / 54P
   Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_08 Datasheet
781Kb / 42P
   Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_09 Datasheet
779Kb / 42P
   Low Noise Amplifier with Bypass Switch
MC13821FCR2 FREESCALE-MC13821FCR2 Datasheet
779Kb / 42P
   Low Noise Amplifier with Bypass Switch
logo
Broadcom Corporation.
DEMO-MGA-785T6 BOARDCOM-DEMO-MGA-785T6 Datasheet
228Kb / 17P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13850 NXP-MC13850 Datasheet
3Mb / 54P
   Low Noise Amplifier with Bypass Switch
Rev. 1, 12/2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com