Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STQ-3016Z Arkusz danych(PDF) 4 Page - List of Unclassifed Manufacturers

Numer części STQ-3016Z
Szczegółowy opis  Reliability Qualification Report
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

STQ-3016Z Arkusz danych(HTML) 4 Page - List of Unclassifed Manufacturers

  STQ-3016Z Datasheet HTML 1Page - List of Unclassifed Manufacturers STQ-3016Z Datasheet HTML 2Page - List of Unclassifed Manufacturers STQ-3016Z Datasheet HTML 3Page - List of Unclassifed Manufacturers STQ-3016Z Datasheet HTML 4Page - List of Unclassifed Manufacturers STQ-3016Z Datasheet HTML 5Page - List of Unclassifed Manufacturers STQ-3016Z Datasheet HTML 6Page - List of Unclassifed Manufacturers STQ-3016Z Datasheet HTML 7Page - List of Unclassifed Manufacturers STQ-3016Z Datasheet HTML 8Page - List of Unclassifed Manufacturers STQ-3016Z Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Class
Passes
Fails
0
0 V
<250 V
1A
250 V
500 V
1B
500 V
1000 V
1C
1000 V
2000 V
2
2000 V
4000 V
Sirenza Microdevices classifies Human Body Model (HBM) electrostatic discharge (ESD)
according to the JESD22-A114 convention. All pin pair combinations were tested. Each
pin pair is stressed at one static voltage level using 1 positive and 1 negative pulse
polarity to determine the weakest pin pair combination. The weakest pin pair is tested
with 3 devices below and above the failure voltage to classify the part. The Pass/Fail
status of a part is determined by the manufacturing test specification. The ESD class
quoted indicates that the device passed exposure to a certain voltage, but does not pass
the next higher level. The following table indicates the JESD ESD sensitivity
classification levels.
IX. Electrostatic Discharge Classification
X. Operational Life Test Results
Part Number
HBM ESD Rating
STQ-2016Z
Class 1A
SRQ-2116Z
Class 1A
39,000
40,000
39
40
150°C
150°C
1000 hours
1000 hours
July 2005
Dec 2005
Quantity
Device-
Hours
Junction
Temperature
Test Duration
HTOL Completion
Date
STQ-2016Z has successfully completed 168 hours of moisture soak (85oC/85%RH)
followed by three convection reflow cycles with a peak temperature of 270oC. The
successful completion of this test classifies the part as JESD22-A113B Moisture
Sensitivity Level 1 (MSL-1). MSL-1 indicates that no special dry pack requirements or
time limits from opening of static bag to reflow exist for the STQ-2016Z. MSL-1 is highest
level of moisture resistance that a device can be classified according to the above
mentioned standard.
VIII. Moisture Sensitivity Level - MSL Level 1 Device
STQ-2016Z Reliability Qualification Report


Podobny numer części - STQ-3016Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SIRENZA MICRODEVICES
STQ-3016Z SIRENZA-STQ-3016Z Datasheet
904Kb / 8P
   2500 -4000 MHz Direct Quadrature Modulator
More results

Podobny opis - STQ-3016Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Stanford Microdevices
SGA-8343X STANFORD-SGA-8343X Datasheet
178Kb / 9P
   Reliability Qualification Report
SGA-9189 STANFORD-SGA-9189 Datasheet
448Kb / 5P
   Reliability Qualification Report
logo
Tyco Electronics
3-1461491-5 MACOM-3-1461491-5 Datasheet
369Kb / 40P
   Qualification Test Report
logo
California Eastern Labs
GET-30593 CEL-GET-30593 Datasheet
362Kb / 7P
   Qualification Test Report on NE681XX
GET-BC-0004 CEL-GET-BC-0004 Datasheet
606Kb / 20P
   Qualification Test Report on NE292
logo
Alpha & Omega Semicondu...
AOB10B65M1 AOSMD-AOB10B65M1 Datasheet
100Kb / 3P
   This AOS product reliability report summarizes the qualification result for AOB10B65M1
logo
Maxim Integrated Produc...
32TSOP MAXIM-32TSOP Datasheet
33Kb / 11P
   PACKAGE RELIABILITY REPORT
10/29/2004
logo
Infineon Technologies A...
BFS483 INFINEON-BFS483_13 Datasheet
566Kb / 6P
   Qualification report according to AEC-Q101 available
2013-07-25
logo
Lumileds Lighting Compa...
RD12 LUMILEDS-RD12 Datasheet
399Kb / 2P
   SnapLED Qualification Reliability Testing
logo
List of Unclassifed Man...
DS1208 ETC-DS1208 Datasheet
18Kb / 5P
   dallas semiconductor reliability report
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com