Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS6601HC Arkusz danych(PDF) 5 Page - List of Unclassifed Manufacturers

Numer części TS6601HC
Szczegółowy opis  Tact Switch Series (6x6mm)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

TS6601HC Arkusz danych(HTML) 5 Page - List of Unclassifed Manufacturers

  TS6601HC Datasheet HTML 1Page - List of Unclassifed Manufacturers TS6601HC Datasheet HTML 2Page - List of Unclassifed Manufacturers TS6601HC Datasheet HTML 3Page - List of Unclassifed Manufacturers TS6601HC Datasheet HTML 4Page - List of Unclassifed Manufacturers TS6601HC Datasheet HTML 5Page - List of Unclassifed Manufacturers TS6601HC Datasheet HTML 6Page - List of Unclassifed Manufacturers TS6601HC Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
6.3 Environmental
Item
Te s t C o n d i t i o n s
Require me n t s
6.3.1.
Resistance to
Low
Temperatures
Following the test set forth below the sample shall be
left in normal temperature and humidity conditions
for one hour before measurements are made:
(1)Temperature:
-30
±2°C
(2)
Time:
96 hours
(3)Water drops shall be removed.
Item
6.1
Item
6.2.1
Item
6.2.2
6.3.2.
Heat
Resistance
Following the test set forth below the sample shall be
left in normal temperature and humidity conditions
for one hour before measurements are made:
(1)Temperature:
80
±2°C
(2)
Time:
96 hours
Item
6.1
Item
6.2.1
Item
6.2.2
6.3.3.
Moisture
Resistance
Following the test set forth below the sample shall be
left in normal temperature and humidity conditions
for one hour before measurements are made:
(1)
Temperature:
60
±2°C
(2)Relative humidity:
90 to 95%
(3)
Time:
96 hours
(4)Water drops shall be removed.
Contact resistance:
200
m ohm max.
Insulation resistance:
10
M ohm min.
Item
6.1.3
Item
6.1.4
Item
6.2.1
Item
6.2.2
6.3.4.
Temperature
Cycling
Following five cycles of the temperature cycling test
set forth below the sample shall be left in normal
temperature and humidity conditions for one hour
before measurements are made.
During this test, water drops shall be removed.
1
cycle
+60℃
-10℃
2 H
1H
2 H
1H
Item
6.1
Item
6.2.1
Item
6.2.2
PART NO:
TS6601H
4/6
TACTING
SWITCH
SPECIFICATION


Podobny numer części - TS6601HC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TS6 VISHAY-TS6 Datasheet
106Kb / 4P
   Multi-Turn Surface Mount Miniature 1/4" Square Ceremt Trimmers, Fully Sealed
Revision: 26-Jun-07
logo
STATEK CORPORATION
TS6 STATEK-TS6 Datasheet
196Kb / 2P
   Miniature Quartz Temperature Sensor
logo
Vishay Siliconix
TS6 VISHAY-TS6 Datasheet
116Kb / 5P
   Multi-Turn Surface Mount 1/4" Square Cermet Trimmers, Fully Sealed
Revision: 22-Sep-15
TS6 VISHAY-TS6 Datasheet
97Kb / 5P
   Multi-Turn Surface Mount 1/4 Square Cermet Trimmers, Fully Sealed
01-Jan-2022
logo
Tyco Electronics
TS6-1Y MACOM-TS6-1Y Datasheet
79Kb / 2P
   DC SOLID STATE RELAYS
More results

Podobny opis - TS6601HC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
4301X2XXX8X6 WURTH-4301X2XXX8X6 Datasheet
102Kb / 1P
   WS-TASV 6x6mm Tact Switch, SMD version
4304X1XXX8X6 WURTH-4304X1XXX8X6 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
430451025836 WURTH-430451025836 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
430451031836 WURTH-430451031836 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
430471035826 WURTH-430471035826 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
430481035816 WURTH-430481035816 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
logo
List of Unclassifed Man...
430152050826 ETC-430152050826 Datasheet
58Kb / 1P
   SWTACT WS-TSS 6X6MM TACT SWITCH, SMD VERSION
logo
Wurth Elektronik GmbH &...
4312X6XXX7X6 WURTH-4312X6XXX7X6 Datasheet
102Kb / 1P
   WS-TATU 6x6mm right angle Tact Switch, THT version
4304X3XXX8X6 WURTH-4304X3XXX8X6 Datasheet
99Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, J-Bend SMD version
430453035836 WURTH-430453035836 Datasheet
99Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, J-Bend SMD version
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com