Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC2GH512DMCA-2SA00 Arkusz danych(PDF) 8 Page - Samsung semiconductor

Numer części MC2GH512DMCA-2SA00
Szczegółowy opis  SAMSUNG MultiMediaCard
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MC2GH512DMCA-2SA00 Arkusz danych(HTML) 8 Page - Samsung semiconductor

Back Button MC2GH512DMCA-2SA00 Datasheet HTML 4Page - Samsung semiconductor MC2GH512DMCA-2SA00 Datasheet HTML 5Page - Samsung semiconductor MC2GH512DMCA-2SA00 Datasheet HTML 6Page - Samsung semiconductor MC2GH512DMCA-2SA00 Datasheet HTML 7Page - Samsung semiconductor MC2GH512DMCA-2SA00 Datasheet HTML 8Page - Samsung semiconductor MC2GH512DMCA-2SA00 Datasheet HTML 9Page - Samsung semiconductor MC2GH512DMCA-2SA00 Datasheet HTML 10Page - Samsung semiconductor MC2GH512DMCA-2SA00 Datasheet HTML 11Page - Samsung semiconductor MC2GH512DMCA-2SA00 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 102 page
background image
MultiMediaCardTM
8
Sep.22.2005
Revision 0.3
3.8 MultiMediaCard Mode
The SAMSUNG MultiMediaCard is fully compliant with MultiMediaCard standard specification V4.1
3.8.1 MultiMediaCard Standard Compliance
The MultiMediaCard supports the operation condition verification sequence defined in the MultiMediaCard standard spec-
ifications. The MultiMediaCard host should define an operating voltage range that is not supported by the MultiMedi-
aCard. It will put itself in an inactive state and ignore any bus communication. The only way to get the card out of the
inactive state is by powering it down and up again. In addtion the host can explicitly send the card to the inactive state by
using the GO_INACTIVE_STATE command.
3.8.2 Negotiating Operation Conditions
MultiMediaCard status is stored in a 32 bit status register which is sent as the data field in the card respond to host com-
mands. Status register provides information about the card’s current state and completion codes for the last host com-
mand. The card status can be explicityly read(polled) with the SEND_STATUS command.
3.8.3 Card Status
The basic unit of data transfer to/from the MultiMediaCard is one byte. All data transfer operations which require a block
size always define block lenghs as integer multiples of bytes. Some special funcions need other partition granularity.
For block oriented commands, the following definition is used:
• Block: is the unit which is related to the block oriented read and write commands. Its size is the number of bytes which
will be transferred when one block command is sent by host. The size of a block is either programmable or fixed. The
information about allowed block sizes and the programmability is stored in the CSD.
For R/W cards, special erase and write protect commands are defined:
• The granularity of the erasable units is the Erase Group: The smallest number of consecutive write blocks which can be
addressed for erase. The size of the Erase Group is card specific and stored in the CSD.
• The granularity of the Write Protected units is the WP-Group: The minimal unit which may be individually write pro-
tected. Its size is defined in units of erase groups. The size of a WP-Group is card specific and stored in the CSD.
3.8.4 Memory Array Partitioning
The MultiMediaCard supports two read/write modes.
In this mode the host reads or write one data block in a pre-specified length block transmission is protected with 16bit
CRC which is generated by the sending unit and checked by the receiveing unit. Misalignment is not allowed. Every data
block must be contained in a single memroy sector. The block lenght for write opertaion must be identical to the sector
size and the start address aligned to a sector boundary.
Single Block Mode
3.8.5 Read and Write Operations


Podobny numer części - MC2GH512DMCA-2SA00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
MC2GU01GNMCA-0QC00 SAMSUNG-MC2GU01GNMCA-0QC00 Datasheet
1Mb / 66P
   MultiMediaCard Specification
MC2GU512NMCA-0QC00 SAMSUNG-MC2GU512NMCA-0QC00 Datasheet
1Mb / 66P
   MultiMediaCard Specification
More results

Podobny opis - MC2GH512DMCA-2SA00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Transcend Information. ...
TS128MMC TRANSCEND-TS128MMC Datasheet
266Kb / 10P
   MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
OKI electronic componet...
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12U064HACA SAMSUNG-MC12U064HACA Datasheet
1Mb / 66P
   MultiMediaCard Specification
logo
OKI electronic componet...
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00401J OKI-MR57T00401J Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
HB288016MM1 HITACHI-HB288016MM1 Datasheet
233Kb / 79P
   MultiMediaCard 16 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com