Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP759F Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TLP759F
Szczegółowy opis  Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Invertor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP759F Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TLP759F Datasheet HTML 1Page - Toshiba Semiconductor TLP759F Datasheet HTML 2Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TLP759F
2002-09-25
1
TOSHIBA Photocoupler GaAℓAs Ired + Photo−IC
TLP759F
Digital Logic Ground Isolation
Line Receiver
Microprocessor System Interfaces
Switching Power Supply Feedback Control
Transistor Invertor
The TOSHIBA TLP759F consists of a GaAℓAs high-output light
emitting diode and a high speed detector of one chip photo diode-
transistor. This unit is 8-lead DIP package.
TLP759F has no internal base connection, and a faraday shield
integrated on the photodetector chip provides an effective common
mode noise transient immunity.
So this is suitable for application in noisy environmental condition.
All parameters are tested to the specification of TLP759.
· Isolation voltage: 5000 Vrms (min.)
· Switching speed: tpHL = 0.3µs (typ.)
tpHL = 0.5µs (typ.) (RL = 1.9 kΩ)
· TTL compatible
· UL recognized: UL1577, file no. E67349
· Option (D4) type
VDE approved: DIN VDE0884 / 06.92
Certificate no. 83676
Maximum operating insulation: 1140VPK
Highest permissible over voltage: 6000VPK
(Note) When a VDE0884 approved type is needed,
please designate the “ Option (D4) ”
· Creepage distance: 8.0mm
Clearance: 8.0mm
Insulation thickness: 0.4mm
Pin Configuration(top view)
1: N.C.
2: Anode
3: Cathode
4: N.C.
5: Emitter(GND)
6: Collector(output)
7: N.C.
8: VCC
7
8
6
2
1
3
4
5
SHIELD
Schematic
8
6
2
3
VO
5
SHIELD
GND
VCC
IO
ICC
VF
IF
Unit in mm
TOSHIBA
11−10C402
Weight: 0.54g


Podobny numer części - TLP759F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP759F TOSHIBA-TLP759F Datasheet
150Kb / 2P
   GaA?밃s Ired Photo−IC
TLP759F TOSHIBA-TLP759F_07 Datasheet
150Kb / 2P
   GaA?밃s Ired Photo−IC
More results

Podobny opis - TLP759F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP559 TOSHIBA-TLP559 Datasheet
254Kb / 5P
   Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Invertor
TLP512 TOSHIBA-TLP512 Datasheet
174Kb / 7P
   Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Inverter
TLP751 TOSHIBA-TLP751 Datasheet
548Kb / 7P
   Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Analog Signal Isolation
TLP112 TOSHIBA-TLP112 Datasheet
159Kb / 7P
   Digital Logic Isolation Line Receiver Switching Power Supply Feedback Control Transistor Invertor
TLP114A TOSHIBA-TLP114A Datasheet
159Kb / 7P
   Digital Logic Isolation. Line Receiver. Power Supply Control Feedback Control. Switching Power Supply. Transistor Invertor.
TLP112A TOSHIBA-TLP112A Datasheet
159Kb / 7P
   Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Invertor
TLP719 TOSHIBA-TLP719_15 Datasheet
423Kb / 7P
   Digital logic ground isolation Line receivers Microprocessor system interfaces Switching power supply feedback control Industrial invertors
TLP112ATPLF TOSHIBA-TLP112ATPLF Datasheet
161Kb / 7P
   Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Inverter
TLP2531F TOSHIBA-TLP2531F Datasheet
188Kb / 8P
   Digital Logic Isolation Line Receiver Power Supply Control Switching Power Supply Transistor Inverter
TLP651 TOSHIBA-TLP651 Datasheet
322Kb / 7P
   DIGITAL LOGIC GROUND ISOLATION LINE RECEIVER
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com