Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTA733A3 Arkusz danych(PDF) 3 Page - Cystech Electonics Corp.

Numer części BTA733A3
Szczegółowy opis  General Purpose PNP Epitaxial Planar Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTA733A3 Arkusz danych(HTML) 3 Page - Cystech Electonics Corp.

  BTA733A3 Datasheet HTML 1Page - Cystech Electonics Corp. BTA733A3 Datasheet HTML 2Page - Cystech Electonics Corp. BTA733A3 Datasheet HTML 3Page - Cystech Electonics Corp. BTA733A3 Datasheet HTML 4Page - Cystech Electonics Corp. BTA733A3 Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C306A3
Issued Date : 2003.07.14
Revised Date : 2005.01.03
Page No. : 3 / 5
BTA733A3
CYStek Product Specification
Characteristic Curves
Current Gain vs Collector Current
10
100
1000
0.1
1
10
100
1000
Collector Current---IC(mA)
HFE@VCE=6V
Saturation Voltage vs Collector Current
10
100
1000
0.1
1
10
100
1000
Collector Current---IC(mA)
VCE(SAT)@IC=10IB
Saturation Voltage vs Collector Current
100
1000
10000
0.1
1
10
100
1000
Collector Current---IC(mA)
VBE(SAT)@IC=10IB
Cutoff Frequency vs Collector Current
0.1
1
1
10
100
Collector Current---IC(mA)
FT@VCE=12V
Power Derating Curve
0
100
200
300
400
500
600
700
0
50
100
150
200
Ambient Temperature --- Ta(℃ )


Podobny numer części - BTA733A3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bellnix Co.,Ltd.
BTA BELLNIX-BTA Datasheet
174Kb / 14P
   The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
logo
Continental Device Indi...
BTA-600 CDIL-BTA-600 Datasheet
130Kb / 2P
   Triac Series
BTA-800 CDIL-BTA-800 Datasheet
130Kb / 2P
   Triac Series
logo
STMicroelectronics
BTA-xxxBRG STMICROELECTRONICS-BTA-xxxBRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
BTA-xxxBWRG STMICROELECTRONICS-BTA-xxxBWRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
More results

Podobny opis - BTA733A3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KTA1042D KEC-KTA1042D Datasheet
395Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
KTA1276 KEC-KTA1276 Datasheet
121Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
logo
Cystech Electonics Corp...
BTB1198M3 CYSTEKEC-BTB1198M3 Datasheet
297Kb / 6P
   General Purpose PNP Epitaxial Planar Transistor
BTP1207A3 CYSTEKEC-BTP1207A3 Datasheet
301Kb / 6P
   General Purpose PNP Epitaxial Planar Transistor
BTP2907AN3 CYSTEKEC-BTP2907AN3 Datasheet
168Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTA1579S3 CYSTEKEC-BTA1579S3 Datasheet
165Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTP3906N3 CYSTEKEC-BTP3906N3 Datasheet
181Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTA9012A3 CYSTEKEC-BTA9012A3 Datasheet
326Kb / 8P
   General Purpose PNP Epitaxial Planar Transistor
BTP5401A3 CYSTEKEC-BTP5401A3 Datasheet
154Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BCP53L3 CYSTEKEC-BCP53L3 Datasheet
265Kb / 7P
   General Purpose PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com