Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTB772T3 Arkusz danych(PDF) 1 Page - Cystech Electonics Corp.

Numer części BTB772T3
Szczegółowy opis  Low Vcesat PNP Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB772T3 Arkusz danych(HTML) 1 Page - Cystech Electonics Corp.

  BTB772T3 Datasheet HTML 1Page - Cystech Electonics Corp. BTB772T3 Datasheet HTML 2Page - Cystech Electonics Corp. BTB772T3 Datasheet HTML 3Page - Cystech Electonics Corp. BTB772T3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C817T3-H
Issued Date : 2002.08.18
Revised Date : 2005.09.16
Page No. : 1/4
BTB772T3/S
CYStek Product Specification
Low Vcesat PNP Epitaxial Planar Transistor
BTB772T3/S
Features
• Low VCE(sat), typically -0.3V at IC / IB = -2A / -0.2A
• Excellent current gain characteristics
• Complementary to BTD882T3/S
• Pb-free package is available
Equivalent Circuit
Outline
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-30
V
Emitter-Base Voltage
VEBO
-5
V
IC(DC)
-3
A
Collector Current
IC(pulse)
-7
*1
A
Pd(Ta=25℃)
1
Power Dissipation
Pd(Tc=25℃)
10
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55~+150
°C
Note : *1. Single Pulse Pw≦350µs, Duty≦2%
.
BTB772T3/S
TO-126
B:Base
C:Collector
E:Emitter
E C B


Podobny numer części - BTB772T3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
BTB772AJ3 CYSTEKEC-BTB772AJ3 Datasheet
304Kb / 8P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772AM3 CYSTEKEC-BTB772AM3 Datasheet
188Kb / 5P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB772AT3 CYSTEKEC-BTB772AT3 Datasheet
268Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772AT3-0-BL-X CYSTEKEC-BTB772AT3-0-BL-X Datasheet
268Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772AT3-0-UC-X CYSTEKEC-BTB772AT3-0-UC-X Datasheet
268Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
More results

Podobny opis - BTB772T3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
BTB1205I3 CYSTEKEC-BTB1205I3_09 Datasheet
227Kb / 6P
   Low Vcesat PNP Epitaxial Planar Transistor
BTA1952E3 CYSTEKEC-BTA1952E3 Datasheet
149Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1326I3 CYSTEKEC-BTB1326I3 Datasheet
138Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188AM3 CYSTEKEC-BTB1188AM3 Datasheet
252Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188M3R CYSTEKEC-BTB1188M3R Datasheet
253Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTPA92T3 CYSTEKEC-BTPA92T3 Datasheet
311Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772D3 CYSTEKEC-BTB772D3 Datasheet
307Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772AT3 CYSTEKEC-BTB772AT3 Datasheet
268Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1205I3 CYSTEKEC-BTB1205I3 Datasheet
157Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1184J3 CYSTEKEC-BTB1184J3 Datasheet
169Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1412J3 CYSTEKEC-BTB1412J3_09 Datasheet
246Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com