Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTB1386LN3 Arkusz danych(PDF) 1 Page - Cystech Electonics Corp.

Numer części BTB1386LN3
Szczegółowy opis  Low Vcesat PNP Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB1386LN3 Arkusz danych(HTML) 1 Page - Cystech Electonics Corp.

  BTB1386LN3 Datasheet HTML 1Page - Cystech Electonics Corp. BTB1386LN3 Datasheet HTML 2Page - Cystech Electonics Corp. BTB1386LN3 Datasheet HTML 3Page - Cystech Electonics Corp. BTB1386LN3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C851N3
Issued Date : 2004.02.27
Revised Date : 2004.07.01
Page No. : 1/4
BTB1386LN3
CYStek Product Specification
Low Vcesat PNP Epitaxial Planar Transistor
BTB1386LN3
Features
• Low VCE(sat), VCE(sat)=-0.6 V (typical), at IC / IB = -4A / -0.1A
• Excellent DC current gain characteristics
• Complementary to BTD2098LN3
Symbol
Outline
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Limits
Unit
Collector-Base Voltage
VCBO
-20
V
Collector-Emitter Voltage
VCEO
-15
V
Emitter-Base Voltage
VEBO
-6
V
IC(DC)
-5
Collector Current
IC(Pulse)
-10 (Note )
A
Power Dissipation
PD
225
mW
Thermal Resistance, Junction to Ambient
RθJA
556
°C/W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55~+150
°C
Note : 1. Single Pulse Pw≦350µs, Duty≦2%.
BTB1386LN3
SOT-23
B:Base
C:Collector
E:Emitter


Podobny numer części - BTB1386LN3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
BTB1386M3 CYSTEKEC-BTB1386M3 Datasheet
172Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1386N3 CYSTEKEC-BTB1386N3 Datasheet
165Kb / 4P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB1386Q8 CYSTEKEC-BTB1386Q8 Datasheet
171Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
More results

Podobny opis - BTB1386LN3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
BTB1205I3 CYSTEKEC-BTB1205I3_09 Datasheet
227Kb / 6P
   Low Vcesat PNP Epitaxial Planar Transistor
BTA1952E3 CYSTEKEC-BTA1952E3 Datasheet
149Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1326I3 CYSTEKEC-BTB1326I3 Datasheet
138Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188AM3 CYSTEKEC-BTB1188AM3 Datasheet
252Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188M3R CYSTEKEC-BTB1188M3R Datasheet
253Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTPA92T3 CYSTEKEC-BTPA92T3 Datasheet
311Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772D3 CYSTEKEC-BTB772D3 Datasheet
307Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772AT3 CYSTEKEC-BTB772AT3 Datasheet
268Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1205I3 CYSTEKEC-BTB1205I3 Datasheet
157Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1184J3 CYSTEKEC-BTB1184J3 Datasheet
169Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1412J3 CYSTEKEC-BTB1412J3_09 Datasheet
246Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com