Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACE9020NP1S Arkusz danych(PDF) 2 Page - Zarlink Semiconductor Inc

Numer części ACE9020NP1S
Szczegółowy opis  Receiver and Transmitter Interface
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ZARLINK [Zarlink Semiconductor Inc]
Strona internetowa  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ACE9020NP1S Arkusz danych(HTML) 2 Page - Zarlink Semiconductor Inc

  ACE9020NP1S Datasheet HTML 1Page - Zarlink Semiconductor Inc ACE9020NP1S Datasheet HTML 2Page - Zarlink Semiconductor Inc ACE9020NP1S Datasheet HTML 3Page - Zarlink Semiconductor Inc ACE9020NP1S Datasheet HTML 4Page - Zarlink Semiconductor Inc ACE9020NP1S Datasheet HTML 5Page - Zarlink Semiconductor Inc ACE9020NP1S Datasheet HTML 6Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
ACE9020
Pin No.
Name
Type
Description
1
PD1
I
Power down control input 1
2
PD2
I
Power down control input 2
3
GND
Supply
Ground
4
BIAS_REF
I
Reference current for bias control
5
VCC_TX
Supply
Transmit section supply voltage
6
TXPA+
O
Transmit up-converter open collector output
7
TXPA-
O
Transmit up-converter open collector output
8
RSET_TXPA
I
Reference current for transmit oscillator
9
GND_TXOSC
Supply
Ground
10
TANK+
I
Transmit oscillator tank circuit
11
TANK-
I
Transmit oscillator tank circuit
12
VCC_DIV
Supply
Divider section supply voltage
13
GND_OSC
Supply
Ground
14
MOD_CNTRL
I
Modulus control input
15
DIV_OUT+
O
Divider output positive
16
DIV_OUT-
O
Divider output negative
17
RATIO_SEL
I
Ratio select
18
GND_DIV
Supply
Ground divider section
19
TXOSC+
O
Transmit oscillator monitor output positive
20
TXOSC-
O
Transmit oscillator monitor output negative
21
VCC_TXOSC
Supply
Transmit oscillator supply voltage
22
GND_RX
Supply
Ground
23
RXVCOIN
I
Input buffer for 1GHz VCO signal from ACE9010
24
n.c.
-
No connection
25
VCC_RX
Supply
Receiver section supply voltage
26
n.c.
-
No connection
27
n.c.
-
No connection
28
VCC
Supply
ON/OFF logic supply voltage
PIN Connections
Characteristic
Min
Typ
Max
Unit
Supply Currents
Sleep PD1 = 0, PD2 = 0
0.11
mA
Standby PD1 = 1, PD2 = 0
6
8
mA
Transmit Set Up PD1 = 0, PD2 = 1
36
51
mA
Duplex PD1 = 1, PD2 = 1
48
63
mA
Input Levels
PD1, PD2
High
1.9
3.1
V
PD1, PD2
Low
0
0.5
V
Mod Cntrl
High
Vcc/2 + 0.3
Vcc
V
Mod Cntrl
Low
0
Vcc/2 - 0.3
V
Ratio Sel
High
0.6Vcc
Vcc
V
Ratio Sel
Low
0
0.4Vcc
V
Input Currents
PD1, PD2
High
40
µA
PD1, PD2
Low
-0.1
0.1
µA
DC Characteristics
Electrical Characteristics
These characteristics apply over these ranges of conditions (unless otherwise stated):
T
AMB = – 30
°C to + 85°C, V
CC = 3.75
± 0.15V or 4.85 ± 0.15V (see fig. 3 for test circuit).


Podobny numer części - ACE9020NP1S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mitel Networks Corporat...
ACE9020 MITEL-ACE9020 Datasheet
187Kb / 7P
   Receiver and Transmitter Interface
ACE9020 MITEL-ACE9020 Datasheet
379Kb / 39P
   Radio Interface and Twin Synthesiser
More results

Podobny opis - ACE9020NP1S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mitel Networks Corporat...
ACE9020 MITEL-ACE9020 Datasheet
187Kb / 7P
   Receiver and Transmitter Interface
logo
Texas Instruments
DIX4192IPFBG4 TI1-DIX4192IPFBG4 Datasheet
1Mb / 64P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
DIX4192 BURR-BROWN-DIX4192 Datasheet
806Kb / 60P
   Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
DIX4192 TI1-DIX4192_16 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1_17 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
logo
Logic Fruit Technologie...
JESD204C LFTECH-JESD204C Datasheet
640Kb / 3P
   Transmitter and Receiver
JESD204B LFTECH-JESD204B Datasheet
422Kb / 3P
   Transmitter and Receiver
logo
Exar Corporation
XR-T3588 EXAR-XR-T3588 Datasheet
190Kb / 12P
   V.35 Interface Receiver/Transmitter
logo
TEMIC Semiconductors
U2532B TEMIC-U2532B Datasheet
83Kb / 10P
   IR Transmitter and Receiver
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com