Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U10C05 Arkusz danych(PDF) 1 Page - Mospec Semiconductor

Numer części U10C05
Szczegółowy opis  Switchmode Dual Ultrafast Power Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOSPEC [Mospec Semiconductor]
Strona internetowa  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

U10C05 Arkusz danych(HTML) 1 Page - Mospec Semiconductor

  U10C05 Datasheet HTML 1Page - Mospec Semiconductor U10C05 Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOSPEC
U10C05 thru U10C20
Switchmode
Dual Ultrafast Power Rectifiers
-- Designed for use in switching power supplies inverters and as free
wheeling diodes.
These state-of-the-art devices have the following
features:
*High Surge Capacity
*Low Power Loss, High efficiency
*Glass Passivated chip junctions
*150
OC Operating Junction Temperature
*Low Stored Charge Majority Carrier Conduction
*Low Forward Voltage, High Current Capability
*High-Switching Speed 35 Nanosecong Recovery Time
*Plastic Material used Carries Underwriters Laboratory
Flammability Classification 94V-O
MAXIMUM RATINGS
Characteristic
Symbol U10C05 U10C10
U10C15 U10C20
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
150
200
V
RMS Reverse Voltage
VR(RMS)
35
70
105
140
V
Average Rectifier Forward Current
Total Device (Rated VR), TC=100℃
IF(AV)
5.0
10
A
Peak Repetitive Forward Current
(Rate VR, Square Wave, 20kHz)
IFM
10
A
Non-Repetitive Peak Surge Current
(Surge applied at rate load conditions
halfware, single phase, 60Hz)
IFSM
100
A
Operating and Storage Junction
Temperature Range
TJ , Tstg
-65 to +150
ELECTRIAL CHARACTERISTICS
Characteristic
Symbol U10C05 U10C10
U10C15 U10C20
Unit
Maximum Instantaneous Forward Voltage
( IF =5.0 Amp TC = 25℃)
( IF =5.0 Amp TC = 125℃)
VF
0.975
0.880
V
Maximum Instantaneous Reverse Current
( Rated DC Voltage, TC = 25℃)
( Rated DC Voltage, TC = 125℃)
IR
5.0
200
uA
Reverse Recovery Time
( IF = 0.5 A, IR =1.0 , Irr =0.25 A )
Trr
35
ns
Typical Junction Capacitance
(Reverse Voltage of 4 volts & f=1 MHz)
CP
55
PF
ULTRA FAST
RECTIFIERS
10 AMPERES
50-200 VOLTS
TO-220AB
MILLIMETERS
DIM
MIN
MAX
A
14.68
15.32
B
9.78
10.42
C
6.02
6.52
D
13.06
14.62
E
3.57
4.07
F
2.42
2.66
G
1.12
1.36
H
0.72
0.96
I
4.22
4.98
J
1.14
1.38
K
2.20
2.98
L
0.33
0.55
M
2.48
2.98
O
3.70
3.90


Podobny numer części - U10C05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Chenmko Enterprise Co. ...
U10C05PT CHENMKO-U10C05PT Datasheet
73Kb / 2P
   ULTRA FAST RECTIFIER
More results

Podobny opis - U10C05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
URF1670 MOSPEC-URF1670 Datasheet
177Kb / 2P
   Switchmode Dual Ultrafast Power Rectifiers
U10C30 MOSPEC-U10C30 Datasheet
191Kb / 2P
   Switchmode Dual Ultrafast Power Rectifiers
U30C05 MOSPEC-U30C05 Datasheet
173Kb / 2P
   Switchmode Dual Ultrafast Power Rectifiers
URF1230 MOSPEC-URF1230 Datasheet
199Kb / 2P
   Switchmode Full Plastic Dual Ultrafast Power Rectifiers
URF1605 MOSPEC-URF1605 Datasheet
190Kb / 2P
   Switchmode Full Plastic Dual Ultrafast Power Rectifiers
URAF0870 MOSPEC-URAF0870 Datasheet
149Kb / 2P
   Switchmode Full Plastic Dual Ultrafast Power Rectifiers
URF1005 MOSPEC-URF1005 Datasheet
174Kb / 2P
   Switchmode Full Plastic Dual Ultrafast Power Rectifiers
URF1030 MOSPEC-URF1030 Datasheet
145Kb / 2P
   Switchmode Full Plastic Dual Ultrafast Power Rectifiers
URF0605 MOSPEC-URF0605 Datasheet
180Kb / 2P
   Switchmode Full Plastic Dual Ultrafast Power Rectifiers
URF1205 MOSPEC-URF1205 Datasheet
174Kb / 2P
   Switchmode Full Plastic Dual Ultrafast Power Rectifiers
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com