Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS1528ACKAE3 Arkusz danych(PDF) 1 Page - Gennum Corporation

Numer części GS1528ACKAE3
Szczegółowy opis  GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GENNUM [Gennum Corporation]
Strona internetowa  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1528ACKAE3 Arkusz danych(HTML) 1 Page - Gennum Corporation

  GS1528ACKAE3 Datasheet HTML 1Page - Gennum Corporation GS1528ACKAE3 Datasheet HTML 2Page - Gennum Corporation GS1528ACKAE3 Datasheet HTML 3Page - Gennum Corporation GS1528ACKAE3 Datasheet HTML 4Page - Gennum Corporation GS1528ACKAE3 Datasheet HTML 5Page - Gennum Corporation GS1528ACKAE3 Datasheet HTML 6Page - Gennum Corporation GS1528ACKAE3 Datasheet HTML 7Page - Gennum Corporation GS1528ACKAE3 Datasheet HTML 8Page - Gennum Corporation GS1528ACKAE3 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.gennum.com
GS1528A / GS9068A HD-LINX® II
Multi-Rate Dual Slew-Rate Cable Driver
GS1528A / GS9068A Data Sheet
30953 - 4
January 2006
1 of 16
Features
GS1528A
SMPTE 292M, SMPTE 344M and SMPTE 259M
compliant
Dual coaxial cable driving outputs with selectable
slew rate
•50
Ω differential PECL input
Pb-free and RoHS compliant
Pin compatible with GS9068A HD-LINX II SD SDI
cable driver
Seamless interface to other HD-LINX II family
products
Single 3.3V power supply operation
Operating temperature range: 0°C to 70°C
GS9068A
SMPTE 259M and SMPTE 344M compliant
Dual coaxial cable driving outputs
•50
Ω differential PECL input
Pb-free and RoHS compliant
Pin compatible with GS1528A HD-LINX II multirate
SDI dual slew-rate cable driver
Seamless interface to other HD-LINX II family
products
Single 3.3V power supply operation
Operating temperature range: 0°C to 70°C
Applications
GS1528A
SMPTE 292M, SMPTE 344M and SMPTE 259M
Coaxial Cable Serial Digital Interfaces.
GS9068A
SMPTE 259M and SMPTE 344M Coaxial Cable
Serial Digital Interfaces.
Description
The GS1528A/9068A is a second generation
high-speed BiCMOS integrated circuit designed to drive
one or two 75
Ω co-axial cables.
The GS1528A may drive data rates up to 1.485Gb/s
and provides two selectable slew rates in order to
achieve compliance to SMPTE 259M, SMPTE 344M
and SMPTE 292M.
The GS9068A may drive data rates up to 540Mb/s and
will achieve compliance to SMPTE 259M and SMPTE
344M.
The GS1528A/9068A accepts a LVPECL level
differential input that may be AC coupled. External
biasing resistors at the inputs are not required.
Power consumption is typically 168mW using a 3.3V
power supply.
The GS1528A/9068A is Pb-free, and the encapsulation
compound does not contain halogenated flame
retardant.
This component and all homogeneous subcomponents
are RoHS compliant.


Podobny numer części - GS1528ACKAE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS1528ACKAE3 GENNUM-GS1528ACKAE3 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
More results

Podobny opis - GS1528ACKAE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS1578A GENNUM-GS1578A Datasheet
313Kb / 15P
   GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS9078A GENNUM-GS9078A Datasheet
292Kb / 14P
   GS9078A HD-LINX-R II Multi-Rate Cable Driver
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
logo
Gennum Corporation
GS1560A GENNUM-GS1560A_09 Datasheet
1Mb / 79P
   HD-LINX II Dual-Rate Deserializer
GS1560A GENNUM-GS1560A Datasheet
1Mb / 80P
   GS1560A/GS1561 HD-LINX-R II Dual-Rate Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com