Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS1578ACNE3 Arkusz danych(PDF) 6 Page - Gennum Corporation

Numer części GS1578ACNE3
Szczegółowy opis  GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GENNUM [Gennum Corporation]
Strona internetowa  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1578ACNE3 Arkusz danych(HTML) 6 Page - Gennum Corporation

Back Button GS1578ACNE3 Datasheet HTML 2Page - Gennum Corporation GS1578ACNE3 Datasheet HTML 3Page - Gennum Corporation GS1578ACNE3 Datasheet HTML 4Page - Gennum Corporation GS1578ACNE3 Datasheet HTML 5Page - Gennum Corporation GS1578ACNE3 Datasheet HTML 6Page - Gennum Corporation GS1578ACNE3 Datasheet HTML 7Page - Gennum Corporation GS1578ACNE3 Datasheet HTML 8Page - Gennum Corporation GS1578ACNE3 Datasheet HTML 9Page - Gennum Corporation GS1578ACNE3 Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
GS1578A Data Sheet
33657 - 4
March 2006
6 of 15
2.4 AC Electrical Characteristics
Table 2-2: AC Electrical Characteristics
VDD = 3.3V, TA = 0°C to 70°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Serial input data rate
DRSDO
1.485
Gb/s
1
Additive jitter
1.485Gb/s
22
psp-p
270Mb/s
20
psp-p
Rise/Fall time
tr, tf
SD/HD=0
220
ps
2
tr, tf
SD/HD=1
400
800
ps
2
Mismatch in rise/fall time
tr, tf
–30ps
Duty cycle distortion
SD/HD=0
30
ps
–SD/HD=1
100
ps
Overshoot
SD/HD=0
10
%
–SD/HD=1
8
%
Output Return Loss
ORL
15
dB
Output Voltage Swing
VOUT
Single Ended into 75
Ω
external load
RSET = 750Ω
750
800
850
mVp-p
Input Voltage Swing
VSDI
Differential
300
2000
mVp-p
NOTES:
1. The input coupling capacitor must be set accordingly for lower data rates.
2. Rise/Fall time measured between 20% and 80%.


Podobny numer części - GS1578ACNE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS1578ACNE3 GENNUM-GS1578ACNE3 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
More results

Podobny opis - GS1578ACNE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A Datasheet
558Kb / 16P
   GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS9078A GENNUM-GS9078A Datasheet
292Kb / 14P
   GS9078A HD-LINX-R II Multi-Rate Cable Driver
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
logo
Gennum Corporation
GS1560A GENNUM-GS1560A_09 Datasheet
1Mb / 79P
   HD-LINX II Dual-Rate Deserializer
GS1560A GENNUM-GS1560A Datasheet
1Mb / 80P
   GS1560A/GS1561 HD-LINX-R II Dual-Rate Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com