Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS8000 Arkusz danych(PDF) 8 Page - Gennum Corporation

Numer części GS8000
Szczegółowy opis  DVI / HDMI Extender
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GENNUM [Gennum Corporation]
Strona internetowa  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS8000 Arkusz danych(HTML) 8 Page - Gennum Corporation

Back Button GS8000 Datasheet HTML 4Page - Gennum Corporation GS8000 Datasheet HTML 5Page - Gennum Corporation GS8000 Datasheet HTML 6Page - Gennum Corporation GS8000 Datasheet HTML 7Page - Gennum Corporation GS8000 Datasheet HTML 8Page - Gennum Corporation GS8000 Datasheet HTML 9Page - Gennum Corporation GS8000 Datasheet HTML 10Page - Gennum Corporation GS8000 Datasheet HTML 11Page - Gennum Corporation GS8000 Datasheet HTML 12Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
GS8000 Data Sheet
Proprietary and Confidential
25544 - 3
May 2005
8 of 16
Figure 2-1: Typical Additive Jitter vs. Cable Length
Differential Signal Output — Clock Channel
Serial Output Data Rate
25
165
MHz
Serial Output Rise/Fall Time
tr, tf
20% ~ 80%
145
ps
6,7,9
Mismatch in Rise/Fall Time
5
%
7
Duty-Cycle Distortion
2
%
7
Differential Output Signal Swing
Range
∆VTXC
RLOAD = 100Ω
Range controlled using
external resistor
200
2000
mV
2
TEST LEVELS
1. Production test at room temperature and nominal supply voltage with
guardbands for supply and temperature ranges.
2. Production test at room temperature and nominal supply voltage with
guardbands for supply and temperature ranges using correlated test.
3. Production test at room temperature and nominal supply voltage.
4. QA sample test.
5. Calculated result based on Level 1, 2, or 3.
6. Not tested. Guaranteed by design simulations.
7. Not tested. Based on characterization of nominal parts.
8. Not tested. Based on existing design/characterization data of similar
product.
9. Indirect test.
NOTES
1. Includes pin and bonding parasitics.
2. See Typical Additive Jitter vs. Cable Length graph below
3. Based on Gennum’s characterization board
Table 2-3: AC Electrical Characteristics (Continued)
VDD = 3.0V to 3.6V, TA = 0°C to 70°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Test
Level
Notes
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
10
20
30
252 Mb/s
379 Mb/s
650 Mb/s
1080 Mb/s
1650 Mb/s
Cable Length (m)
Jitter
(UI)


Podobny numer części - GS8000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
GS8000 ETC1-GS8000 Datasheet
4Mb / 4P
   Increase package design flexibility while maintaining electrical integrity
GS8000-03X ETC1-GS8000-03X Datasheet
4Mb / 4P
   Increase package design flexibility while maintaining electrical integrity
GS8000-063 ETC1-GS8000-063 Datasheet
4Mb / 4P
   Increase package design flexibility while maintaining electrical integrity
GS8000-095 ETC1-GS8000-095 Datasheet
4Mb / 4P
   Increase package design flexibility while maintaining electrical integrity
GS8000-126 ETC1-GS8000-126 Datasheet
4Mb / 4P
   Increase package design flexibility while maintaining electrical integrity
More results

Podobny opis - GS8000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX3816A MAXIM-MAX3816A Datasheet
349Kb / 18P
   I2C 2-Wire Extender for DDC in DVI, HDMI, and VGA Interfaces
19-4109; Rev 0; 7/08
logo
National Semiconductor ...
DS16EV51-AEVKH NSC-DS16EV51-AEVKH_14 Datasheet
203Kb / 7P
   HDMI Extender Demo Kit for HDMI Cables
logo
Tripp Lite. All Rights ...
P132-000 TRIPPLITE-P132-000 Datasheet
168Kb / 2P
   DVI to HDMI Cable Adapter (DVI-D to HDMI F/M)
P130-000 TRIPPLITE-P130-000 Datasheet
165Kb / 2P
   HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
logo
Analog Devices
ADV3003 AD-ADV3003 Datasheet
771Kb / 16P
   HDMI/DVI TMDS Equalizer
REV. 0
ADV3003 AD-ADV3003_17 Datasheet
766Kb / 16P
   HDMI/DVI TMDS Equalizer
logo
List of Unclassifed Man...
ASM1442 ETC2-ASM1442 Datasheet
366Kb / 18P
   HDMI/DVI Level Shifter
logo
Tripp Lite. All Rights ...
P130000 TRIPPLITE-P130000 Datasheet
504Kb / 2P
   HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P132000 TRIPPLITE-P132000 Datasheet
501Kb / 2P
   DVI to HDMI Cable Adapter (DVI-D to HDMI F-M)
logo
Level One
HVE-9005 LVL1-HVE-9005 Datasheet
863Kb / 3P
   HDMI over Cat.5 Extender kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com