Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MSAU211 Arkusz danych(PDF) 4 Page - Total Power International

Numer części MSAU211
Szczegółowy opis  1 Watts Ultra Miniature SMD DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOTAL-POWER [Total Power International]
Strona internetowa  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MSAU211 Arkusz danych(HTML) 4 Page - Total Power International

  MSAU211 Datasheet HTML 1Page - Total Power International MSAU211 Datasheet HTML 2Page - Total Power International MSAU211 Datasheet HTML 3Page - Total Power International MSAU211 Datasheet HTML 4Page - Total Power International MSAU211 Datasheet HTML 5Page - Total Power International MSAU211 Datasheet HTML 6Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Infra-Red Soldering
Vapour Phase Soldering
with Pre-Heating
NOTE:
1. Specifications typical at Ta=+25],resistive load,nominal input voltage,rated output current unless otherwise noted.
2. Other input and output voltage may be available,Please contact factory.
3. Specifications subject to change without notice.
MSAU200 Series
50
75
100
125
150
250
225
200
175
25
0
0
50
100
150
200
245
300
Time ( Seconds )
180
215
260
280
2 OC / S
130 OC
10S
10S
40S
Min.
Typ.
Max.
50
75
100
125
150
250
225
200
175
25
0
0
50
100
150
200
250
300
Time ( Seconds )
180
215
Max. 2 OC / S
External Preheating
20...40S
Forced
Cooling
Typ.
Max.
Internal Preheating
( By Second Vapour )
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-4-


Podobny numer części - MSAU211

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Minmax Technology Co., ...
MSAU211 MINMAX-MSAU211 Datasheet
243Kb / 8P
   1W, Miniature SMD, Dual Output DC/DC Converters
MSAU211 MINMAX-MSAU211 Datasheet
268Kb / 4P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
logo
Total Power Internation...
MSAU211 TOTAL-POWER-MSAU211 Datasheet
409Kb / 4P
   SMD Package with Industry Standard Pinout
More results

Podobny opis - MSAU211

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Total Power Internation...
MSAU100 TOTAL-POWER-MSAU100 Datasheet
184Kb / 6P
   MSAU100 SERIES 1 WATT ULTRA MINIATURE SMD DC/DC CONVERTERS SINGLE OUTPUT
logo
MicroPower Direct, LLC
I500RU MPD-I500RU Datasheet
165Kb / 2P
   4:1 Input, 5W Ultra-Miniature DC/DC Converters
MH600RU MPD-MH600RU Datasheet
417Kb / 2P
   Wide 4:1 Input Ultra-Miniature, 6W DC/DC Converters
I1500RW MPD-I1500RW Datasheet
213Kb / 2P
   Ultra-Miniature 15W Wide 2:1 Input Range DC/DC Converters
D200RU MPD-D200RU Datasheet
223Kb / 2P
   Miniature SIP, 2W Ultra-Wide 4:1 Input DC/DC Converters
I2000RW MPD-I2000RW Datasheet
230Kb / 2P
   Ultra-Miniature 20W Wide 2:1 Input Range DC/DC Converters
MH200RW MPD-MH200RW Datasheet
400Kb / 2P
   Wide Input, 2W Ultra-Miniature DC/DC Converters
ACP100E MPD-ACP100E Datasheet
285Kb / 2P
   Low Cost, 1W Ultra-Miniature DC/DC Converters
MH300RW MPD-MH300RW Datasheet
403Kb / 2P
   Wide Input, 3W Ultra-Miniature DC/DC Converters
H100E MPD-H100E Datasheet
210Kb / 2P
   Low Cost, 1W, Ultra-Miniature DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com