Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD6C112 Arkusz danych(PDF) 2 Page - Solid State Optronic

Numer części AD6C112
Szczegółowy opis  1 Form B Solid State Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SSOUSA [Solid State Optronic]
Strona internetowa  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD6C112 Arkusz danych(HTML) 2 Page - Solid State Optronic

  AD6C112 Datasheet HTML 1Page - Solid State Optronic AD6C112 Datasheet HTML 2Page - Solid State Optronic AD6C112 Datasheet HTML 3Page - Solid State Optronic AD6C112 Datasheet HTML 4Page - Solid State Optronic AD6C112 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AD6C112
1 Form B
Solid State Relay
ELECTRICAL CHARACTERISTICS - 25°C
PARAMETER
UNIT
MIN
TYP
MAX
TEST CONDITIONS
INPUT SPECIFICATIONS
LED Forward Voltage
V
1.2
1.5
If = 10mA
LED Reverse Voltage
V
612
Ir = 10uA
Turn-On Current
m
0.5
Io = 120mA
A
Turn-Off Current
m
2.5
5
A
OUTPUT SPECIFICATIONS
Blocking Voltage
V
400
Io = 1uA
Continuous Load Current
m
120
If = 0mA
A
On-Resistance
20
35
Io = 120mA
Leakage Current
µ
0.2
1
Vo = 400V
A
Output Capacitance
p
25
50
Vo = 25V, f = 1.0MHz
F
Offset Voltage
m
0.2
If = 0mA
V
COUPLED SPECIFICATIONS
Isolation Voltage
V
2500
T = 1 minute
-H Suffix
V
3750
T = 1 minute
Turn-On Time
m
0.5
5
If = 0mA, Io = 120mA
s
Turn-Off Time
m
1
5
If = 5mA, Io = 120mA
s
Isolation Resistance
G
100
Coupled Capacitance
p
3
F
Contact Transient Ratio
V
2000
7000
dV = 50V
/
µ s
© 2004 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 2 of 5
AD6C112
rev 1.40 (10/25/2004)


Podobny numer części - AD6C112

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Solid State Optronic
AD6C111 SSOUSA-AD6C111 Datasheet
201Kb / 5P
   1 Form A Solid State Relay
AD6C111-E SSOUSA-AD6C111-E Datasheet
160Kb / 4P
   1 Form A Solid State Relay
AD6C111-L SSOUSA-AD6C111-L Datasheet
208Kb / 6P
   1 Form A Solid State Relay
AD6C111-L SSOUSA-AD6C111-L_15 Datasheet
316Kb / 9P
   High Isolation Voltage (3750VRMS)
AD6C111 SSOUSA-AD6C111_15 Datasheet
339Kb / 8P
   Low Input Control Current (1.75mA TYP)
More results

Podobny opis - AD6C112

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Solid State Optronic
M222 SSOUSA-M222 Datasheet
136Kb / 4P
   1 Form B Solid State Relay
logo
Vishay Siliconix
LH1501BAB VISHAY-LH1501BAB_11 Datasheet
120Kb / 4P
   1 Form B Solid State Relay
Rev. 1.7, 20-May-11
LH1501BT VISHAY-LH1501BT Datasheet
369Kb / 2P
   1 Form B Solid State Relay
Revision 17-August-01
logo
Solid State Optronic
M212 SSOUSA-M212 Datasheet
137Kb / 4P
   1 Form B Solid State Relay
AD6C332 SSOUSA-AD6C332 Datasheet
202Kb / 5P
   1 Form B Solid State Relay
logo
Vishay Siliconix
LH1501BA VISHAY-LH1501BA Datasheet
184Kb / 6P
   1 Form B Solid State Relay
Rev. 1.8, 13-Oct-2020
LH1501BAB VISHAY-LH1501BAB_V01 Datasheet
183Kb / 6P
   1 Form B Solid State Relay
01-Jan-2022
LH1511BAB VISHAY-LH1511BAB_11 Datasheet
116Kb / 4P
   1 Form B Solid State Relay
Rev. 1.6, 20-May-11
LH1511BAB VISHAY-LH1511BAB_V02 Datasheet
179Kb / 6P
   1 Form B Solid State Relay
01-Jan-2023
LH1511BAB VISHAY-LH1511BAB_V01 Datasheet
179Kb / 6P
   1 Form B Solid State Relay
01-Jan-2022
LH1501BT VISHAY-LH1501BT_V01 Datasheet
184Kb / 6P
   1 Form B Solid State Relay
01-Jan-2023
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com